Part Number Hot Search : 
MAX96 AC12F BC308C 40175BDM EMK12 GCM033 LM2029 TSH8009
Product Description
Full Text Search
 

To Download SL1020002-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: ms22 75004 ordering different lead types: for example: to order an inside kinked lead use part number ms22 75004- a electrical specifications: mechanical specifications: revision date: march 19, 2003 inside kinked leads use -a after ametherm?s part # outside kinked leads use -b after ametherm?s part # resistance @ 25c 75.0 ? 25% max steady state current up to 65 c 4.0 a max recommended energy rating (joules) 240.0 j actual failure point of instantaneous energy (joules) 430.0 j resistance @ 100% of max current 0.410 ? resistance @ 50% of max current 0.899 ? body temperature @ 100% current rating 169 c dissipation constant 51.8mw/c thermal time constant 122 seconds beta 3500 k max recommended capacitance @ 265vrms/440vac 3400 f/1200f d 20.0 1.0 mm t 7.0 0.7 mm lead diameter 1.0 0.1 mm s 7.8 2.0 mm l 38.0 9.0 mm straight leads coating run down 5.0 1.0 mm b 9.2 0.85 mm c 3.82 1.0 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL1020002-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X