Part Number Hot Search : 
ICM7228 UA760DM 5C3V9 UR3060 ZL50130 50010 MTM8N20 TC4042BP
Product Description
Full Text Search
 

To Download R0605250L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification R0605250L1 si reverse, low current, 5 ? 65 mhz, 25.2db typ. gain @ 65mhz, 135ma max. @ 24vdc page 1 of 4 2005 oct 26 document revision level a features ? excellent linearity ? superior return loss performance ? extremely low distortion ? optimal reliability ? low noise ? unconditionally stable under all terminations application ? 5 to 65 mhz catv amplifier for reverse channel systems description ? hybrid reverse amplifier employing silicon die limiting values in accordance with the absolute maximum rating system (iec 60134) symbol parameter min. max. unit v i rf input voltage (single tone) - 65 dbmv v ov dc supply over-voltage (5 minutes) - 30 v t stg storage temperature - 40 + 100 c t mb operating mounting base temperature - 30 + 100 c characteristics table 1: s-parameter, noise figure, dc current; v b = 24v; t mb = 30c; z s = z l = 75 ? symbol parameter conditions min. typ. max. unit f = 5 mhz 24.5 25.2 25.5 db g p power gain f = 65 mhz 24.3 25.2 db sl slope 1) f = 5 to 65 mhz -0.2 0.0 0.5 db fl flatness of frequency response f = 5 to 65 mhz - 0.2 db s 11 input return loss f = 5 to 65 mhz 20.0 - db s 22 output return loss f = 5 to 65 mhz 20.0 - db f noise figure f = 65 mhz - 2.3 3.0 db i tot total current consumption (dc) 130.0 133.0 135.0 ma notes: 1) the slope is defined as the difference between the gai n at the start frequency and the gain at the stop frequency. R0605250L1 si reverse hybrid , low current 5 ? 65 mhz 25.2db typ. gain @ 65mhz 135ma max. @ 24vdc
product specification R0605250L1 si reverse, low current, 5 ? 65 mhz, 25.2db typ. gain @ 65mhz, 135ma max. @ 24vdc page 2 of 4 2005 oct 26 document revision level a characteristics table 2: distortion data 5 ? 65 mhz; v b = 24v; t mb = 30c; z s = z l = 75 ? symbol parameter condition min. typ. max. unit ctb composite triple beat 7 ch. flat; vo = 50 dbmv 1) - - 69 dbc xmod cross modulation 7 ch. flat; vo = 50 dbmv 1) - - 59 db cso composite second order distortion 7 ch. flat; vo = 50 dbmv 1) - - 70 dbc d 2 second order distortion 2) - 71 dbc stb third order distortion 3) - - 70 db notes: 1) 7 channels, us frequency raster: t7 ? t13 (7.0 to 43.0 mhz), +50 dbmv flat output level. 2) f 1 = 7 mhz; v 1 = 50 dbmv; f 2 = 25 mhz; v 2 = 50 dbmv; f test = f 1 + f 2 = 32 mhz. 3) f 1 = 13 mhz; v 1 = 50 dbmv; f 2 = 25 mhz; v 2 = v 1 ; f 3 = 7 mhz; v 3 = v 1 ; f test = f1 + f2 - f3 = 31 mhz. composite second order (cso) the cso parameter (both sum and differ ence products) is defined by the ncta. composite triple beat (ctb) the ctb parameter is defined by the ncta. cross modulation (xmod) cross modulation (xmod) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested.
product specification R0605250L1 si reverse, low current, 5 ? 65 mhz, 25.2db typ. gain @ 65mhz, 135ma max. @ 24vdc page 3 of 4 2005 oct 26 document revision level a 123456789 input gnd gnd +vb gnd gnd output pinning: min max a44,444,8 b13,413,8 c19,920,9 d 7,85 8,15 e 12,45 12,75 f37,938,3 g 3,95 4,2 h3,84,2 i25,225,6 j-- k4,04,4 l27,027,4 m11,112,1 n5,46,2 o 0,23 0,27 p 0,42 0,48 q 2,24 2,84 r 2,04 3,04 s 2,29 2,79 t 4,83 5,33 u 4,83 5,33 nominal 44,6 0,2 13,6 0,2 20,4 0,5 8 0,15 12,6 0,15 38,1 0,2 4 0,2 25,4 0,2 4 +0,2 / -0,05 unc 6- 32 4,2 0,2 27,2 0,2 11,6 0,5 5,8 0,4 0,25 0,02 0,45 0,03 2,54 0,3 2,54 0,5 2,54 0,25 5,08 0,25 5,08 0,25 all dimensions in mm: european projection notes: 510mm 0 scale 123 5 789 r o q m 510mm 0 scale b n l f a d h ? g t s p j u i e c k
product specification R0605250L1 si reverse, low current, 5 ? 65 mhz, 25.2db typ. gain @ 65mhz, 135ma max. @ 24vdc page 4 of 4 2005 oct 26 document revision level a definitions data sheet status objective product specification this data sheet contains target or goal specifications for product development. preliminary product specification this data sheet contains prelim inary data; supplementary data may be published later. product specification this data sheet contains final product specifications. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of t he device at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limiting values for extended perio ds may affect device reliability. application information where application information is given, it is advis ory and does not form part of the specification. premier devices reserves the right to make change s without further notice to any products herein. premier devices makes no warranty representation or guarantee regarding the suitability of its products for any particular purpose, nor does premier devices assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wit hout limitation consequential or incidental damages. ?typical? parameters which may be provided in premier devices datashee ts and/or specifications c an and do vary in different applications and actual performance may vary over time. a ll operating parameters, including ?typicals? must be validated for each customer application by customers technical exper ts. premier devices does not convey any license under its patent rights nor the rights of others. premier devices pr oducts are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of t he premier devices product could create a situation where personal injury or death may occur. should buyer purchase or use premier devices products for any such unintended or unauthorized application, buyer shall indemnify and hold prem ier devices and its officers , employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, and claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that premier devices wa s negligent regarding the design or manufacture of the part. ? premier devices germany gmbh 2005 how to contact us: premier devices germany gmbh loeffelholzstrasse 20, d-90441 nuernberg, germany phone: +49 (0) 911 9411 233, fax: +49 (0) 911 9411 198, email: sales.germany@premierdevices.com , internet: http://www.premierdevices.de/


▲Up To Search▲   

 
Price & Availability of R0605250L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X