Part Number Hot Search : 
SB100 CT2245 SSF6401 1N581 CE66P7 ND32E3 SMA17 LC74760M
Product Description
Full Text Search
 

To Download PESD5V0U1BA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description ultra low capacitance bidirectional electrostatic discharge (esd) protection diodes in small surface-mounted device (smd) plastic packages designed to protect one data line from the damage caused by esd. 1.2 features 1.3 applications 1.4 quick reference data PESD5V0U1BA; pesd5v0u1bb; pesd5v0u1bl ultra low capacitance bidirectional esd protection diodes rev. 01 25 april 2007 product data sheet table 1. product overview type number package package con?guration nxp jeita PESD5V0U1BA sod323 sc-76 very small pesd5v0u1bb sod523 sc-79 ?at lead ultra small pesd5v0u1bl sod882 - leadless ultra small n bidirectional esd protection of one line n ultra low leakage current: i rm =5na n ultra low diode capacitance: c d = 2.9 pf n esd protection of up to 10 kv n iec 61000-4-2; level 4 (esd) n computers and peripherals n communication systems n audio and video equipment n portable electronics n cellular handsets and accessories n subscriber identity module (sim) card protection n 10/100/1000 ethernet n firewire n local area network (lan) equipment n high-speed data lines table 2. quick reference data t amb =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit per diode v rwm reverse standoff voltage - - 5 v c d diode capacitance f = 1 mhz; v r = 0 v - 2.9 3.5 pf
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 2 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 2. pinning information [1] the marking bar indicates the cathode. 3. ordering information 4. marking table 3. pinning pin description simpli?ed outline symbol sod323; sod523 1 cathode 1 [1] 2 cathode 2 sod882 1 cathode 1 [1] 2 cathode 2 001aab540 12 sym045 2 1 2 1 transparent top view sym045 2 1 table 4. ordering information type number package name description version PESD5V0U1BA sc-76 plastic surface-mounted package; 2 leads sod323 pesd5v0u1bb sc-79 plastic surface-mounted package; 2 leads sod523 pesd5v0u1bl - leadless ultra small plastic package; 2 terminals; body 1.0 0.6 0.5 mm sod882 table 5. marking codes type number marking code PESD5V0U1BA aa pesd5v0u1bb b3 pesd5v0u1bl an
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 3 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 5. limiting values [1] device stressed with ten non-repetitive esd pulses. [2] measured from pin 1 to pin 2. table 6. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit per device t j junction temperature - 150 c t amb ambient temperature - 65 +150 c t stg storage temperature - 65 +150 c table 7. esd maximum ratings symbol parameter conditions min max unit per diode v esd electrostatic discharge voltage iec 61000-4-2 (contact discharge) [1] [2] -10kv mil-std-883 (human body model) -8kv table 8. esd standards compliance standard conditions per diode iec 61000-4-2; level 4 (esd) > 15 kv (air); > 8 kv (contact) mil-std-883; class 3 (human body model) > 4 kv fig 1. esd pulse waveform according to iec 61000-4-2 001aaa631 i pp 100 % 90 % t 30 ns 60 ns 10 % t r = 0.7 ns to 1 ns
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 4 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 6. characteristics table 9. characteristics t amb =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit per diode v rwm reverse standoff voltage - - 5 v i rm reverse leakage current v rwm = 5 v - 5 100 na v br breakdown voltage i r = 5 ma 5.5 7 9.5 v c d diode capacitance f=1mhz v r = 0 v - 2.9 3.5 pf v r = 5 v - 1.9 - pf r dif differential resistance i r = 1 ma - - 100 w f = 1 mhz; t amb =25 c fig 2. diode capacitance as a function of reverse voltage; typical values fig 3. v-i characteristics for a bidirectional esd protection diode v r (v) 05 4 23 1 006aab036 2.2 2.6 3.0 c d (pf) 1.8 006aaa676 - v cl - v br - v rwm v cl v br v rwm - i rm i rm - i r i r - i pp i pp - +
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 5 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes fig 4. esd clamping test setup and waveforms 006aab037 50 w r z c z dut (device under test) gnd gnd 450 w rg 223/u 50 w coax esd tester iec 61000-4-2 network c z = 150 pf; r z = 330 w 4 ghz digital oscilloscope 10 attenuator gnd gnd unclamped +8 kv esd pulse waveform (iec 61000-4-2 network) clamped +8 kv esd pulse waveform (iec 61000-4-2 network) pin 1 to 2 unclamped - 8 kv esd pulse waveform (iec 61000-4-2 network) clamped - 8 kv esd pulse waveform (iec 61000-4-2 network) pin 1 to 2 vertical scale = 10 a/div horizontal scale = 15 ns/div vertical scale = 10 a/div horizontal scale = 15 ns/div vertical scale = 10 v/div horizontal scale = 100 ns/div vertical scale = 10 v/div horizontal scale = 100 ns/div
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 6 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 7. application information the pesd5v0u1bx series is designed for the bidirectional protection of one signal line from the damage caused by esd pulses. the pesd5v0u1bx series may be used on lines where the signal polarities are either positive or negative with respect to ground. circuit board layout and protection device placement circuit board layout is critical for the suppression of esd, electrical fast transient (eft) and surge transients. the following guidelines are recommended: 1. place the pesd5v0u1bx as close to the input terminal or connector as possible. 2. the path length between the pesd5v0u1bx and the protected line should be minimized. 3. keep parallel signal paths to a minimum. 4. avoid running protected conductors in parallel with unprotected conductors. 5. minimize all printed-circuit board (pcb) conductive loops including power and ground loops. 6. minimize the length of the transient return path to ground. 7. avoid using shared transient return paths to a common ground point. 8. ground planes should be used whenever possible. for multilayer pcbs, use ground vias. fig 5. bidirectional protection of one line 006aab038 pesd5v0u1bx gnd signal line
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 7 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 8. package outline fig 6. package outline sod323 (sc-76) fig 7. package outline sod523 (sc-79) fig 8. package outline sod882 03-12-17 dimensions in mm 0.25 0.10 0.45 0.15 2.7 2.3 1.8 1.6 0.40 0.25 1.1 0.8 1.35 1.15 1 2 02-12-13 dimensions in mm 1.65 1.55 1.25 1.15 0.17 0.11 0.34 0.26 0.65 0.58 0.85 0.75 1 2 03-04-17 dimensions in mm 0.55 0.47 0.65 0.62 0.55 0.50 0.46 cathode marking on top side 1.02 0.95 0.30 0.22 0.30 0.22 2 1
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 8 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 9. packing information [1] for further information and the availability of packing methods, see section 13 . 10. soldering table 10. packing methods the indicated -xxx are the last three digits of the 12nc ordering code. [1] type number package description packing quantity 3000 8000 10000 PESD5V0U1BA sod323 4 mm pitch, 8 mm tape and reel -115 - -135 pesd5v0u1bb sod523 2 mm pitch, 8 mm tape and reel - -315 - 4 mm pitch, 8 mm tape and reel -115 - -135 pesd5v0u1bl sod882 2 mm pitch, 8 mm tape and reel - - -315 dimensions in mm fig 9. re?ow soldering footprint sod323 (sc-76) dimensions in mm fig 10. wave soldering footprint sod323 (sc-76) msa433 1.65 0.50 (2 ) 2.10 1.60 2.80 0.60 3.05 0.50 0.95 solder lands solder resist occupied area solder paste msa415 1.40 4.40 5.00 1.20 2.75 preferred transport direction during soldering solder lands solder resist occupied area
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 9 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes re?ow soldering is the only recommended soldering method. dimensions in mm fig 11. re?ow soldering footprint sod523 (sc-79) re?ow soldering is the only recommended soldering method. dimensions in mm fig 12. re?ow soldering footprint sod882 mgs343 1.80 1.90 0.30 0.40 0.50 1.20 0.60 2.15 solder lands solder resist occupied area solder paste mbl872 1.30 0.30 r = 0.05 (8 ) r = 0.05 (8 ) 0.60 (2 ) 0.70 (2 ) 0.80 (2 ) 0.90 0.30 (2 ) 0.40 (2 ) 0.50 (2 ) solder lands solder resist occupied area solder paste
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 10 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 11. revision history table 11. revision history document id release date data sheet status change notice supersedes PESD5V0U1BA_bb_bl_1 20070425 product data sheet - -
PESD5V0U1BA_bb_bl_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 april 2007 11 of 12 nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes 12. legal information 12.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 12.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 12.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 12.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 13. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors PESD5V0U1BA/bb/bl ultra low capacitance bidirectional esd protection diodes ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 25 april 2007 document identifier: PESD5V0U1BA_bb_bl_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 14. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 application information. . . . . . . . . . . . . . . . . . . 6 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 9 packing information. . . . . . . . . . . . . . . . . . . . . . 8 10 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 11 revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 12 legal information. . . . . . . . . . . . . . . . . . . . . . . 11 12.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 11 12.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 13 contact information. . . . . . . . . . . . . . . . . . . . . 11 14 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


▲Up To Search▲   

 
Price & Availability of PESD5V0U1BA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X