Part Number Hot Search : 
C24FJ64G LCD1602A 1N1616A FOD4216S M54992 M41ST KJ04BB 2C100
Product Description
Full Text Search
 

To Download P600A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  P600A ... p600u P600A ... p600u silicon rectifier diodes C silizium-gleichrichterdioden version 2011-07-15 dimensions - ma?e [mm] nominal current nennstrom 6 a repetitive peak reverse voltage periodische spitzensperrspannung 50...1400 v plastic case kunststoffgeh?use ? 8 x 7.5 [mm] p600 style weight approx. gewicht ca. 1.3 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] P600A 50 50 p600b 100 100 p600d 200 200 p600g 400 400 p600j 600 600 p600k 800 800 p600m 1000 1000 p600s 1200 1200 p600u 1400 1400 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 50c i fav 6 a 1 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 60 a 1 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 400/450 a rating for fusing, grenzlastintegral, t < 10 ms t a = 25c i 2 t 800 a 2 s junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+175c -50...+175c 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 type ? 0.05 1.2 ? 0.1 8 7 , 5 0 . 1 6 2 . 5 0 . 5
P600A ... p600u characteristics kennwerte forward voltage C durchlass-spannung t j = 25c i f = 5 a v f < 1.0 v leakage current C sperrstrom t j = 25c v r = v rrm i r < 25 a thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 20 k/w 1 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 4 k/w 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag 120 100 80 60 40 20 0 [%] i fav rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 [c] t a 150 100 50 0 forward characteristics (typical values) durchlasskennlinien (typische werte) 10 10 10 1 10 3 2 -1 [a] i f 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 t = 25c j t = 125c j 400a-(5a-1v) peak forward surge current versus number of cycles at 50 hz durchlass-spitzenstrom in abh. von der zahl der halbwellen bei 50 hz 10 10 10 3 2 [a] ? f 1 10 10 [n] 10 2 3


▲Up To Search▲   

 
Price & Availability of P600A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X