Part Number Hot Search : 
SS310 SLDSE1 EFM32 RPS12 NTE7018 00005 R2110 MAZ8180G
Product Description
Full Text Search
 

To Download OSV6YL5111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver a.0 5 5 m m m m v v i i o o l l e e t t l l e e d d OSV6YL5111A features outline dimension high luminous leds 5mm standard directivity superior weather-resistance uv resistant epoxy water clear type applications automotive dashboard lighting money detector back lighting other lighting 6ojunn 5pmfsbodf nn     .*/   .*/    "/0%& $"5)0%& absolute maximum rating (ta=25 

directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 114 mw operating temperature topr -30 ~ +85 
storage temperature tstg -40 ~ +100 
lead soldering temperature tsol 260 
/5sec  *pulse width max.10ms duty ratio max 1/10             electrical -optical charac teristics (ta=25 

item symbol condition min. typ. max. 6oju dc forward voltage v f i f =20ma 3.0 3.4 3.8 v dc reverse current i r v r =5v - - 10 a peak wavelength p i f =20ma 410 415 420 nm radiant flux*  f i f =20ma 2.0 5.0 6.0 mw 50% power angle 2 1/2 i f =20ma - 15 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of radiant flux is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSV6YL5111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X