Part Number Hot Search : 
F08A30PT CO55CC LM3S8 S0400 BZX84C11 BU2508A 3AV2C BU306
Product Description
Full Text Search
 

To Download MTC3585G6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 1/8 MTC3585G6 cystek product specification n- and p-channel enhancement mode power mosfet MTC3585G6 description the MTC3585G6 consists of a n-channel and a p- channel enhancement-mode mosfet in a single tsop-6 package, providing the designer with the be st combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the tsop-6 package is universally preferred for a ll commercial-industrial surface mount applications. features ? simple drive requirement ? low gate charge ? low on-resistance ? fast switching speed ? pb-free package equivalent circuit outline MTC3585G6 tsop-6 d2 s1 d1 g gate s source d drain g1 g2 s2 www.datasheet.co.kr datasheet pdf - http://www..net/
cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 2/8 MTC3585G6 cystek product specification absolute maximum ratings (ta=25 c) limits parameter symbol n-channel p-channel unit drain-source breakdown voltage bv dss 20 -20 v gate-source voltage v gs 12 12 v continuous drain current @t a =25 c (note 1) i d 3.5 -2.5 a continuous drain current @t a =70 c (note 1) i d 2.8 -1.97 a pulsed drain current (note 2) i dm 10 -10 a pd 1.14 w total power dissipation (note 1) linear derating factor 0.01 w / c operating junction and storage temperature tj, tstg -55~+150 c thermal resistance, junction-to-ambient (note 1) rth,ja 110 c/w note : 1.surface mounted on 1 in2 copper pad of fr-4 board, t 5 sec; 180 c/w when mounted on minimum copper pad 2. pulse width limited by maximum junction temperature n-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 20 - - v v gs =0, i d =250 a ? bv dss / ? tj - 0.02 - v/ c reference to 25c, i d =1ma v gs(th) 0.5 - 1.2 v v ds =v gs , i d =250 a i gss - - 100 na v gs =12v, v ds =0 i dss - - 1 a v ds =20v, v gs =0 i dss - - 10 a v ds =16v, v gs =0, tj=70c - - 75 i d =3.5a, v gs =4.5v *r ds(on) - - 125 m i d =1.2a, v gs =2.5v *g fs - 7 - s v ds =5v, i d =3a dynamic ciss - 230 370 coss - 55 - crss - 40 - pf v ds =20v, v gs =0, f=1mhz *t d(on) - 6 - *t r - 8 - *t d(off) - 10 - *t f - 3 - ns v ds =15v, i d =1a, v gs =5v, r g =3.3 , r d =15 *qg - 4 7 *qgs - 0.7 - *qgd - 2 - nc v ds =16v, i d =3a, v gs =4.5v rg - 1.1 1.7 f=1mhz source-drain diode *v sd - - 1.2 v v gs =0v, i s =1.2a *trr - 16 - ns *qrr - 8 - nc i s =3a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% www.datasheet.co.kr datasheet pdf - http://www..net/
cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 3/8 MTC3585G6 cystek product specification p-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss -20 - - v v gs =0, i d =-250 a ? bv dss / ? tj - -0.01 - v/ c reference to 25c, i d =-1ma v gs(th) - - -1.2 v v ds =v gs , i d =-250 a i gss - - 100 na v gs =12v, v ds =0 i dss - - -1 a v ds =-20v, v gs =0 i dss - - -25 a v ds =-16v, v gs =0, tj=70 c - - 120 i d =-2.8a, v gs =-10v - - 160 i d =-2.5a, v gs =-4.5v *r ds(on) - - 300 m i d =-2a, v gs =-2.5v *g fs - 4 - s v ds =-5v, i d =-2a dynamic ciss - 270 430 coss - 70 - crss - 55 - pf v ds =-20v, v gs =0, f=1mhz *t d(on) - 6 - *t r - 17 - *t d(off) - 16 - *t f - 5 - ns v ds =-10v, i d =-1a, v gs =-10v, r g =3.3 , r d =10 *qg - 5 8 *qgs - 1 - *qgd - 2 - nc v ds =-16v, i d =-2a, v gs =-4.5v source-drain diode *v sd - - -1.2 v v gs =0v, i s =-1.2a *trr - 20 - ns *qrr - 15 - nc i s =-2a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% www.datasheet.co.kr datasheet pdf - http://www..net/
cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 4/8 MTC3585G6 cystek product specification n-channel characteristic curves www.datasheet.co.kr datasheet pdf - http://www..net/
cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 5/8 MTC3585G6 cystek product specification n-channel characteri stic curves(cont.) www.datasheet.co.kr datasheet pdf - http://www..net/
cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 6/8 MTC3585G6 cystek product specification p-channel characteristic curves www.datasheet.co.kr datasheet pdf - http://www..net/
cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 7/8 MTC3585G6 cystek product specification p-channel characteristic cur ves(cont.) www.datasheet.co.kr datasheet pdf - http://www..net/
cystech electronics corp. spec. no. : c416g6 issued date : 2007.07.13 revised date :2009.03.16 page no. : 8/8 MTC3585G6 cystek product specification tsop-6 dimension inches millimeters inches millimeters dim min. max. min. max. marking: style: pin 1. gate1 (g1) pin 2. source2 (s2) pin 3. gate2 (g2) pin 4. drain2 (d2) pin 5. source1 (s1) pin 6. drain1 ( d1 ) 3585 device name date code 6-lead tsop-6 plastic surface mounted package cystek package code: g6 dim min. max. min. max. a 0.1063 0.1220 2.70 3.10 g 0 0.0039 0 0.10 b 0.1024 0.1181 2.60 3.00 h - 0.0098 - 0.25 c 0.0551 0.0709 1.40 1.80 i 0.0047 ref 0.12 ref d 0.0748 ref 1.90 ref j 0.0177 ref 0.45 ref d1 0.0374 ref 0.95 ref k 0.0236 ref 0.60 ref d2 0.0374 ref 0.95 ref l 0 10 0 10 e 0.0118 0.0197 0.30 0.50 m - 0.0433 - 1.10 f 0.0276 0.0394 0.70 1.00 notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : 42 alloy ; pure tin plated ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of MTC3585G6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X