Part Number Hot Search : 
LV8011V C4020 C3299 C3299 J01400 1514S 1608X7 1N4761
Product Description
Full Text Search
 

To Download MBRF1035CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbrf1030ct thru mbrf10100ct isolation 10.0 amps. schottky barrier rectifiers voltage range 30 to 100 volts current 10.0 amperes features ? plastic material used carries underwriters laboratory classifications 94v-0 ? metal silicon junction, ma jority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? high surge capability ? for use in low voltage, high frequency inverters, free wheeling, and polarity pr otection applications ? guardring for overvoltage protection ? high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data ? cases: ito-220ab molded plastic ? terminals: leads solderable per mil-std-750, method 2026 ? polarity: as marked ? mounting position: any ? mounting torque: 5 in. - lbs. max ? weight: 0.08 ounce, 2.24 grams ito-220ab dimensions in inches and (millimeters) maximum ratings and el ectrical characteristics rating at 25 ambient temperature unle ss otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbrf 1030 ct mbrf 1035 ct mbrf 1040 ct mbrf 1045 ct mbrf 1050 ct mbrf 1060 ct mbrf 10100 ct units maximum recurrent peak reverse voltage v rrm 30 35 40 45 50 60 100 v maximum rms voltage v rms 21 24 28 31 35 42 70 v maximum dc blocking voltage v dc 30 35 40 45 50 60 100 v maximum average forward rectified current at t c =133 o c i (av) 10 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=133 o c i frm 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a peak repetitive reverse surge current (note 1) i rrm 0.5 a maximum instantaneous forward voltage at (note 2) i f = 5a, tc=25 o c i f = 5a, tc=125 o c i f =10a, tc=25 o c i f =10a, tc=125 o c v f 0.70 0.57 0.80 0.65 0.85 0.75 0.95 0.85 v maximum instantaneous reverse current at rated dc blocking voltage @tc=25 @ tc=125 i r 0.1 15 0.15 150 ma ma voltage rate of change, (rated v r ) dv/dt 10,000 v/us rms isolation voltage (t=1.0 second, r.h. Q 30%, ta=25 ) (note 4) (note 5) (note 6) v iso 4500 3500 1500 v typical thermal resistance per leg (note 3) r jc r jc 3.5 /w operating junction temperature range t j t j -65 to +150 storage temperature range t stg t stg -65 to +150 notes: 1. 2.0us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. thermal resistance from junction to case per leg. 4. clip mounting (on case), where lead does not overlap heatsink with 0.110? offset. 5. clip mounting (on case), where leads do overlap heatsink. 6. screw mounting with 4-40 screw, where washer diameter is Q4.9 mm (0.19 ? ) rev. 2, sep. 2004 preliminary
ratings and characteristic curves (mbrf1030ct thru mbrf10100ct) fig.1- forward current derating curve average for ward current . (a) 0 50 100 150 0 1.0 2.0 3.0 4.0 5.0 case temperature. ( c) o resistive or inductive load fig.2- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 10 100 30 60 0 90 150 120 180 number of cycles at 60hz tj=tj max. 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics per leg instantaneous for ward current . (a) 0.6 0.8 1.0 1.1 0.9 0.7 0.5 0.4 0.3 0.2 0.1 0 1.2 0.1 0.01 1 10 40 forward voltage. (v) pulse width=300 s 1% duty cycle tj=25 c 0 fig.4- typical reverse characteristics per leg instantaneous reverse current . (ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.001 0.1 0.01 1 10 50 tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.6- typical transient thermal per leg characteristics transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance per leg junction cap acitance.(pf) 0.1 1.0 10 100 100 1,000 6,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 mbr10100ct mbr1030ct-45ct mbr1050ct-60ct


▲Up To Search▲   

 
Price & Availability of MBRF1035CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X