Part Number Hot Search : 
ST62T TW10N HTIP49 25D80L HEF40 MUR860E BU9480 ST9013
Product Description
Full Text Search
 

To Download GSR42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk 11.4 x 9.6 x 2.5mm smd sine wave vcxo GSR42 sine wave vcxos provide a true sine wave out output. the vcxos are packaged in the industry-standard, 4 pad 11.4 x 9.6mm smd package. the vcxo is produced to close tolerances and has low current consumption. sine wave output vcxo output 10k //10pf load, 1.0v p-p harmonics < 25dbc low current consumption features outline & dimensions frequency range: 10.0mhz to 30.0mhz input voltage: +2.8v, +3.3v5% or +5.0vdc 5% frequency stability: see table control voltage centre: +2.5 vdc initial frequency accuracy: 15ppm with conrol v at +2.5vdc control voltage range: +0.5v to +4.5vdc frequency deviation range: 100ppm typical* output wave form: true sine wave output level: 10k //10pf load, 1.0v p-p harmonics: <-25dbc phase noise: -130dbc/hz at 1khz offset current consumption supply = 2.8v: 1.0ma supply = 3.3v: 1.1ma supply = 5.0v: 1.2ma start-up time: 2.0ms typical storage temperature: -50 to +125c sub-harmonics: none ageing: 5ppm per year maximum enable/disable: not implemented - 4 pad package rohs status: fully compliant or non-compliant specification * wider pulling range available example: 3GSR42g-a-80n-25.000 part numbering supply voltage 3 = 3.3 volts 5 = 5.0 volts series designation GSR42 rohs status g = compliant blank = non-compliant frequency stability see table pull range ppm pull range code m = maximum n = minimum t = typical frequency mhz GSR42 sine wave vcxos description stability code frequency stability a 25 0~+70c b 50 0~+70c c 100 0~+70c d 25 -40~+85c e 50 -40~+85c f 100 -40~+85c if non-standard frequency stability is required use ?i? followed by stability, i.e. i20 for 20ppm stability ppm temp. range


▲Up To Search▲   

 
Price & Availability of GSR42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X