Part Number Hot Search : 
PT2329 AH20AP MM1571G 170M4218 LT1137CN BD332 2FWJ42M C3171
Product Description
Full Text Search
 

To Download EIC7179-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EIC7179-8 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 7.10-7.90 ghz 8-watt internally-matched power fet issued date: 06-22-04 features ? 7.10 ? 7.90 ghz bandwidth ? input/output impedance matched to 50 ohms ? +39.5 dbm output power at 1db compression ? 9 db power gain at 1db compression ? 30% power added efficiency ? -46 dbc im3 at po = 28.5 dbm scl ? hermetic metal flange package ? 100% tested for dc, rf, and r th description the EIC7179-8 is a high power, highly linear, single stage mfet amplifier in a flange mount package. this amplifier features excelics? unique mesfet transistor technology. caution! esd sensitive device. electrical characteristics (t a = 25 c) symbol parameters/test conditions 1 min typ max units p 1db output power at 1db compression f = 7.10-7.90ghz v ds = 10 v, i dsq 2200ma 38.5 39.5 dbm g 1db gain at 1db compression f = 7.10-7.90ghz v ds = 10 v, i dsq 2200ma 7.5 8.5 db ? g gain flatness f = 7.10-7.90ghz v ds = 10 v, i dsq 2200ma 0.6 db pae power added efficiency at 1db compression v ds = 10 v, i dsq 2200ma f = 7.10-7.90ghz 30 % id 1db drain current at 1db compression f = 7.10-7.90ghz 2400 2800 ma im3 output 3rd order intermodulation distortion ? f = 10 mhz 2-tone test; pout = 28.5 dbm s.c.l 2 v ds = 10 v, i dsq 65% idss f = 7.90 ghz -43 -46 dbc i dss saturated drain current v ds = 3 v, v gs = 0 v 4000 4500 ma v p pinch-off voltage v ds = 3 v, i ds = 40 ma -2.5 -4.0 v r th thermal resistance 3 3.5 4.0 o c/w notes: 1. tested with 100 ohm gate resistor. 2. s.c.l. = single carrier level. 3. overall rth depends on case mounting.
EIC7179-8 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 2 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 absolute maximum ratings for continuous operation 1,2 symbol characteristic value v ds drain to source voltage 10 v v gs gate to source voltage -4.5 v i ds drain current idss i gsf forward gate current 80 ma p in input power @ 3db compression p t total power dissipation 32 w t ch channel temperature 150c t stg storage temperature -65/+150c notes: 1. operating the device beyond any of the above ratings may result in permanent damage or reduction of mttf. 2. bias conditions must also satisfy the following equation p t < (t ch ?t pkg )/r th ; where t pkg = temperature of package, and p t = (v ds * i ds ) ? (p out ? p in ). performance data typical s-parameters (t= 25c, 50 ? system, de-embedded to edge of package) v ds = 10 v, i dsq 2200ma freq --- s11 --- --- s21 --- --- s12 --- --- s22 --- (ghz) mag ang mag ang mag ang mag ang 6.25 0.880 -49.670 2.147 58. 460 0.045 1.160 0.220 -119.050 6.50 0.803 -70.860 2.561 25.780 0.061 -30.980 0.255 155.400 6.75 0.693 -96.200 2.913 -8. 850 0.078 -66.370 0.409 103.720 7.00 0.517 -126.330 3.150 -44.530 0.096 -100.870 0.533 66.370 7.25 0.330 -162.030 3.324 -79. 880 0.112 -136.570 0.576 32.440 7.50 0.165 137.750 3.420 -117.150 0.122 -173.260 0.545 -2.360 7.75 0.160 26.960 3.298 -154.880 0.129 150.260 0.470 -43.000 8.00 0.285 -38.600 3.055 167.050 0.126 113.450 0.399 -92.540 8.25 0.398 -86.640 2.676 129.920 0.115 77.180 0.413 -144.320 8.50 0.492 -128.940 2.241 93.730 0.099 43.170 0.505 173.770 8.75 0.570 -165.600 1.765 59.440 0.081 10.010 0.606 143.580 0 1.0 -1.0 1.0 10.0 - 1 0 . 0 1 0 . 0 5.0 - 5 . 0 5 . 0 2.0 - 2 . 0 2 . 0 3.0 - 3 . 0 3 . 0 4.0 - 4 . 0 4 . 0 0.2 - 0 . 2 0 . 2 0.4 - 0 . 4 0 . 4 0.6 - 0 . 6 0 . 6 0.8 - 0 . 8 0 . 8 0 1.0 1.0 -1.0 10.0 1 0 . 0 - 1 0 . 0 5.0 5 . 0 - 5 . 0 2.0 2 . 0 - 2 . 0 3.0 3 . 0 - 3 . 0 4.0 4 . 0 - 4 . 0 0.2 0 . 2 - 0 . 2 0.4 0 . 4 - 0 . 4 0.6 0 . 6 - 0 . 6 0.8 0 . 8 - 0 . 8 s11 and s22 swp max 8.5ghz swp min 6.5ghz s[1,1] * EIC7179-8 s[2,2] * EIC7179-8 6.5 7 7.5 8 8.5 frequency (ghz) s21 and s12 -30 -20 -10 0 10 20 s21 and s12 (db) db(|s[2,1]|) * EIC7179-8 db(|s[1,2]|) * EIC7179-8
EIC7179-8 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 3 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 power de-rating curve and im3 definition power dissipation vs. temperature 0 4 8 12 16 20 24 28 32 36 0 25 50 75 100 125 150 case temperature (c) total power dissipation (w) saf e operating region potentially unsaf e operating region f1 f2 (2f1-f2) f1 f2 (2f2-f1) im3 pout pin ip 3 = pout + im3/2 third-order intercept point ip3 f1 or f2 (2f2 - f1) or (2f1 - f2) pin [s.c.l.] (dbm) pout [s.c.l.] (dbm) im3 typical power data (v ds = 10 v, i dsq = 2200 ma) typical im3 data (v ds = 10 v, i dsq 65% idss ) p-1db & g-1db vs frequency 35 36 37 38 39 40 7.0 7.2 7.4 7.6 7.8 8.0 frequency (ghz) p-1db (dbm) 8 9 10 11 12 13 g-1db (db) p-1db (dbm) g-1db (db) im3 vs output power f1 = 7.90 ghz, f2 = 7.91 ghz -60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 23 24 25 26 27 28 29 30 31 32 33 34 35 pout [s.c.l.] (dbm) im3 (dbc ) im3 (dbc)
EIC7179-8 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 4 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 package outline dimensions in inches, tolerance + .005 unless otherwise specified sn excelics ym ordering information part number grade 1 f test (ghz) p 1db (min) im 3 (min) 2 EIC7179-8 industrial 7.10-7.90 ghz 38.5 -43 notes: 1. contact factory for military and hi-rel grades. 2. exact test conditions are specified in ?electrical characteristics? table. EIC7179-8 source


▲Up To Search▲   

 
Price & Availability of EIC7179-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X