Part Number Hot Search : 
2N3525 1844E IRLR8503 S1VB20 PCN17327 TSOP1233 S20C60CE 190AX351
Product Description
Full Text Search
 

To Download BAT54TW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30152 rev. 11 - 2 1 of 3 bat54tw /adw /cdw /sdw /brw www.diodes.com  diodes incorporated bat54tw /adw /cdw /sdw /brw surface mount schottky barrier diode arrays features  case: sot-363  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 5, on page 2  orientation: see diagrams below  weight: 0.006 grams (approx.)  marking: see diagrams below & page 2 mechanical data  low forward voltage drop  fast switching  ultra-small surface mount package  pn junction guard ring for transient and esd protection  lead free/rohs compliant (note 3) characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v forward continuous current (note 1) i f 200 ma repetitive peak forward current (note 1) i frm 300 ma forward surge current (note 1) @ t < 1.0s i fsm 600 ma power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625 c/w operating and storage temperature range t j ,t stg -65 to +125  c notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad lay out document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heatin g effect. 3. no purposefully added lead. a m j l d b c h k g f top view characteristic symbol min typ max unit test condition reverse breakdown voltage (note 2) v (br)r 30  v i r = 100  a forward voltage (note 2) v f  240 320 400 500 1000 mv i f = 0.1ma i f = 1ma i f = 10ma i f = 30ma i f = 100ma reverse leakage current (note 2) i r  2.0  a v r = 25v total capacitance c t  10 pf v r = 1.0v, f = 1.0mhz reverse recovery time t rr  5.0 ns i f = 10ma through i r = 10ma to i r = 1.0ma, r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified a 1 a 2 c 2 c 1 c 2 c 1 bat54adw* marking: kl6 c 1 c 2 a 2 a 1 a 2 a 1 ac 1 ac 2 c 2 a 1 a 2 c 1 ac 1 ac 2 c 1 a 1 c 2 a 2 bat54cdw* marking: kl7 bat54sdw* marking: kl8 bat54brw marking: klb bat54tw marking: kla c 1 a 3 c 2 a 1 c 3 a 2 new product *symmetrical configuration, no orientation indicator. maximum ratings @ t a = 25  c unless otherwise specified sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0  8 all dimensions in mm
ds30152 rev. 11 - 2 2 of 3 bat54tw /adw /cdw /sdw /brw www.diodes.com new product kxx = product type marking code (see page 1) for symmetrical configuration, no orientation indicator ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september kxx = product type marking code (see page 1) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september kxx ym kxx ym kxx ym notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. (note 4 and 5) ordering information marking information month jan feb march apr may jun jul aug sep oct nov dec code 1234 567 89 o nd date code key year 2001 2002 2003 2004 2005 2006 2007 2008 2009 code mnp r s t uvw 0.1 0.01 1 0.001 0.0001 0 1.0 0.4 0.6 0.8 0.2 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g . 1 forward characteristics f t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a device packaging shipping bat54adw-7-f bat54cdw-7-f bat54sdw-7-f bat54brw-7-f BAT54TW-7-F sot-363 3000/tape & reel 0 100 025 50 75 100 125 p power dissipation (mw) d, t , ambient temperature ( c) fi g . 4 power deratin g curve a 200 0 2 4 10 8 6 12 0 10 15 5 20 30 25 c , total capacitance (pf) t v , reverse voltage (v) fi g .3 t y pical capacitance vs. reverse volta g e r f = 1.0mhz 0.001 0.01 0.1 10 1 100 0 510 15 20 25 30 v , instantaneous reverse voltage (v) fi g .2 t y pical reverse characteristics r t = 25oc a t = 75oc a t = 125oc a t=0oc a
ds30152 rev. 11 - 2 3 of 3 bat54tw /adw /cdw /sdw /brw www.diodes.com important notice life support www.diodes.com diodes, inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance- ments, improvements, or other changes. diodes, inc. does not assume any liability arising out of the application or use of any product described herei n; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. the products located on our website at are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of diodes incorporated. new product


▲Up To Search▲   

 
Price & Availability of BAT54TW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X