Part Number Hot Search : 
KSP94 MB905 A3FF1ACP 74ACT LS404CD KAQY212A 2SC52 KK74A
Product Description
Full Text Search
 

To Download AVD05S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a d v a n c e d s e m i c o n d u c t o r, i n c. rev. a 7525 ethel avenue ? north hollywood, ca 91605 ? (818) 982-1200 ? fax (818) 765-3004 1/1 specifications are subject to change without notice. characteristics t c = 25 o c symbol none test conditions minimum typical maximum units bv cbo i c = 1.0 ma 50 v bv ceo i c = 5.0 ma 20 v bv ebo i e = 1.0 ma 3.5 v i ces v ce = 28 v 1.0 ma h fe v ce = 5.0 v i c = 100 ma 15 120 --- p g v cc = 12.5 v p out = 0.5 w f = 1025 - 1150 mhz 10 db npn silicon rf power transistor avd0.5s description: the asi avd0.5s is designed for class a, dme/tacan applications up to 1150 mhz. features: ? class a operation ? p g = 10 db at 0.5 w/1150 mhz ? omnigold ? metalization system maximum ratings i c 300 ma v ce 20 v p diss --- w t j -65 o c to +200 o c t stg -65 o c to +150 o c jc 35.0 o c/w package style .280 4l stud minimum inches / mm .003 / 0.08 .270 / 6.86 .117 / 2.97 b c d e f g a maximum .285 / 7.24 .137 / 3.48 .007 / 0.18 inches / mm h .245 / 6.22 .255 / 6.48 dim 1.010 / 25.65 1.055 / 26.80 i j .217 / 5.51 .220 / 5.59 k .175 / 4.45 .285 / 7.24 .275 / 6.99 .572 / 14.53 .640 / 16.26 .130 / 3.30 .230 /5.84 g k h f e d c b 45 a #8-32 unc i j c b e e


▲Up To Search▲   

 
Price & Availability of AVD05S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X