this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0894858103 status: active description: universal serial bus (usb) shielded i/o type a receptacle, single upright, right angle, terminal length 2.50mm (.098"), with mylar, 0.76m (30") gold (au) plating, tube package, lead free documents: 3d model product specification ps-89485 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 89485 application wire-to-board comments with mylar component type receptacle product name usb type a physical boot color n/a circuits (loaded) 4 circuits (maximum) 4 flammability 94v-0 gender male lock to mating part yes material - plating mating gold material - plating termination tin number of rows 1 orientation upright pc tail length (in) 0.098 in pc tail length (mm) 2.50 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube panel mount no pitch - mating interface (in) 0.079 in, 0.098 in pitch - mating interface (mm) 2.00 mm, 2.50 mm pitch - term. interface (in) 0.055 in pitch - term. interface (mm) 1.40 mm plating min: mating (in) 30 plating min: mating (m) 0.76 polarized to mating part yes polarized to pcb yes ports 1 surface mount compatible (smc) no temperature range - operating 125c termination interface: style through hole waterproof / dustproof no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 89485 series mates with 88740 usb type a cable plug
electrical current - maximum per contact 1a shield type full shield shielded yes voltage - maximum 750v ac (rms) solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers packaging specification pk-89485-001 product specification ps-89485 sales drawing sd-89485-003 this document was generated on 05/25/2010 please check www.molex.com for latest part information
|