Part Number Hot Search : 
FR201 FR201 FR201 T70RIA10 NTE934 571HR AUY14A2 05N4848
Product Description
Full Text Search
 

To Download 2SD965G-X-TN3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 2sd965/a npn silicon transistor www.unisonic.com.tw 1 of 4 copyright ? 2009 unisonic technologies co., ltd qw-r209-007.c low voltage high current transistor ? features * collector current up to 5a * utc 2sd965 : collector-emitter voltage up to 20 v * utc 2sd965a : collector-emitter voltage up to 30 v ? applications * audio amplifier * flash unit of camera * switching circuit lead-free: 2sd965l/2sd965al halogen-free:2sd965g/2sd965ag ? ordering information ordering number pin assignment normal lead free halogen free package 1 2 3 packing 2sd965-x-ab3-r 2sd965l-x-ab3-r 2sd965g-x-ab3-r sot-89 b c e tape reel 2sd965-x-t92-b 2sd965l-x-t92-b 2s d965g-x-t92-b to-92 e c b tape box 2sd965-x-t92-k 2sd965l-x-t92-k 2s d965g-x-t92-k to-92 e c b bulk 2sd965-x-tn3-r 2sd965l-x-tn3-r 2SD965G-X-TN3-R to-252 b c e tape reel 2sd965a-x-ab3-r 2sd965al-x-ab3-r 2sd965ag-x-ab3-r sot-89 b c e tape reel 2sd965a-x-t92-b 2sd965al-x-t92-b 2sd965ag-x-t92-b to-92 e c b tape box 2sd965a-x-t92-k 2sd965al-x-t92-k 2sd965ag-x-t92-k to-92 e c b bulk 2sd965a-x-tn3-r 2sd965al-x-tn3-r 2sd965ag-x-tn3-r to-252 b c e tape reel
2sd965/a npn silicon transistor unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r209-007.c ? absolute maximum rating (ta=25c) parameter symbol ratings unit collector-base voltage v cbo 40 v 2sd965 20 v collector-emitter voltage 2sd965a v ceo 30 v emitter-base voltage v ebo 7 v sot-89 500 mw to-92 750 mw collector dissipation to-252 p c 1 w collector current i c 5 a junction temperature t j 150 c storage temperature t stg -65 ~ +150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (ta=25c, unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =100 a, i e =0 40 v 2sd965 20 v collector-emitter breakdown voltage 2sd965a bv ceo i c =1ma, i b =0 30 v emitter-base breakdown voltage bv ebo i e =10 a, i c =0 7 v collector cut-off current i cbo v cb =10v, i e =0 100 na emitter cut-off current i ebo v eb =7v, i c =0 100 na v ce =2v, i c =1ma 200 v ce =2v, i c =0.5a 230 800 dc current gain(note) h fe v ce =2v, i c =2a 150 collector-emitter satu ration voltage v ce(sat) i c =3a, i b = 0.1a 1 v current gain bandwidth product f t v ce =6v, i c =50ma 150 mhz output capacitance c ob v cb =20v, i e =0, f=1mhz 50 pf ? classification of h fe2 rank q r s range 230-380 340-600 560-800
2sd965/a npn silicon transistor unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r209-007.c ? typical characteristics collector current, i c (a) dc current gain, h fe saturation voltage (mv) collector current, i c (a) current gain-bandwidth product collector output capacitance collector current, i c (ma) current gain-bandwidth product, f t (mhz) v ce =6v collector-base voltage (v) capacitance, c ob (pf) 10 0 10 1 10 2 10 3 10 0 10 1 10 2 10 3 f=1mhz i e =0 10 0 10 1 10 2 10 3 10 -1 10 0 10 1 10 2
2sd965/a npn silicon transistor unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r209-007.c ? typical characteristics safe operation area collector-emitter voltage, v ce (v) single pulse ta=25 t=10ms t=1s icp i c 0.01 0.1 1 10 100 0.1 1 10 100 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 2SD965G-X-TN3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X