Part Number Hot Search : 
M61509FP FTM3725 1N444 WH2002D 16F140 AEFVBF15 SMBJ58A 30302
Product Description
Full Text Search
 

To Download 2SD1263 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1263 2SD1263a d escription with to-220fa package high breakdown voltalge applications for power amplification pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2SD1263 350 v cbo collector- base voltage 2SD1263a open emitter 400 v 2SD1263 250 v ceo collector-emitter voltage 2SD1263a open base 300 v v ebo emitter-base voltage open collector 5 v i c collector current 0.75 a i cm collector current-peak 1.5 a t a =25 2 p c collector power dissipation t c =25 35 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220fa) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD1263 2SD1263a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SD1263 250 v ceo collector-emitter voltage 2SD1263a i c =30ma ,i b =0 300 v v cesat collector-emitter saturation voltage i c =1a, i b =0.2a 1.0 v v be base-emitter voltage i c =1a ; v ce =10v 1.5 v i ebo emitter cut-off current v eb =5v; i c =0 1.0 ma 2SD1263 v ce =150v; i b =0 1.0 ma i ceo collector cut-off current 2SD1263a v ce =200v; i b =0 1.0 ma 2SD1263 v ce =350v; v be =0 1.0 ma i ces collector cut-off current 2SD1263a v ce =400v; v be =0 1.0 ma h fe-1 dc current gain i c =0.3a ; v ce =10v 70 250 h fe-2 dc current gain i c =1a ; v ce =10v 10 f t transition frequency i c =0.5a; v ce =5v,f=10mhz 30 mhz switching times t on turn-on time 0.5 s t s storage time 2 s t f fall time i c =1a;i b1 =-i b2 =0.1a v cc =50v 0.5 s  h fe-1 classifications q p 70-150 120-250
savantic semiconductor product specification 3 silicon npn power transistors 2SD1263 2SD1263a package outline fig.2 outline dimensions (unindicated tolerance: 0.15 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SD1263 2SD1263a


▲Up To Search▲   

 
Price & Availability of 2SD1263

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X