Part Number Hot Search : 
2001834 SMS120 RG82845E 1N5236A 244MT AD8004 EL5120 BD63874
Product Description
Full Text Search
 

To Download 1050480001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 1050480001 status: active description: 2.54mm (.100") sim card connector, 6 circuits, smt, with guide rail, housing height 1.45mm (.057"), lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-105048-001 (pdf) general product family memory card sockets series 105048 button type n/a component type card holder (host) product name sim type n/a physical card detection switch no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 5,000 ejector button side no ejector button present entry angle horizontal keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pcb locator no pcb mounting side normal pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded yes voltage - maximum 5v dc material info reference - drawing numbers product specification ps-105048-001 sales drawing sd-105048-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 105048 series mates with standard sim card
this document was generated on 05/18/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1050480001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X