Part Number Hot Search : 
B2566 B2566 UNRL114 RST125 SM100 E005722 MDD95 TEW6018
Product Description
Full Text Search
 

To Download 0850480000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850480000 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612/iec 603-2 mixed layout connector, through hole, vertical, female style m, 24 circuits documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85048 application daughtercard comments mixed layout component type pcb receptacle overview din_41612 product name iec 603-2/din 41612 style m physical circuits (loaded) 24 circuits (maximum) 24 circuits detail rows a & c durability (mating cycles max) 400 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin number of columns 8 number of pairs open pin field number of rows 3 orientation vertical pc tail length (in) 0.177 in pc tail length (mm) 4.50 mm pcb locator no pcb retention yes packaging type carton pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 24 plating min: mating (m) 0.60 polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole series image - reference only eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85048 series mates with din 41612/eic 603-2 mixed layout connector 85009 , 85017
electrical current - maximum per contact 1a data rate 622.0 mbps voltage - maximum 250v ac (rms) material info reference - drawing numbers packaging specification pk-85048-001 sales drawing sd-85048-0000, sd-85048-0004 this document was generated on 05/17/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0850480000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X