Part Number Hot Search : 
7MBR2 LN503G SMCJ5631 2SC2344E 203298 FDLL300 36719908 01301
Product Description
Full Text Search
 

To Download SBR20200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBR20200 voltage 200 v 20 amp schottky barrier rectifiers 27-apr-2011 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 2.24 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 200 v working peak reverse voltage v rsm 200 v maximum dc blocking voltage v dc 200 v per leg 10 maximum average forward rectified current per device i f 20 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 180 a i f =10a, t a =25 c, per leg 0.92 maximum instantaneous forward voltage i f =10a, t a =125 c, per leg v f 0.8 v t a = 25 c 0.02 maximum dc reverse current at rated dc blocking voltage 4 t a = 100 c i r 5 ma typical junction capacitance 1 c j 250 pf typical thermal resistance 2 r ? jc 4 c / w typical thermal resistance 3 r ? ja 10 c / w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50~150 c storage temperature range t stg t stg -65~175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. 3. thermal resistance junction to ambient. 4. pulse test: 300us pulse width, 1% duty cycle. to-220 dimensions in millimeters a m p j k l l g f b n d e o c h pin 1 pin 3 pin 2 case millimete r millimete r ref. min. max. ref. min. max. a 14.22 16.51 j 1.09 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h3.64.5
elektronische bauelemente SBR20200 voltage 200 v 20 amp schottky barrier rectifiers 27-apr-2011 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBR20200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X