Part Number Hot Search : 
BR301 HMM5123B MP4651 2115A PR3006 TS934AIN DM78L06A A103J
Product Description
Full Text Search
 

To Download PC352NJ0000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PC352NJ0000F series 1. recognized by ul1577 (double protection isolation), file no. e64380 (as model no. pc352 ) 2. package resin : ul flammability grade (94v-0) features agency approvals/compliance 1. programmable controllers applications mini-flat package, high cmr photocoupler 1. mini-flat package 2. double transfer mold package (ideal for flow soldering) 3. high resistance to noise due to high common mode rejection voltage (cmr : min. 10kv/ s) 4. high collector-emitter voltage (v ceo : 80v) 5. high isolation voltage between input and output (v iso(rms) : 3.75kv) 6. lead-free and rohs directive compliant description PC352NJ0000F series contains an ired optically coupled to a phototransistor. it is packaged in a 4-pin mini-flat. input-output isolation voltage(rms) is 3.75kv. collector-emitter voltage is 80v and ctr is 90% to 480% at input current of i f 5ma. 1 notice the content of data sheet is subject to change without prior notice. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the latest device specification sheets before usin g any sharp device. PC352NJ0000F series sheet no.: d2-a00202en date jun. 30. 2005 ?sharp corporation
internal connection diagram anode cathode emitter collector 1 2 3 4 1 2 4 3 2 sheet no.: d2-a00202en outline dimensions (unit : mm) 352 sharp mark "s" date code rank mark factory identification mark 5.3 0.3 2.6 0.2 0.1 0.1 0.5 + 0.4 ? 0.2 7.0 + 0.2 ? 0.7 anode mark epoxy resin 45? 6? 0.2 0.05 1 2 0.4 0.1 4.4 0.2 4 3 3.6 0.3 2.54 0.25 product mass : approx. 0.1g PC352NJ0000F series plating material : sncu (cu : typ. 2%)
date code (2 digit) rank mark refer to the model line-up table factory identification mark 3 repeats in a 20 year cycle sheet no.: d2-a00202en a.d. 1990 1991 1992 1993 1994 1995 1996 1997 1998 1999 2000 2001 mark a b c d e f h j k l m n mark p r s t u v w x a b c mark 1 2 3 4 5 6 7 8 9 o n d month january february march april may june july august september october november december a.d 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2nd digit month of production 1st digit year of production factory identification mark no mark country of origin japan indonesia china * this factory marking is for identification purpose only. please contact the local sharp sales representative to see the actual status of the production. PC352NJ0000F series
sheet no.: d2-a00202en electro-optical characteristics absolute maximum ratings 4 (t a = 25?c) parameter symbol unit input forward current ma *1 peak forward current a power dissipation mw output collector-emitter voltage v emitter-collector voltage v collector current ma collector power dissipation mw total power dissipation mw *2 isolation voltage operating temperature ?c storage temperature ?c *3 soldering temperature i f i fm p v ceo v eco i c p c p tot v iso (rms) t opr t stg t sol ?c *1 pulse width 100 s, duty ratio : 0.001 *2 40 to 60%rh, ac for 1 minute, f=60hz *3 for 10s rating 50 1 70 reverse voltage v v r 6 80 6 50 150 170 ? 30 to + 100 ? 40 to + 125 260 3.75 kv parameter conditions forward voltage reverse current terminal capacitance collector dark current transfer charac- teristics emitter-collector breakdown voltage collector current collector-emitter breakdown voltage collector-emitter saturation voltage isolation resistance cut-off frequency min. ? ? ? ? 6 4.5 ? 5 10 10 15 ? ? typ. 1.2 ? 30 ? ? ? ? 0.1 1 10 11 80 4 5 max. 1.4 10 200 100 ? ? 24 0.2 ? ? 18 20 unit v v a pf na v ma v ? khz s s symbol v f i r c t i ceo bv ceo bv eco i c v ce (sat) f c t r t f r iso response time rise time fall time input output i f = 20ma v r = 4v peak forward voltage ?? 3.0 v v fm i fm = 0.5a v = 0, f = 1khz v ce = 50v, i f = 0 i c = 0.1ma, i f = 0 i e = 10 a, i f = 0 i f = 5ma, v ce = 5v dc500v, 40 to 60%rh v ce = 2v, i c = 2ma, r l = 100 ? v ce = 5v, i c = 2ma, r l = 100 ? , ? 3db floating capacitance ? 0.6 1.0 pf c f v = 0, f = 1mhz i f = 20ma, i c = 1ma 80 (t a = 25?c) 10 ?? kv/ s cmr common mode rejection voltage t a = 25 ?c , r l = 470 ? , v cm = 1.5kv(peak) i f = 0ma, v cc = 9v, v np = 100mv PC352NJ0000F series
sheet no.: d2-a00202en model line-up i c [ma] (i f = 5ma, v ce = 5v, t a = 25?c) with or without a b c 4.5 to 24.0 4.5 to 9.0 7.5 to 15.0 12.0 to 24.0 rank mark PC352NJ0000F pc352n1j000f pc352n2j000f pc352n3j000f pc352ntj000f pc352n1tj00f pc352n2tj00f pc352n3tj00f 3 000 pcs/reel taping 750 pcs/reel package model no. 5 please contact a local sharp sales representative to inquire about production status. PC352NJ0000F series
sheet no.: d2-a00202en total power dissipation p tot (mw) 0 50 100 150 200 250 170 ? 30 0 25 50 75 100 125 ambient temperature t a (?c) fig.5 total power dissipation vs. ambient temperature forward current i f (ma) 0 10 20 30 40 50 ? 30 0 25 75 100 125 55 50 ambient temperature t a (?c) fig.2 forward current vs. ambient temperature 0 20 40 60 70 80 100 ? 30 0 25 75 100 125 55 50 ambient temperature t a (?c) diode power dissipation p (mw) fig.3 diode power dissipation vs. ambient temperature collector power dissipation p c (mw) 0 50 100 150 200 250 ? 30 0 25 50 75 100 125 ambient temperature t a (?c) fig.4 collector power dissipation vs. ambient temperature 6 fig.1 test circuit for common mode rejection voltae v cm v cp v np v o (dv/d t ) 1) r l v np v cc v cm 1) v cp : voltage which is generated by displacement current in floating capacitance between primary and secondary side. (v cp nearly = dv/d t c f r l ) v cm : high wave pulse r l = 470 ? v cc = 9v ? ? ? ? ? PC352NJ0000F series
sheet no.: d2-a00202en relative current transfer ratio (%) ambient temperature t a (?c) 100 0 50 150 i f = 5ma v ce = 5v 50 75 ? 30 0 25 100 125 fig.10 relative current transfer ratio vs. ambient temperature collector-emitter saturation voltage v ce (sat) (v) ambient temperaturet t a (?c) 0 ? 30 0 20 40 60 80 100 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 i f = 20ma i c = 1ma fig.11 collector - emitter saturation voltage vs. ambient temperature 7 collector current i c (ma) collector-emitter voltage v ce (v) 0 5 10 15 20 25 30 35 40 20ma 10ma 5ma i f = 30ma t a = 25?c p c (max.) 012345678910 fig.9 collector current vs. collector-emitter voltage current transfer ratio ctr (%) forward current i f (ma) 0 1 500 10 400 300 200 100 v ce = 5v t a = 25?c fig.8 current transfer ratio vs. forward current forward voltage v f (v) 50?c 25?c 0?c 00.51 1.5 2 2.5 3 3.5 10 100 1 ? 25?c t a = 75?c forward current i f (ma) fig.7 forward current vs. forward voltage pulse width 100 s t a = 25?c peak forward current i fm (ma) 10 100 1 000 10 ? 3 10 ? 2 10 ? 2 1 duty ratio fig.6 peak forward current vs. duty ratio PC352NJ0000F series
sheet no.: d2-a00202en remarks : please be aware that all data in the graph are just for reference and not for guarantee. 8 voltage gain a v (db) frequency f (khz) 0 1 100 10 100 ? 1k ? ? 5 5 ? 10 ? 15 ? 20 ? 25 r l = 10k ? v ce = 5v i c = 2ma t a = 25?c fig.15 frequency response ambient temperature t a (?c) 10 ? 11 10 ? 5 10 ? 6 10 ? 7 10 ? 8 10 ? 9 10 ? 10 ? 30 100 90 80 70 60 50 40 30 20 10 0 ? 10 ? 20 v ce = 50v collector dark current i ceo (a) fig.12 collector dark current vs. ambient temperature response time ( s) load resistance r l (k ? ) 0.1 1 10 100 v ce = 2v i c = 2ma t a = 25?c t f t r t d t s 0.01 0.1 1 10 fig.13 response time vs. load resistance 10% input output input output 90% t s t d v cc r d r l t f t r please refer to the conditions in fig.13 v ce fig.14 test circuit for response time forward current i f (ma) collector-emitter saturation voltage v ce (sat) (v) 0 2 4 6 8 1ma 3ma 7 5 3 1 5ma 7ma t a = 25?c i c = 0.5ma 0 1234 5 67 8910 fig.16 collector-emitter saturation voltage vs. forward current PC352NJ0000F series
sheet no.: d2-a00202en design considerations while operating at i f <1.0ma, ctr variation may increase. please make design considering this fact. in case that some sudden big noise caused by voltage variation is provided between primary and secondary terminals of photocoupler some current caused by it is floating capacitance may be generated and result in false operation since current may go through ired or current may change. if the photocoupler may be used under the circumstances where noise will be generated we recommend to use the bypass capacitors at the both ends of ired. this product is not designed against irradiation and incorporates non-coherent ired. degradation in general, the emission of the ired used in photocouplers will degrade over time. in the case of long term operation, please take the general ired degradation (50% degradation over 5 years) into the design consideration. recommended foot print (reference) ? for additional design assistance, please review our corresponding optoelectronic application notes. 9 1.5 2.54 0.8 6.3 (unit : mm) design guide design considerations PC352NJ0000F series
sheet no.: d2-a00202en manufacturing guidelines reflow soldering: reflow soldering should follow the temperature profile shown below. soldering should not exceed the curve of temperature profile and time. please don't solder more than twice. soldering method flow soldering : due to sharp's double transfer mold construction submersion in flow solder bath is allowed under the below listed guidelines. flow soldering should be completed below 260?c and within 10s. preheating is within the bounds of 100 to 150?c and 30 to 80s. please don't solder more than twice. hand soldering hand soldering should be completed within 3s when the point of solder iron is below 400?c. please don't solder more than twice. other notices please test the soldering method in actual condition and make sure the soldering works fine, since the impact on the junction between the device and pcb varies depending on the tooling and soldering conditions. 10 1234 300 200 100 0 0 (?c) terminal : 260?c peak ( package surface : 250?c peak) preheat 150 to 180?c, 120s or less reflow 220?c or more, 60s or less (min) PC352NJ0000F series
sheet no.: d2-a00202en solvent cleaning: solvent temperature should be 45?c or below immersion time should be 3 minutes or less ultrasonic cleaning: the impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time, size of pcb and mounting method of the device. therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of mass production. recommended solvent materials: ethyl alcohol, methyl alcohol and isopropyl alcohol in case the other type of solvent materials are intended to be used, please make sure they work fine in actual using conditions since some materials may erode the packaging resin. cleaning instructions this product shall not contain the following materials. and they are not used in the production process for this product. regulation substances : cfcs, halon, carbon tetrachloride, 1.1.1-trichloroethane (methylchloroform) specific brominated flame retardants such as the pbbos and pbbs are not used in this product at all. this product shall not contain the following materials banned in the rohs directive (2002/95/ec). ?ead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb), polybrominated diphenyl ethers (pbde). presence of odc 11 PC352NJ0000F series
sheet no.: d2-a00202en 12 package specification tape and reel package 1. 3 000pcs/reel package materials carrier tape : a-pet (with anti-static material) cover tape : pet (three layer system) reel : ps carrier tape structure and dimensions a 12.0 0.3 b 5.5 0.1 c 1.75 0.1 d 8.0 0.1 e 2.0 0.1 h 7.4 0.1 i 0.3 0.05 j 3.1 0.1 k 4.0 0.1 f 4.0 0.1 g 1.5 + 0.1 ? 0 f e i d j g b a c h 5? max. k h dimensions list (unit : mm) a c e g f b d a 370 b 13.5 1.5 c 80 1.0 d 13 0.5 e 21 1.0 f 2.0 0.5 g 2.0 0.5 dimensions list (unit : mm) pull-out direction [packing : 3 000pcs/reel] reel structure and dimensions direction of product insertion PC352NJ0000F series
sheet no.: d2-a00202en 2. 750pcs/reel package materials carrier tape : a-pet (with anti-static material) cover tape : pet (three layer system) reel : ps carrier tape structure and dimensions 13 a 12.0 0.3 b 5.5 0.1 c 1.75 0.1 d 8.0 0.1 e 2.0 0.1 h 7.4 0.1 i 0.3 0.05 j 3.1 0.1 k 4.0 0.1 f 4.0 0.1 g 1.5 + 0.1 ? 0 f e i d j g b a c h dimensions list (unit : mm) 5? max. k h a c e g f b d a 180 b 13.5 1.5 c 80 1.0 d 13 0.5 e 21 1.0 f 2.0 0.5 g 2.0 0.5 dimensions list (unit : mm) pull-out direction [packing : 750pcs/reel] reel structure and dimensions direction of product insertion PC352NJ0000F series
?the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of sharp's devices. ?contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. manufacturing locations are also subject to change without notice. ?observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment [terminal] --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii) measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliability such as: - -- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- various safety devices, etc. (iii) sharp devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- space applications --- telecommunication equipment [trunk lines] --- nuclear power control equipment - -- medical and other life support equipment (e.g., scuba). ?if the sharp devices listed in this publication fall within the scope of strategic products described in the foreign exchange and foreign trade law of japan, it is necessary to obtain approval to export such sharp devices. ?this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. ?contact and consult with a sharp representative if there are any questions about the contents of this publication. 14 sheet no.: d2-a00202en important notices PC352NJ0000F series [e194]


▲Up To Search▲   

 
Price & Availability of PC352NJ0000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X