Part Number Hot Search : 
067492 EM78P259 TRMPB LTC170 TC901 4HCT3 5236B S60D45PT
Product Description
Full Text Search
 

To Download OSBBY25111E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver a.0 5 5 m m m m r r o o u u n n d d b b l l u u e e & & b b l l u u e e l l e e d d OSBBY25111E features outline dimension high luminous leds 5mm round standard directivity long lifetime operation superior weather-resistance uv resistant epoxy/ water clear type ac led applications toys audio games other lighting  .*/ .*/  ? 6ojunn 5pmfsbodf?nn ."9      -&% -&% * ' * ' absolute maximum rating (ta=25 ) 
directivity va l u e item symbol led1 led2 unit dc forward current i f 30 30 ma pulse forward current* i fp 100 100 ma reverse voltage v r 5 5 v power dissipation p d 108 108 mw operating temperature topr -30 ~ +85 
storage temperature tstg -40~ +100 
lead soldering temperature tsol 260 
/5sec - *pulse width max.10ms duty ratio max 1/10             electrical -optical charac teristics (ta=25 ) 
item no. symbol condition min. typ. max. 6oju led1 v f 1 i f1 =20ma 2.9 3.1 3.6 v dc forward voltage led2 v f 2 i f2 =20ma 2.9 3.1 3.6 v led1 d 1 i f1 =20ma 465 470 475 nm domi. wavelength* led2 d 2 i f2 =20ma 465 470 475 nm led1 i v 1 i f1 =20ma 4200 5800 - mcd luminous intensity* led2 i v 2 i f2 =20ma 4200 5800 - mcd led1 2 1/2 i f1 =20ma - 15 - deg 50%power angle led2 2 1/2 i f2 =20ma - 15 - deg *tolerance of dominant chromaticity is + 10% * 2 tolerance of luminous intensity is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSBBY25111E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X