Part Number Hot Search : 
SMAJ78A MACPE C244A STK4180 04300 DSS41A24 PE9710 04300
Product Description
Full Text Search
 

To Download NCV8402D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 octtober, 2009 ? rev. 0 1 publication order number: NCV8402D/d NCV8402D dual self-protected low-side driver with temperature and current limit NCV8402D is a dual protected low ? side smart discrete device. the protection features include overcu rrent, overtemperature, esd and integrated drain ? to ? gate clamping for overvoltage protection. this device offers protection and is suitable for harsh automotive environments. features ? short ? circuit protection ? thermal shutdown with automatic restart ? overvoltage protection ? integrated clamp for inductive switching ? esd protection ? dv/dt robustness ? analog drive capability (logic level input) ? aec ? q101 qualified ? ncv prefix for automotive and other applications requiring site and change control ? these devices are pb ? free and are rohs compliant typical applications ? switch a variety of resistive, inductive and capacitive loads ? can replace electromechanical relays and discrete circuits ? automotive / industrial drain source temperature limit gate input current limit current sense overvoltage protection esd protection http://onsemi.com *max current limit value is dependent on input condition. so ? 8 case 751 style 11 marking diagram v (br)dss (clamped) r ds(on) typ i d max 42 v 165 m  @ 10 v 2.0 a* v8402d = specific device code a = assembly location l = wafer lot y = year w = work week  = pb ? free package device package shipping ? ordering information ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. NCV8402Ddr2g soic ? 8 (pb ? free) 2500/tape & reel 1 8 v8402d alywx  1 8 pin assignment 1 8 source 1 drain 1 gate 1 drain 1 source 2 drain 2 gate 2 drain 2
NCV8402D http://onsemi.com 2 maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit drain ? to ? source voltage internally clamped v dss 42 v drain ? to ? gate voltage internally clamped (r g = 1.0 m  ) v dgr 42 v gate ? to ? source voltage v gs  14 v continuous drain current i d internally limited power dissipation @ t a = 25 c (note 1) @ t a = 25 c (note 2) p d 0.8 1.62 w thermal resistance junction ? to ? ambient steady state (note 1) junction ? to ? ambient steady state (note 2) r  ja r  ja 157 77 c/w single pulse drain ? to ? source avalanche energy (v dd = 32 v, v g = 5.0 v, i pk = 1.0 a, l = 300 mh, r g(ext) = 25  ) e as 150 mj load dump voltage (v gs = 0 and 10 v, r i = 2.0  , r l = 9.0  , t d = 400 ms) v ld 87 v operating junction and storage temperature t j , t stg ? 55 to 150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. surface ? mounted onto min pad fr4 pcb, (cu area = 40 sq. mm, 1 oz.). 2. surface ? mounted onto 1 sq. fr4 board (cu area = 625 sq. mm, 2 oz.). drain source gate vds vgs i d i g + ? + ? figure 1. voltage and current convention
NCV8402D http://onsemi.com 3 electrical characteristics (t j = 25 c unless otherwise noted) parameter test condition symbol min typ max unit off characteristics drain ? to ? source breakdown voltage (note 3) v gs = 0 v, i d = 10 ma, t j = 25 c v (br)dss 42 46 55 v v gs = 0 v, i d = 10 ma, t j = 150 c (note 5) 40 45 55 zero gate voltage drain current v gs = 0 v, v ds = 32 v, t j = 25 c i dss 0.25 4.0  a v gs = 0 v, v ds = 32 v, t j = 150 c (note 5) 1.1 20 gate input current v ds = 0 v, v gs = 5.0 v i gssf 50 100  a on characteristics (note 3) gate threshold voltage v gs = v ds , i d = 150  a v gs(th) 1.3 1.8 2.2 v gate threshold temperature coefficient v gs(th) /t j 4.0 6.0 ? mv/ c static drain ? to ? source on ? resistance v gs = 10 v, i d = 1.7 a, t j = 25 c r ds(on) 165 200 m  v gs = 10 v, i d = 1.7 a, t j = 150 c (note 5) 305 400 v gs = 5.0 v, i d = 1.7 a, t j = 25 c 195 230 v gs = 5.0 v, i d = 1.7 a, t j = 150 c (note 5) 360 460 v gs = 5.0 v, i d = 0.5 a, t j = 25 c 190 230 v gs = 5.0 v, i d = 0.5 a, t j = 150 c (note 5) 350 460 source ? drain forward on voltage v gs = 0 v, i s = 7.0 a v sd 1.0 v switching characteristics (note 5) turn ? on time (10% v in to 90% i d ) v gs = 10 v, v dd = 12 v i d = 2.5 a, r l = 4.7  t on 25  s turn ? off time (90% v in to 10% i d ) t off 120 slew ? rate on (70% v ds to 50% v ds ) v gs = 10 v, v dd = 12 v, r l = 4.7  ? dv ds /dt on 0.8 v  s slew ? rate off (50% v ds to 70% v ds ) dv ds /dt off 0.3 self protection characteristics (t j = 25 c unless otherwise noted) (note 4) current limit v ds = 10 v, v gs = 5.0 v, t j = 25 c i lim 3.7 4.3 5.0 a v ds = 10 v, v gs = 5.0 v, t j = 150 c (note 5) 2.3 3.0 3.7 v ds = 10 v, v gs = 10 v, t j = 25 c 4.2 4.8 5.4 v ds = 10 v, v gs = 10 v, t j = 150 c (note 5) 2.7 3.6 4.5 temperature limit (turn ? off) v gs = 5.0 v (note 5) t lim(off) 150 175 200 c thermal hysteresis v gs = 5.0 v  t lim(on) 15 temperature limit (turn ? off) v gs = 10 v (note 5) t lim(off) 150 165 185 thermal hysteresis v gs = 10 v  t lim(on) 15 gate input characteristics (note 5) device on gate input current v gs = 5 v i d = 1.0 a i gon 50  a v gs = 10 v i d = 1.0 a 400 current limit gate input current v gs = 5 v, v ds = 10 v i gcl 0.05 ma v gs = 10 v, v ds = 10 v 0.4 thermal limit fault gate input current v gs = 5 v, v ds = 10 v i gtl 0.15 ma v gs = 10 v, v ds = 10 v 0.7 esd electrical characteristics (t j = 25 c unless otherwise noted) (note 5) electro ? static discharge capability human body model (hbm) esd 4000 v machine model (mm) 400 3. pulse test: pulse width 300  s, duty cycle 2%. 4. fault conditions are viewed as beyond the normal operating range of the part. 5. not subject to production testing.
NCV8402D http://onsemi.com 4 typical performance curves 1 10 10 100 figure 2. single pulse maximum switch ? off current vs. load inductance l (mh) i l(max) (a) t jstart = 25 c t jstart = 150 c 10 100 1000 10 10 0 figure 3. single pulse maximum switching energy vs. load inductance l (mh) e max (mj) t jstart = 25 c t jstart = 150 c 0.1 1 10 110 figure 4. single pulse maximum inductive switch ? off current vs. time in clamp time in clamp (ms) i l(max) (a) t jstart = 25 c t jstart = 150 c 10 100 1000 110 figure 5. single pulse maximum inductive switching energy vs. time in clamp time in clamp (ms) e max (mj) t jstart = 25 c t jstart = 150 c v ds (v) i d (a) figure 6. on ? state output characteristics v gs = 2.5 v 3 v 4 v 5 v 6 v 8 v 10 v t a = 25 c 0 1 2 3 4 5 12345 v ds = 10 v 25 c 100 c 150 c ? 40 c i d (a) v gs (v) figure 7. transfer characteristics 0 1 2 3 4 5 6 7 8 012345 3.5 v
NCV8402D http://onsemi.com 5 typical performance curves 0 100 200 300 400 45678910 figure 8. r ds(on) vs. gate ? source voltage v gs (v) r ds(on) (m  ) 150 c, i d = 0.5 a 150 c, i d = 1.7 a 100 c, i d = 0.5 a 100 c, i d = 1.7 a 25 c, i d = 0.5 a 25 c, i d = 1.7 a ? 40 c, i d = 0.5 a ? 40 c, i d = 1.7 a 50 100 150 200 250 300 350 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 150 c, v gs = 10 v 150 c, v gs = 5 v 100 c, v gs = 5 v 100 c, v gs = 10 v 25 c, v gs = 5 v 25 c, v gs = 10 v ? 40 c, v gs = 5 v ? 40 c, v gs = 10 v figure 9. r ds(on) vs. drain current i d (a) r ds(on) (m  ) 0.5 0.75 1 1.25 1.5 1.75 2 ? 40 ? 20 0 20 40 60 80 100 120 140 v gs = 5 v v gs = 10 v i d = 1.7 a figure 10. normalized r ds(on) vs. temperature t ( c) r ds(on) (normalized) 2 3 4 5 6 7 8 5678910 25 c 100 c 150 c ? 40 c figure 11. current limit vs. gate ? source voltage v gs (v) i lim (a) v ds = 10 v 2 3 4 5 6 7 8 ? 40 ? 20 0 20 40 60 80 100 120 140 figure 12. current limit vs. junction temperature t j ( c) i lim (a) v ds = 10 v v gs = 5 v v gs = 10 v 0.0001 0.001 0.01 0.1 1 10 10 15 20 25 30 35 40 figure 13. drain ? to ? source leakage current v ds (v) i dss (  a) v gs = 0 v 25 c 100 c 150 c ? 40 c
NCV8402D http://onsemi.com 6 typical performance curves 0.6 0.7 0.8 0.9 1 1.1 1.2 ? 40 ? 20 0 20 40 60 80 100 120 140 figure 14. normalized threshold voltage vs. temperature t ( c) normalized v gs(th) (v) i d = 150  a v gs = v ds 0.5 0.6 0.7 0.8 0.9 1 1.1 12345678910 figure 15. source ? drain diode forward characteristics i s (a) v sd (v) 25 c 100 c 150 c ? 40 c v gs = 0 v 0 50 100 150 200 345678910 t d(off) t d(on) t f t r figure 16. resistive load switching time vs. gate ? source voltage v gs (v) time (  s) i d = 2.5 a v dd = 12 v r g = 0  0 0.2 0.4 0.6 0.8 1 345678910 figure 17. resistive load switching drain ? source voltage slope vs. gate ? source voltage v gs (v) drain ? source voltage slope (v/  s) i d = 2.5 a v dd = 12 v r g = 0  ? dv ds /d t(on) dv ds /d t(off) 0 25 50 75 100 0 400 800 1200 1600 2000 time (  s) figure 18. resistive load switching time vs. gate resistance r g (  ) t f , (v gs = 10 v) t f , (v gs = 5 v) t d(off) , (v gs = 10 v) t r , (v gs = 5 v) t d(off) , (v gs = 5 v) t r , (v gs = 10 v) t d(on) , (v gs = 5 v) t d(on) , (v gs = 10 v) i d = 2.5 a v dd = 12 v 0 0.2 0.4 0.6 0.8 1 0 500 1000 1500 2000 dv ds /d t(off) , v gs = 5 v ? dv ds /d t(on) , v gs = 10 v ? dv ds /d t(on) , v gs = 5 v dv ds /d t(off) , v gs = 10 v figure 19. drain ? source voltage slope during turn on and turn off vs. gate resistance r g (  ) drain ? source voltage slope (v/  s) i d = 2.5 a v dd = 12 v
NCV8402D http://onsemi.com 7 typical performance curves figure 20. transient thermal resistance pulse width (sec) 0.01 0.001 0.0001 0.00001 0.000001 0.01 0.1 1 10 1000 r(t) ( c/w) 0.1 1 10 100 1000 10% duty cycle = 50% 20% 5% 2% 1% single pulse 100 0.0000001
NCV8402D http://onsemi.com 8 test circuits and waveforms dut g d s rl vdd ids vin figure 21. resistive load switching test circuit rg + ? td(on) tr vin ids td(off) tf 10% 10% 90% 90% figure 22. resistive load switching waveforms
NCV8402D http://onsemi.com 9 test circuits and waveforms vdd ids vin l vds tp figure 23. inductive load switching test circuit dut g d s rg + ? 0 v 5 v t av vin ids vds t p v ds(on) i pk 0 vdd v (br)dss figure 24. inductive load switching waveforms
NCV8402D http://onsemi.com 10 package dimensions soic ? 8 case 751 ? 07 issue aj seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* style 11: pin 1. source 1 2. gate 1 3. source 2 4. gate 2 5. drain 2 6. drain 2 7. drain 1 8. drain 1 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. sc illc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems in tended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scill c and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding th e design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resa le in any manner. NCV8402D/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCV8402D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X