Part Number Hot Search : 
HI7188 SC147 EQW025 KSA1220 AD641Q STZ8082 ASJ15 USD3045C
Product Description
Full Text Search
 

To Download MMSD701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification schottky barrier diode mmsd301/MMSD701 document number: bl/ssska018 www.galaxycn.com rev.a 1 features z extremely low minority carrier lifetime. z very low capacitance. z low reverse leakage. z pb-free packages are available. applications sod-123 z schottky barrier diodes. ordering information type no. marking package code mmsd301 xt sod-123 MMSD701 xh sod-123 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit repetitive peak reverse voltage mmsd301 MMSD701 v r 30 70 v forward continuous current i f 200 ma power dissipation p d 225 mw junction temperature t j -55to +125 storage temperature range t stg -65to +150 electrical characteristics @ ta=25 unless otherwise specified pb lead-free
bl galaxy electrical production specification schottky barrier diode mmsd301/MMSD701 document number: bl/ssska018 www.galaxycn.com rev.a 2 parameter symbol conditions min. typ. max. unit reverse breakdown voltage mmsd301 MMSD701 v (br)r i r =10 a 30 70 v forward voltage mmsd301 MMSD701 v f i f =1.0ma i f =10ma i f =1.0ma i f =10ma 0.38 0.52 0.42 0.7 0.45 0.6 0.5 1.0 v reverse current mmsd301 MMSD701 i r v r =25v v r =35v 13 9.0 200 200 na na diode capacitance mmsd301 MMSD701 c d v r =0v,f=1mhz 0.9 0.5 1.5 1.0 pf typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification schottky barrier diode mmsd301/MMSD701 document number: bl/ssska018 www.galaxycn.com rev.a 3
bl galaxy electrical production specification schottky barrier diode mmsd301/MMSD701 document number: bl/ssska018 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sod-123 soldering footprint unit : mm package information device package shipping mmsd301/MMSD701 sod-123 3000/tape&reel sod-123 dim min max a 1.4 1.8 b 2.55 2.85 c 1.15 typical d 0.5 0.6 e 0.3 0.4 h 0.02 0.10 j 0.1 typical k 3.55 3.85 all dimensions in mm k j h e d c a b


▲Up To Search▲   

 
Price & Availability of MMSD701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X