Part Number Hot Search : 
AD7871BR YD7738 MP7686KN SPA02B BXMP1012 MBT440 875KAC14 RF2489
Product Description
Full Text Search
 

To Download LVY2040T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  doc. no : qw0905- rev. : date : 21 - mar. - 2005 lvy2040/t a data sheet ligitek electronics co.,ltd. property of ligitek only low current round type led lamps lvy2040/t
0.5 typ 25.0min % 100% 50% 75% 25 -60 50% 25% 0 100% 75% 60 directivity radiation -30 0 30 note : 1.all dimension are in millimeter tolerance is ? 0.25mm unless otherwise noted. 2.specifications are subject to change without notice. 2.54typ + - 1.0min part no. lvy2040/t page 1/4 5.2 4.2 1.5max package dimensions 3.0 4.0 ligitek electronics co.,ltd. property of ligitek only
note : 1.the forward voltage data did not including ? 0.1v testing tolerance. 2. the luminous intensity data did not including ? 15% testing tolerance. typical electrical & optical characteristics (ta=25 j ) max 260 j for 5 sec max (2mm from body) ligitek electronics co.,ltd. property of ligitek only spectral halfwidth ??f nm t opr operating temperature dominant wave length f dnm part no material lvy2040/t yellow diffused algainp yellow emitted 590 lens color storage temperature soldering temperature tsol tstg power dissipation reverse current @5v electrostatic discharge peak forward current duty 1/10@10khz esd ir pd i fp absolute maximum ratings at ta=25 j parameter forward current i f symbol part no. lvy2040/t -40 ~ +85 j viewing angle 2 c 1/2 (deg) forward voltage @2ma(v) luminous intensity @2ma(mcd) 1.8 20 12 2.2 min. max. min. 36 22 typ. -40 ~ +100 j 2000 10 v g a 75 60 mw ma ratings vy 30 ma unit 2/4 page
relative intensity@20ma wavelength (nm) 550 500 0.0 0.5 650 600 20 ambient temperature( j ) fig.5 relative intensity vs. wavelength fig.3 forward voltage vs. temperature forward voltage@20ma normalize @25 j 1.0 -40 0.8 -20 0 0.9 1.0 1.2 1.1 relative intensity@20ma normalize @25 j ambient temperature( j ) 40 60 80 100 -40 0.0 -20 0 60 40 20 80 100 fig.4 relative intensity vs. temperature 0.5 1.0 1.5 2.0 3.0 2.5 typical electro-optical characteristics curve fig.1 forward current vs. forward voltage forward voltage(v) forward current(ma) 0.1 1.0 1.5 1.0 10 1000 100 vy chip 2.0 relative intensity normalize @20ma forward current(ma) 0.0 2.5 2.0 3.0 1.0 10 1.0 0.5 1.5 100 1000 fig.2 relative intensity vs. forward current 3.0 2.5 part no. lvy2040/t ligitek electronics co.,ltd. property of ligitek only 3/4 page
mil-std-202: 208d mil-std-750: 2026 mil-std-883: 2003 jis c 7021: a-2 mil-std-202: 107d mil-std-750: 1051 mil-std-883: 1011 mil-std-202: 210a mil-std-750: 2031 jis c 7021: a-1 mil-std-202:103b jis c 7021: b-11 this test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. 1.t.sol=230 j? 5 j 2.dwell time=5 ? 1sec solderability test this test intended to see soldering well performed or not. 1.ta=105 j? 5 j &-40 j? 5 j (10min) (10min) 2.total 10 cycles 1.t.sol=260 j? 5 j 2.dwell time= 10 ? 1sec. thermal shock test solder resistance test high temperature high humidity test 1.ta=65 j? 5 j 2.rh=90 %~95 % 3.t=240hrs ? 2hrs the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. the purpose of this test is the resistance of the device under tropical for hous. 4/4 page part no. lvy2040/t mil-std-750: 1026 mil-std-883: 1005 jis c 7021: b-1 jis c 7021: b-12 mil-std-883:1008 jis c 7021: b-10 reference standard this test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed. operating life test 1.under room temperature 2.if=20ma 3.t=1000 hrs (-24hrs, + 72hrs) 1.ta=-40 j? 5 j 2.t=1000 hrs (-24hrs, + 72hrs) 1.ta=105 j? 5 j 2.t=1000 hrs (-24hrs, + 72hrs) low temperature storage test high temperature storage test the purpose of this is the resistance of the device which is laid under ondition of hogh temperature for hours. the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. test condition test item reliability test: description ligitek electronics co.,ltd. property of ligitek only


▲Up To Search▲   

 
Price & Availability of LVY2040T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X