Part Number Hot Search : 
SFH601 TDA1905 15800 74458003 D38999 H1300 2SJ247 MAX9118
Product Description
Full Text Search
 

To Download LTC1968 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 LTC1968 1968f precision wide bandwidth, rms-to-dc converter high linearity: 0.02% linearity allows simple system calibration wide input bandwidth: bandwidth to 1% additional gain error: 500khz bandwidth to 0.1% additional gain error: 150khz 3db bandwidth independent of input voltage amplitude no-hassle simplicity: true rms-dc conversion with only one external capacitor delta sigma conversion technology ultralow shutdown current: 0.1 a flexible inputs: differential or single ended rail-to-rail common mode voltage range up to 1v peak differential voltage flexible output: rail-to-rail output separate output reference pin allows level shifting small size: space saving 8-pin msop package true rms digital multimeters and panel meters true rms ac + dc measurements descriptio u features applicatio s u the ltc ? 1968 is a true rms-to-dc converter that uses an innovative delta-sigma computational technique. the ben- efits of the LTC1968 proprietary architecture, when com- pared to conventional log-antilog rms-to-dc converters, are higher linearity and accuracy, bandwidth independent of amplitude and improved temperature behavior. the LTC1968 operates with single-ended or differential in- put signals and accurately supports crest factors up to 4. common mode input range is rail-to-rail. differential in- put range is 1v peak , and offers unprecedented linearity. the LTC1968 allows hassle-free system calibration at any in- put voltage. the LTC1968 has a rail-to-rail output with a separate out- put reference pin providing flexible level shifting; it oper- ates on a single power supply from 4.5v to 5.5v. a low power shutdown mode reduces supply current to 0.1 a. the LTC1968 is packaged in the space-saving msop pack- age, which is ideal for portable applications. single supply rms-to-dc converter c ave 10 f v out + C 1968 ta01 4.5v to 5.5v output differential input LTC1968 v + 0.1 f opt. ac coupling en gnd out rtn in1 in2 typical applicatio u v in (mv ac rms ) 0 C1.0 linearity error (v out mv dc C v in mv ac rms ) C0.8 C0.6 C0.4 C0.2 0 0.2 100 200 300 400 1968 ta01b 500 LTC1968, ? 60hz sinewave conventional log/antilog linearity performance , ltc and lt are registered trademarks of linear technology corporation. protected under u.s. patent numbers 6,359,576, 6,362,677 and 6,516,291
2 LTC1968 1968f supply voltage v + to gnd ............................................................. 6v input currents (note 2) ..................................... 10ma output current (note 3) ..................................... 10ma enable voltage ......................................... C0.3v to 6v out rtn voltage ........................................ C0.3v to v + operating temperature range (note 4) LTC1968c/LTC1968i ......................... C 40 c to 85 c specified temperature range (note 5) LTC1968c/LTC1968i ......................... C 40 c to 85 c maximum junction temperature ......................... 150 c storage temperature range ................ C 65 c to 150 c lead temperature (soldering, 10 sec)................. 300 c order part number LTC1968cms8 LTC1968ims8 t jmax = 150 c, ja = 220 c/ w absolute axi u rati gs w ww u package/order i for atio uu w (note 1) ms8 part marking ltafg the denotes specifications which apply over the full operating temperature range, otherwise specifications are t a = 25 c. v + = 5v, v outrtn = 2.5v, c ave = 10 f, v in = 200mv rms , v enable = 0.5v unless otherwise noted. electrical characteristics consult ltc marketing for parts specified with wider operating temperature ranges. the temperature grade (i or c) is indicated on the shipping container. 1 2 3 4 gnd in1 in2 nc 8 7 6 5 enable v + out rtn v out top view ms8 package 8-lead plastic msop symbol parameter conditions min typ max units conversion accuracy g err low frequency gain error 50hz to 20khz input (notes 6, 7) 0.1 0.3 % 0.4 % v oos output offset voltage (notes 6, 7) 0.2 0.75 mv ? v oos / ? t output offset voltage drift (note 11) 210 v/ c lin err linearity error 50mv to 350mv (notes 7, 8) 0.02 0.15 % psrrg power supply rejection (note 9) 0.02 0.20 %/v 0.25 %/v v ios input offset voltage (notes 6, 7, 10) 0.4 1.5 mv ? v ios / ? t input offset voltage drift (note 11) 210 v/ c additional error vs crest factor (cf) cf = 3 60hz fundamental, 200mv rms 0.2 mv cf = 5 60hz fundamental, 200mv rms 5mv input characteristics v imax maximum peak input swing accuracy = 1% (note 14) 1 1.05 v i vr input voltage range 0v + v z in input impedance average, differential (note 12) 1.2 m ? average, common mode (note 12) 100 m ? cmrri input common mode rejection (note 13) 50 400 v/v v imin minimum rms input 5mv psrri power supply rejection (note 9) 250 700 v/v
3 LTC1968 1968f the denotes specifications which apply over the full operating temperature range, otherwise specifications are t a = 25 c. v + = 5v, v outrtn = 2.5v, c ave = 10 f, v in = 200mv rms , v enable = 0.5v unless otherwise noted. electrical characteristics note 1: absolute maximum ratings are those values beyond which the life of a device may be impaired. note 2: the inputs (in1, in2) are protected by shunt diodes to gnd and v + . if the inputs are driven beyond the rails, the current should be limited to less than 10ma. note 3: the LTC1968 output (v out ) is high impedance and can be overdriven, either sinking or sourcing current, to the limits stated. note 4: the LTC1968c/LTC1968i are guaranteed functional over the operating temperature range of C 40 c to 85 c. note 5: the LTC1968c is guaranteed to meet specified performance from 0 c to 70 c. the LTC1968c is designed, characterized and expected to meet specified performance from C 40 c to 85 c but is not tested nor qa sampled at these temperatures. the LTC1968i is guaranteed to meet specified performance from C 40 c to 85 c. note 6: high speed automatic testing cannot be performed with c ave = 10 f. the LTC1968 is 100% tested with c ave = 47nf. note 7: the LTC1968 is 100% tested with dc and 10khz input signals. measurements with dc inputs from 50mv to 350mv are used to calculate the four parameters: g err , v oos , v ios and linearity error. correlation tests have shown that the performance limits can be guaranteed with the additional testing being performed to guarantee proper operation of all internal circuitry. note 8: the LTC1968 is inherently very linear. unlike older log/antilog circuits, its behavior is the same with dc and ac inputs, and dc inputs are used for high speed testing. note 9: the power supply rejections of the LTC1968 are measured with dc inputs from 50mv to 350mv. the change in accuracy from v + = 4.5v to v + = 5.5v is divided by 1v. note 10: previous generation rms-to-dc converters required nonlinear input stages as well as a nonlinear core. some parts specify a dc reversal error, combining the effects of input nonlinearity and input offset voltage. the LTC1968 behavior is simpler to characterize and the input offset voltage is the only significant source of dc reversal error. note 11: guaranteed by design. note 12: the LTC1968 is a switched capacitor device and the input/output impedance is an average impedance over many clock cycles. the input impedance will not necessarily lead to an attenuation of the input signal measured. refer to the applications information section titled input impedance for more information. note 13: the common mode rejection ratios of the LTC1968 are measured with dc inputs from 50mv to 350mv. the input cmrr is defined as the change in v ios measured with the input common mode voltage at 0v and v + , divided by v + . the output cmrr is defined as the change in v oos measured with out rtn = 0v and out rtn = v + C 350mv divided by v + C 350mv. note 14: the LTC1968 input and output voltage swings are limited by internal clipping. however, its ? topology is relatively tolerant of momentary internal clipping. note 15: the LTC1968 exploits oversampling and noise shaping to reduce the quantization noise of internal 1-bit analog-to-digital conversions. at higher input frequencies, increasingly large portions of this noise are aliased down to dc. because the noise is shifted in frequency, it becomes a low frequency rumble and is only filtered at the expense of increasingly long settling times. the LTC1968 is inherently wideband, but the output accuracy is degraded by this aliased noise. symbol parameter conditions min typ max units output characteristics ovr output voltage range 0v + v z out output impedance (note 12) 10 12.5 16 k ? cmrro output common mode rejection (note 13) 50 250 v/v v omax maximum differential output swing accuracy = 1%, dc input (note 14) 1.0 1.05 v 0.9 v psrro power supply rejection (note 9) 250 1000 v/v frequency response f 1p 1% additional gain error (note 15) 500 khz f C 3db 3db frequency (note 15) 15 mhz power supplies v + supply voltage 4.5 5.5 v i s supply current in1 = 20mv, in2 = 0v 2.3 2.7 ma in1 = 200mv, in2 = 0v 2.4 ma shutdown characteristics i ss supply current v enable = 4.5v 0.1 10 a i ih enable pin current high v enable = 4.5v C1 C0.1 a i il enable pin current low v enable = 0.5v C3 C0.5 C0.1 a v th enable threshold voltage 2.1 v v hys enable threshold hysteresis 0.1 v
4 LTC1968 1968f typical perfor a ce characteristics uw gain and offset vs output common mode voltage gain and offset vs input common mode voltage input common mode voltage (v) 0 C0.5 gain error (%) offset voltage (mv) C0.4 C0.2 C0.1 0 0.5 0.2 1.0 2.0 2.5 5.0 4.5 1968 g01 C0.3 0.3 0.4 0.1 C1.0 C0.8 C0.4 C0.2 0 1.0 0.4 C0.6 0.6 0.8 0.2 0.5 1.5 3.0 3.5 4.0 v ios v oos gain error 50mv v in 350mv output common mode voltage (v) 0 C0.5 gain error (%) offset voltage (mv) C0.4 C0.2 C0.1 0 0.5 0.2 1.0 2.0 2.5 5.0 4.5 1968 g02 C0.3 0.3 0.4 0.1 C1.0 C0.8 C0.4 C0.2 0 1.0 0.4 C0.6 0.6 0.8 0.2 0.5 1.5 3.0 3.5 4.0 v ios v oos gain error 50mv v in 350mv gain and offset vs temperature gain and offset vs supply voltage supply voltage (v) 4.5 gain error (%) offset voltage (mv) 0.1 0.3 0.5 5.7 1968 g03 C0.1 C0.3 0 0.2 0.4 C0.2 C0.4 C0.5 0.2 0 0.6 1.0 C0.2 C0.6 0.4 0.8 C0.4 C0.8 C1.0 4.8 5.1 5.4 6.0 v oos v ios gain error 50mv v in 350mv temperature ( c) C40 C0.5 gain error (%) offset voltage (mv) C0.4 C0.2 C0.1 0 0.5 0.2 C15 10 85 1968 g04 C0.3 0.3 0.4 0.1 C0.5 C0.4 C0.2 C0.1 0 0.5 0.2 C0.3 0.3 0.4 0.1 35 60 v ios v oos gain error 50mv v in 350mv
5 LTC1968 1968f typical perfor a ce characteristics uw performance vs large crest factor ac linearity dc linearity supply current vs supply voltage supply current vs temperature power supply and enable pin current vs enable voltage input signal bandwidth vs rms value performance vs crest factor enable pin voltage (v) 0 3.0 2.5 2.0 1.5 C0.5 1.0 0.5 0 C1.0 0 C100 100 i s i en C200 200 C300 300 C400 35 1968 g11 12 46 supply current (ma) enable pin current (na) input signal bandwidth crest factor 1 199.0 199.8 199.6 199.4 199.2 output voltage (mv dc) 200.0 200.2 200.4 200.6 23 4 5 1khz 10khz 1968 g05 200.8 201.0 200mv rms scr waveforms c ave = 10 f o.1%/div 60hz 20hz crest factor 1 output voltage (mv dc) 220 4 1968 g06 190 170 23 5 160 150 140 130 120 210 200 180 678 200mv rms scr waveforms c ave = 10 f 5%/div 60hz 40khz 10khz 1khz 20hz v in1 (mv ac rms ) 0 v out (mv dc) C v in (mv ac rms ) 0.20 0.15 0.10 0.05 0 C0.05 C0.10 C0.15 C0.20 400 60hz 40khz 1968 g07 100 200 300 500 sinewaves c ave = 10 f v in2 = midsupply v in1 (mv) C500 {v outdc C |v indc |} (mv) 0.02 0.06 0.10 300 1968 g08 C0.02 C0.06 0 0.04 0.08 C0.04 C0.08 C0.10 C300 C100 100 500 c ave = 10 f v in2 = midsupply effect of offsets may be positive or negative at v in = 0v supply voltage (v) 0 0 supply current (ma) 0.5 1.0 1.5 2.0 3.0 1 234 1968 g09 56 2.5 temperature ( c) C55 2.30 supply current (ma) 2.32 2.36 2.38 2.40 C15 25 45 125 1968 g10 2.34 C35 5 65 85 105 2.44 2.42 input signal frequency (hz) 1k 10k 10 output dc voltage (mv) 100 1000 100k 1m 10m 100m 1968 g12 C3db 1% error 1% error input signal frequency (hz) 100 190 output dc voltage (mv) 192 194 196 198 1k 10k 100k 1m 10m 1968 g13 188 186 184 182 200 202 1%/div c ave = 10 f v in = 200mv rms
6 LTC1968 1968f typical perfor a ce characteristics uw bandwidth to 500khz dc transfer function near zero input common mode rejection ratio vs frequency output accuracy vs signal amplitude output noise vs input frequency input frequency (khz) 0 199 200 202 400 1968 g14 198 197 100 200 300 500 196 195 201 output voltage (mv) 0.5%/div c ave = 10 f v in = 200mv rms v in1 (mv dc) C30 C10 v out (mv dc) 0 10 20 C20 C10 010 1968 g15 20 30 40 C5 5 15 25 35 30 v in2 = midsupply three representative units input frequency (hz) 10 0 input cmrr (db) 20 40 60 100 1k 10k 100k 1967 g16 1m 80 10 30 50 70 90 10m 4.5v common mode input conversion to dc output v in1 (v rms ) 0 C20 {v out (mv dc) C v in (mv rms )} (mv) C15 C10 C5 0 5 10 0.5 1 1.5 dc 2 1967 g17 1% error v in2 = midsupply C1% error ac C 60hz sinewave input frequency (hz) 10k 0.001 peak output noise (% of reading) 0.01 0.1 1 100k 1m 1967 g18 peak noise measured in 10 second period c ave = 1 f c ave = 100 f c ave = 10 f output noise vs device input frequency (hz) 1k 0.01 peak output noise (% of reading) 0.1 1 10k 100k 1m 1968 g19 ltc1966 c ave = 1 f ltc1967 c ave = 1.5 f LTC1968 c ave = 6.8 f ave capacitor chosen for each device to give a 1 second, 0.1% settling time
7 LTC1968 1968f gnd (pin 1): ground. the power return pin. in1 (pin 2): differential input. dc coupled (polarity is irrelevant). in2 (pin 3): differential input. dc coupled (polarity is irrelevant). v out (pin 5): output voltage. pin 5 is high impedance. the rms averaging is accomplished with a single shunt ca- pacitor from pin 5 to out rtn. the transfer function is given by: v out rtn average in in out CC () = () ? ? ? ? ? ? 21 2 uu u pi fu ctio s out rtn (pin 6): output return. the output voltage is created relative to this pin. the v out and out rtn pins are not balanced and this pin should be tied to a low impedance, both ac and dc. although pin 6 is often tied to gnd, it can also be tied to any arbitrary voltage: gnd < out rtn < (v + C max output) v + (pin 7): positive voltage supply. 4.5v to 5.5v. enable (pin 8): an active-low enable input. LTC1968 is debiased if open circuited or driven to v + . for normal operation, pull to gnd. applicatio s i for atio wu uu rms-to-dc conversion definition of rms rms amplitude is the consistent, fair and standard way to measure and compare dynamic signals of all shapes and sizes. simply stated, the rms amplitude is the heating potential of a dynamic waveform. a 1v rms ac waveform will generate the same heat in a resistive load as will 1v dc. mathematically, rms is the root of the mean of the square: vv rms = 2 + C r 1v dc r 1968 f01 same heat 1v ac rms r 1v (ac + dc) rms figure 1 alternatives to rms other ways to quantify dynamic waveforms include peak detection and average rectification. in both cases, an average (dc) value results, but the value is only accurate at the one chosen waveform type for which it is calibrated, typically sine waves. the errors with average rectification are shown in table 1. peak detection is worse in all cases and is rarely used. table 1. errors with average rectification vs true rms average rectified waveform v rms (v) error* square wave 1.000 1.000 11% sine wave 1.000 0.900 *calibrate for 0% error triangle wave 1.000 0.866 C3.8% scr at 1/2 power, 1.000 0.637 C29.3% = 90 scr at 1/4 power, 1.000 0.536 C40.4% = 114 the last two entries of table 1 are chopped sine waves as is commonly created with thyristors such as scrs and triacs. figure 2a shows a typical circuit and figure 2b shows the resulting load voltage, switch voltage and load
8 LTC1968 1968f the lowpass filter. the input to the lpf is the calculation from the multiplier/divider; (v in ) 2 /v out . the lowpass filter will take the average of this to create the output, mathematically: applicatio s i for atio wu uu currents. the power delivered to the load depends on the firing angle, as well as any parasitic losses such as switch on voltage drop. real circuit waveforms will also typi- cally have significant ringing at the switching transition, dependent on exact circuit parasitics. for the purposes of this data sheet, scr waveforms refers to the ideal chopped sine wave, though the LTC1968 will do faithful rms-to-dc conversion with real scr waveforms as well. the case shown is for = 90 , which corresponds to 50% of available power being delivered to the load. as noted in table 1, when = 114 , only 25% of the available power is being delivered to the load and the power drops quickly as approaches 180 . with an average rectification scheme and the typical calibration to compensate for errors with sine waves, the rms level of an input sine wave is properly reported; it is only with a non-sinusoidal waveform that errors occur. because of this calibration, and the output reading in v rms , the term true-rms got coined to denote the use of an actual rms-to-dc converter as opposed to a calibrated average rectifier. control v load ac mains v line v thy 1968 f02a + + C + C C i load v line v load v thy i load 1968 f02b figure 2a figure 2b how an rms-to-dc converter works monolithic rms-to-dc converters use an implicit compu- tation to calculate the rms value of an input signal. the fundamental building block is an analog multiply/divide used as shown in figure 3. analysis of this topology is easy and starts by identifying the inputs and the output of v v v v v v so v v v and vvor v v rms v out in out out in out out in out out in out in in = () ? ? ? ? ? ? ? ? () ? ? ? ? ? ? ? ? = () ? ? ? ? = () ? ? ? ? () = () = () = () 2 2 2 2 22 2 , , , , because v is dc, v out in figure 3. rms-to-dc converter with implicit computation v in v out 1968 f03  lpf v v in out () 2 unlike the prior generation rms-to-dc converters, the LTC1968 computation does not use log/antilog circuits, which have all the same problems, and more, of log/ antilog multipliers/dividers, i.e., linearity is poor, the band- width changes with the signal amplitude and the gain drifts with temperature. how the LTC1968 rms-to-dc converter works the LTC1968 uses a completely new topology for rms-to- dc conversion, in which a ? modulator acts as the divider, and a simple polarity switch is used as the multi- plier 1 as shown in figure 4. 1 protected by multiple patents.
9 LTC1968 1968f applicatio s i for atio wu uu note that the internal scalings are such that the ? output duty cycle is limited to 0% or 100% only when v in exceeds 4 ? v out . linearity of an rms-to-dc converter linearity may seem like an odd property for a device that implements a function that includes two very nonlinear processes: squaring and square rooting. however, an rms-to-dc converter has a transfer func- tion, rms volts in to dc volts out, that should ideally have a 1:1 transfer function. to the extent that the input to output transfer function does not lie on a straight line, the part is nonlinear. a more complete look at linearity uses the simple model shown in figure 5. here an ideal rms core is corrupted by both input circuitry and output circuitry that have imper- fect transfer functions. as noted, input offset is introduced in the input circuitry, while output offset is introduced in the output circuitry. any nonlinearity that occurs in the output circuity will corrupt the rms in to dc out transfer function. a nonlin- earity in the input circuitry will typically corrupt that transfer function far less simply because with an ac input, the rms-to-dc conversion will average the nonlinearity from a whole range of input values together. but the input nonlinearity will still cause problems in an rms-to-dc converter because it will corrupt the accuracy as the input signal shape changes. although an rms-to- dc converter will convert any input waveform to a dc output, the accuracy is not necessarily as good for all waveforms as it is with sine waves. a common way to describe dynamic signal wave shapes is crest factor. the crest factor is the ratio of the peak value relative to the rms value of a waveform. a signal with a crest factor of 4, for instance, has a peak that is four times its rms value. the ? modulator has a single-bit output whose average duty cycle (d) will be proportional to the ratio of the input signal divided by the output. the ? is a 2nd order modulator with excellent linearity. the single-bit output is used to selectively buffer or invert the input signal. again, this is a circuit with excellent linearity, because it operates at only two points: 1 gain; the average effective multipli- cation over time will be on the straight line between these two points. the combination of these two elements again creates a lowpass filter input signal equal to (v in ) 2 /v out , which, as shown above, results in rms-to-dc conversion. the lowpass filter performs the averaging of the rms function and must be a lower corner frequency than the lowest frequency of interest. for line frequency measure- ments, this filter is simply too large to implement on-chip, but the LTC1968 needs only one capacitor on the output to implement the lowpass filter. the user can select this capacitor depending on frequency range and settling time requirements, as will be covered in the design cookbook section to follow. this topology is inherently more stable and linear than log/ antilog implementations primarily because all of the signal processing occurs in circuits with high gain op amps operating closed loop. more detail of the LTC1968 inner workings is shown in the simplified schematic towards the end of this data sheet. figure 4. topology of LTC1968 ? - ref v in v out lpf 1968 f04 1 d v v in out input circuitry ? v ios ? input nonlinearity ideal rms-to-dc converter output circuitry ? v oos ? output nonlinearity input output 1968 f05 figure 5. linearity model of an rms-to-dc converter
10 LTC1968 1968f because this peak has energy (proportional to voltage squared) that is 16 times (4 2 ) the energy of the rms value, the peak is necessarily present for at most 6.25% (1/16) of the time. the LTC1968 performs very well with crest factors of 4 or less and will respond with reduced accuracy to signals with higher crest factors. the high performance with crest factors less than 4 is directly attributable to the high linearity throughout the LTC1968. design cookbook the LTC1968 rms-to-dc converter makes it easy to implement a rather quirky function. for many applications all that will be needed is a single capacitor for averaging, appropriate selection of the i/o connections and power supply bypassing. of course, the LTC1968 also requires power. a wide variety of power supply configurations are shown in the typical applications section towards the end of this data sheet. capacitor value selection the rms or root-mean-squared value of a signal, the root of the mean of the square , cannot be computed without some averaging to obtain the mean function. the LTC1968 true rms-to-dc converter utilizes a single capacitor on the output to do the low frequency averaging required for rms-to-dc conversion. to give an accurate measure of a dynamic waveform, the averaging must take place over a sufficiently long interval to average, rather than track, the lowest frequency signals of interest. for a single averaging capacitor, the accuracy at low frequencies is depicted in figure 6. figure 6 depicts the so-called dc error that results at a given combination of input frequency and filter capacitor values 2 . it is appropriate for most applications, in which the output is fed to a circuit with an inherently band-limited frequency response, such as a dual slope/integrating a/d converter, a ? a/d converter or even a mechanical analog meter. however, if the output is examined on an oscilloscope with a very low frequency input, the incomplete averaging will be seen, and this ripple will be larger than the error depicted in figure 6. such an output is depicted in figure 7. the ripple is at twice the frequency of the input applicatio s i for atio wu uu figure 6. dc error vs input frequency figure 7. output ripple exceeds dc error time output 1968 f07 dc error (0.05%) ideal output dc average of actual output peak ripple (5%) actual output with ripple f = 2 f input peak error = dc error + peak ripple (5.05%) 2 this frequency-dependent error is in additon to the static errors that affect all readings and are therefore easy to trim or calibrate out. the error analyses section to follow discusses the effect of static error terms. input frequency (hz) 1 C2.0 dc error (%) C1.6 C1.2 C0.8 C0.4 10 100 1968 f06 0 C1.8 C1.4 C1.0 C0.6 C0.2 c = 0.22 f c = 0.47 f c = 1 f c = 10 f c = 2.2 f c = 22 f c = 47 f c = 4.7 f
11 LTC1968 1968f applicatio s i for atio wu uu because of the computation of the square of the input. the typical values shown, 5% peak ripple with 0.05% dc error, occur with c ave = 10 f and f input = 6hz. if the application calls for the output of the LTC1968 to feed a sampling or nyquist a/d converter (or other circuitry that will not average out this double frequency ripple) a larger averaging capacitor can be used. this trade-off is depicted in figure 8. the peak ripple error can also be reduced by additional lowpass filtering after the LTC1968, but the simplest solution is to use a larger averaging capacitor. a 10 f capacitor is a good choice for many applications. the peak error at 50hz/60hz will be <1% and the dc error will be <0.1% with frequencies of 10hz or more. note that both figure 6 and figure 8 assume ac-coupled waveforms with a crest factor less than 2, such as sine waves or triangle waves. for higher crest factors and/or ac + dc waveforms, a larger c ave will generally be required. see crest factor and ac + dc waveforms. capacitor type selection the LTC1968 can operate with many types of capacitors. the various types offer a wide array of sizes, tolerances, parasitics, package styles and costs. ceramic chip capacitors offer low cost and small size, but are not recommended for critical applications. the value stability over voltage and temperature is poor with many types of ceramic dielectrics. this will not cause an rms- to-dc accuracy problem except at low frequencies, where it can aggravate the effects discussed in the previous section. if a ceramic capacitor is used, it may be neces- sary to use a much higher nominal value in order to assure the low frequency accuracy desired. another parasitic of ceramic capacitors is leakage, which is again dependent on voltage and particularly tempera- ture. if the leakage is a constant current leak, the i ? r drop of the leak multiplied by the output impedance of the LTC1968 will create a constant offset of the output voltage. if the leak is ohmic, the resistor divider formed with the LTC1968 output impedance will cause a gain error. for < 0.1% gain accuracy degradation, the parallel impedance of the capacitor leakage will need to be >1000 times the LTC1968 output impedance. accuracy at this level can be hard to achieve with a ceramic capacitor, particularly with a large value of capacitance and at high temperature. for critical applications, a film capacitor, such as metal- ized polyester, will be a much better choice. although more expensive, and larger for a given value, the value stability and low leakage make metal-film capacitors a trouble-free choice. with any type of capacitor, the self-resonance of the capacitor can be an issue with the switched capacitor LTC1968. if the self-resonant frequency of the averaging capacitor is 1mhz or less, a second smaller capacitor should be added in parallel to reduce the impedance seen by the LTC1968 output stage at high frequencies. a capacitor 100 times smaller than the averaging capacitor will typically be small enough to be a low cost ceramic with a high quality dielectric such as x7r or npo/cog. figure 8. peak error vs input frequency with one cap averaging input frequency (hz) 1 C1.2 peak error (%) C1.0 C0.8 C0.6 C0.4 10 100 1000 1968 f08 C1.4 C1.6 C1.8 C2.0 C0.2 0 c = 220 f c = 100 f c = 47 f c = 22 f c = 10 f c = 4.7 f c = 2.2 f c =1 f
12 LTC1968 1968f input connections the LTC1968 input is differential and dc coupled. the LTC1968 responds to the rms value of the differential voltage between pin 2 and pin 3, including the dc portion of that difference. however, there is no dc-coupled path from the inputs to ground. therefore, at least one of the two inputs must be connected with a dc-return path to ground. both inputs must be connected to something. if either input is left floating, a zero volt output will result. for single-ended dc-coupled applications, simply con- nect one of the two inputs (they are interchangeable) to the signal, and the other to ground. this will work well for dual supply configurations, but for single supply con- figurations it will only work well for unipolar input sig- nals. the LTC1968 input voltage range is from rail-to-rail, and when the input is driven above v + or below gnd the gain and offset errors will increase substantially after just a few hundred millivolts of overdrive. fortunately, most single supply circuits measuring a dc-coupled rms value will include some reference voltage other than ground, and the second LTC1968 input can be connected to that point. for single-ended ac-coupled applications, figure 9 shows three alternate topologies. the first one, shown in figure 9a uses a coupling capacitor to one input while the other is grounded. this will remove the dc voltage difference from the input to the LTC1968, and it will therefore not be part of the resulting output voltage. again, this connection will applicatio s i for atio wu uu work well with dual supply configurations, but in single supply configurations it will be necessary to raise the volt- age on the grounded input to assure that the signal at the active input stays within the range of 0v to v + . if there is already a suitable voltage reference available, connect the second input to that point. if not, a midsupply voltage can be created with two resistors as shown in figure 9b. finally, if the input voltage is known to be between 0v and v + , it can be ac coupled by using the configuration shown in figure 9c. whereas the dc return path was provided through pin 3 in figures 9a and 9b, in this case, the return path is provided on pin 2, through the input signal volt- ages. the switched capacitor action between the two input pins of the LTC1968 will cause the voltage on the coupling capacitor connected to the second input to follow the dc average of the input voltage. for differential input applications, connect the two inputs to the differential signal. if ac coupling is desired, one of the two inputs can be connected through a series capacitor. in all of these connections, to choose the input coupling capacitor, c c , calculate the low frequency coupling time constant desired, and divide by the LTC1968 differential input impedance. because the LTC1968 input impedance is about 100 times its output impedance, this capacitor is typically much smaller than the output averaging capaci- tor. its requirements are also much less stringent, and a ceramic chip capacitor will usually suffice. figure 9. single-ended ac-coupled input connection alternatives + C LTC1968 gnd v + v + v + v C (9a) c c in1 v in in2 2 3 LTC1968 (9b) c c r1 10k r2 10k 0.1 f in1 v in v + in2 2 3 LTC1968 (9c) c c in1 v in 1968 f09 v dc in2 2 3
13 LTC1968 1968f output connections the LTC1968 output is differentially, but not symmetri- cally, generated. that is to say, the rms value that the LTC1968 computes will be generated on the output (pin 5) relative to the output return (pin 6), but these two pins are not interchangeable. for most applications, pin 6 will be tied to ground (pin 1). however, pin 6 can be tied to any voltage between 0v and v + (pin 7) less the maximum output voltage swing desired. this last restriction keeps v out itself (pin 5) within the range of 0v to v + . if a reference level other than ground is used, it should be a low impedance, both ac and dc, for proper operation of the LTC1968. in any configuration, the averaging capacitor should be connected between pins 5 and 6. the LTC1968 rms-dc output will be a positive voltage created at v out (pin 5) with respect to out rtn (pin 6). power supply bypassing the LTC1968 is a switched capacitor device, and large transient power supply currents will be drawn as the switching occurs. for reliable operation, standard power supply bypassing must be included. a 0.01 f capacitor from v + (pin 7) to gnd (pin 1) located close to the device will suffice. if there is a good quality ground plane avail- able, the capacitors can go directly to that instead. power supply bypass capacitors can, of course, be inexpensive ceramic types. up and running! if you have followed along this far, you should have the LTC1968 up and running by now! dont forget to enable the device by grounding pin 8, or driving it with a logic low. keep in mind that the LTC1968 output impedance is fairly high, and that even the standard 10m ? input impedance of a digital multimeter (dmm) or a 10 scope probe will load down the output enough to degrade its typical gain error of 0.1%. in the end application circuit, either a buffer or another component with an extremely high input imped- ance (such as a dual slope integrating adc) should be used. applicatio s i for atio wu uu for laboratory evaluation, it may suffice to use a bench-top dmm with the ability to disconnect the 10m ? shunt. if you are still having trouble, it may be helpful to skip ahead a few pages and review the troubleshooting guide. what about response time? with a large value averaging capacitor, the LTC1968 can easily perform rms-to-dc conversion on low frequency signals. it compares quite favorably in this regard to prior- generation products because nothing about the ? circuitry is temperature sensitive. so the rms result doesnt get distorted by signal driven thermal fluctuations like a log-antilog circuit output does. however, using large value capacitors results in a slow response time. figure 10 shows the rising and falling step responses with a 10 f averaging capacitor. although they both appear at first glance to be standard exponential- decay type settling, they are not. this is due to the nonlinear nature of an rms-to-dc calculation. also note the change in the time scale between the two; the rising edge is more than twice as fast to settle to a given accuracy. again this is a necessary consequence of rms- to-dc calculation. 3 although shown with a step change between 0mv and 100mv, the same response shapes will occur with the LTC1968 for any step size. this is in marked contrast to prior generation log/antilog rms-to-dc converters, whose averaging time constants are dependent on the signal level, resulting in excruciatingly long waits for the output to go to zero. the shape of the rising and falling edges will be dependent on the total percent change in the step, but for less than the 100% changes shown in figure 10, the responses will be less distorted and more like a standard exponential decay. for example, when the input amplitude is changed from 3 to convince oneself of this necessity, consider a pulse train of 50% duty cycle between 0mv and 100mv. at very low frequencies, the LTC1968 will essentially track the input. but as the input frequency is increased, the average result will converge to the rms value of the input. if the rise and fall characteristics were symmetrical, the output would converge to 50mv. in fact though, the rms value of a 100mv dc-coupled 50% duty cycle pulse train is 70.71mv, which the asymmetrical rise and fall characteristics will converge to as the input frequency is increased.
14 LTC1968 1968f 100mv to 110mv (+10%) and back (C10%), the step responses are essentially the same as a standard expo- nential rise and decay between those two levels. in such cases, the time constant of the decay will be in between that of the rising edge and falling edge cases of figure 10. therefore, the worst case is the falling edge response as it goes to zero, and it can be used as a design guide. figure 11 shows the settling accuracy vs settling time for a variety of averaging capacitor values. if the capacitor value previously selected (based on error requirements) gives an acceptable settling time, your design is done. but with 220 f, the settling time to even 10% is a full 10 seconds, which is a long time to wait. what can be done about such a design? if the reason for choosing 220 f is to keep the dc error with a 200mhz input less than 0.1%, the answer is: not much. the settling time to 1% of 20 seconds is just 4 cycles of this extremely low frequency. averaging very low frequency signals takes a long time. however, if the reason for choosing 220 f is to keep the peak error with a 10hz input less than 0.2%, there is another way to achieve that result with a much improved settling time. applicatio s i for atio wu uu time (sec) 0 0 output (mv) 20 40 60 80 100 120 0.10 0.20 0.30 0.40 1968 f10a 0.50 c ave = 10 f figure 10a. LTC1968 rising edge with c ave = 10 f figure 10b. LTC1968 falling edge with c ave = 10 f figure 11. settling time vs cap value, one cap averaging time (sec) 0 0 output (mv) 20 40 60 80 100 120 0.20 0.40 0.60 0.80 1968 f10b 1 c ave = 10 f settling time (sec) 0.01 0.1 settling accuracy (%) 1 10 110 0.1 100 1968 f11 c = 0.1 f c = 0.22 f c = 0.47 f c = 1 f c = 2.2 f c = 4.7 f c = 10 f c = 22 f c = 47 f c = 100 f c = 220 f
15 LTC1968 1968f reducing ripple with a post filter the output ripple is always much larger than the dc error, so filtering out the ripple can reduce the peak error substantially, without the large settling time penalty of simply increasing the averaging capacitor. figure 12 shows a basic 2nd order post filter, for a net 3rd order filtering of the LTC1968 rms calculation. it uses the 12.5k ? output impedance of the LTC1968 as the first re- sistor of a 3rd order sallen-key active-rc filter. this topol- ogy features a buffered output, which can be desirable depending on the application. however, there are disad- vantages to this topology, the first of which is that the op amp input voltage and current errors directly degrade the effective LTC1968 v oos . the table inset in figure 12 shows these errors for four of linear technologys op amps. a second disadvantage is that the op amp output has to operate over the same range as the LTC1968 output, includ- ing ground, which in single supply applications is the nega- tive supply. although the LTC1968 output will function fine just millivolts from the rail, most op amp output stages (and even some input stages) will not. there are at least two ways to address this. first of all, the op amp can be operated split supply if a negative supply is available. just the op amp would need to do so; the LTC1968 can remain single sup- ply. a second way to address this issue is to create a signal reference voltage a half volt or so above ground. this is most attractive when the circuitry that follows has a differential input, so that the tolerance of the signal reference is not a applicatio s i for atio wu uu concern. to do this, tie all three ground symbols shown in figure 12 to the signal reference, as well as to the differ- ential return for the circuitry that follows. figure 13 shows an alternative 2nd order post filter, for a net 3rd order filtering of the LTC1968 rms calculation. it also uses the 12.5k ? output impedance of the LTC1968 as the first resistor of a 3rd order active-rc filter, but this topology filters without buffering so that the op amp dc error characteristics do not affect the output. although the output impedance of the LTC1968 is increased from 12.5k ? to 41.9k ? , this is not an issue with an extremely high input impedance load, such as a dual-slope integrating adc like the icl7106. and it allows a generic op amp to be used, such as the sot-23 one shown. furthermore, it easily works on a single supply rail by tying the noninverting input of the op amp to a low noise reference as optionally shown. this reference will not change the dc voltage at the circuit output, although it does become the ac ground for the filter, thus the (relatively) low noise requirement. step responses with a post filter b oth of the post filters, shown in figures 12 and 13, are optimized for additional filtering with clean step re- sponses. the 12.5k ? output impedance of the LTC1968 working into a 10 f capacitor forms a 1st order lpf with a C3db frequency of ~1.27hz. the two filters have 10 f at the LTC1968 output for easy comparison with a 10 f-only case, and both have the same relative bessel- like shape. however, because of the topological differ- ences of pole placements between the various compo- nents within the two filters, the net effective bandwidth for figure 12 is slightly higher ( 1.2 ? 1.27 1.52hz) than with 10 f alone, while the bandwidth for figure 13 is figure 13. dc accurate post filter figure 12. buffered post filter LTC1968 c ave 10 f 5 6 r1 5.6k C + r2 24.9k r b c2 1 f c1 10 f lt1077 1968 f12 op amp LTC1968 v oos v ios i b/os ? r total offset r b value i sq lt1494 375 v 11 v 1.1mv 43k 1 a lt1880 150 v 48 v 940 v short 1.2ma lt1077 60 v 48 v 858 v 43k 48 a ltc2054 3 v 13 v 766 v short 150 a 750 v LTC1968 c ave 10 f 5 6 other ref voltage, see text r1 29.4k C + r2 100k c1 2.2 f c2 2.2 f lt1782 1068 f13
16 LTC1968 1968f applicatio s i for atio wu uu somewhat lower ( 0.7 ? 1.27 0.9hz) than with 10 f alone. to adjust the bandwidth of either of them, simply scale all the capacitors by a common multiple, and leave the resistors unchanged. the step responses of the LTC1968 with 10 f-only and with the two post filters are shown in figure 14. this is the rising edge rms output response to a 10hz input starting at t = 0. although the falling edge response is the worst case for settling, the rising edge illustrates the ripple that these post filters are designed to address, so the rising edge makes for a better intuitive comparison. the initial rise of the LTC1968 will have enhanced slew rates with dc and very low frequency inputs due to saturation effects in the ? modulator. this is seen in figure 14 in two ways. first, the 10 f-only output is seen to rise very quickly in the first 40ms. the second way this effect shows up is that the post filter outputs have a modest overshoot, on the order of 3mv to 4mv, or 3% to 4%. this is only an issue with input frequency bursts at 50hz or less, and even with the overshoot, the settling to a given level of accuracy improves due to the initial speedup. as predicted by figure 6, the dc error with 10 f is well under 1mv and is not noticeable at this scale. however, as predicted by figure 8, the peak error with the ripple from a 10hz input is much larger, in this case about 5mv. as can be clearly seen, the post filters reduce this ripple. even the wider bandwidth of figure 12s filter is seen to cut the ripple down substantially (to < 1mv) while the settling to 1% happens faster. with the narrower bandwidth of figure 14s filter, the step response is somewhat slower, but the double frequency output ripple is just 150 v. figure 15 shows the step response of the same three cases with a burst of 60hz rather than 10hz. with 60hz, the initial portion of the step response is free of the boost seen in figure 14 and the two post-filter responses have less than 1% overshoot. the 10 f-only case still has noticeable 120hz ripple, but both filters have removed all detectable ripple on this scale. this is to be expected; the first order filter will reduce the ripple about 6:1 for a 6:1 change in frequency, while the third order filters will reduce the ripple about 6 3 :1 or 216:1 for a 6:1 change in frequency. again, the two filter topologies have the same relative shape, so the step response and ripple filtering trade-offs of the two are the same, with the same performance of each possible with the other by scaling it accordingly. figures 16 and 17 show the peak error vs. frequency for a selection of capacitors for the two different filter topolo- gies. to keep the clean step response, scale all three capacitors within the filter. scaling the buffered topology of figure 12 is simple because the capacitors are in a 10:1:10 ratio. scaling the dc accurate topology of figure 14 can be done with standard value capacitors; one decade of scaling is shown in table 2. table 2: one decade of capacitor scaling for figure 13 with eia standard values c ave c 1 = c 2 = 1 f 0.22 f 1.5 f 0.33 f 2.2 f 0.47 f 3.3 f 0.68 f 4.7 f1 f 6.8 f1.5 f figure 15. step responses with 60hz burst figure 14. step responses with 10hz burst input burst 200mv/ div 20mv/ div 10 f only figure 12 figure 13 step response 100ms/div 1968 f14 input burst 200mv/ div 20mv/ div 10 f only figure 12 figure 13 step response 100ms/div 1968 f15
17 LTC1968 1968f applicatio s i for atio wu uu figures 18 and 19 show the settling time versus settling accuracy for the buffered and dc accurate post filters, respectively. the different curves represent different scalings of the filters, as indicated by the c ave value. these are comparable to the curves in figure 11 (single capacitor case), with somewhat less settling time for the buffered post filter, and somewhat more settling time for the dc-accurate post filter. these differences are due to the change in overall bandwidth as mentioned earlier. although the settling times for the post-filtered configura- tions shown on figures 18 and 19 are not that much different from those with a single capacitor, the point of using a post filter is that the settling times are far better for a given level peak error. the filters dramatically reduce the low frequency averaging ripple with far less impact on settling time. crest factor and ac + dc waveforms in the preceding discussion, the waveform was assumed to be ac coupled, with a modest crest factor. both assumptions ease the requirements for the averaging capacitor. with an ac-coupled sine wave, the calculation engine squares the input, so the averaging filter that follows is required to filter twice the input frequency, making its job easier. but with a sinewave that includes dc offset, the square of the input has frequency content at the input frequency and the filter must average out that lower frequency. so with ac + dc waveforms, the re- quired value for c ave should be based on half of the lowest input frequency, using the same design curves presented in figures 6, 8, 16 and 17. figure 17. peak error vs input frequency with dc-accurate post filter figure 16. peak error vs input frequency with buffered post filter input frequency (hz) 1 C1.2 peak error (%) C1.0 C0.8 C0.6 C0.4 10 100 1000 1968 f08 C1.4 C1.6 C1.8 C2.0 C0.2 0 c = 22 f c = 100 f c = 47 f c = 10 f c = 4.7 f c = 2.2 f c = 0.47 f c = 0.22 f c = 0.1 f c =1 f input frequency (hz) 1 C1.2 peak error (%) C1.0 C0.8 C0.6 C0.4 10 100 1000 1968 f08 C1.4 C1.6 C1.8 C2.0 C0.2 0 c = 22 f c = 47 f c = 10 f c = 4.7 f c = 2.2 f c = 0.47 f c = 0.22 f c = 0.1 f c = 0.047 f c =1 f
18 LTC1968 1968f applicatio s i for atio wu uu crest factor, which is the peak to rms ratio of a dynamic signal, also effects the required c ave value. with a higher crest factor, more of the energy in the signal is concentrated into a smaller portion of the waveform, and the averaging has to ride out the long lull in signal activity. for busy waveforms, such as a sum of sine waves, ecg traces or scr-chopped sine waves, the required value for c ave should be based on the lowest fundamental input frequency divided as such: f f cf design input min = () ?C 32 using the same design curves presented in figures 6, 8, 16 and 17. for the worst case of square top pulse trains, that are always either zero volts or the peak voltage, base the selection on the lowest fundamental input frequency divided by twice as much: f f cf design input min = () ?C 62 the effects of crest factor and dc offsets are cumulative. so for example, a 10% duty cycle pulse train from 0v peak to 1v peak (cf = 10 = 3.16) repeating at 16.67ms (60hz) input is effectively only 30hz due to the dc asymmetry and is effectively only: fhz design == 30 6 3 16 2 378 ?.C . for the purposes of figures 6, 8, 16 and 17. obviously, the effect of crest factor is somewhat simplified above given the factor of two difference based on a subjective description of the waveform type. the results will vary somewhat based on actual crest factor and figure 19. settling time with dc-accurate post filter figure 18. settling time with buffered post filter settling time (sec) 0.01 0.1 settling accuracy (%) 1 10 1 0.1 10 100 1968 f18 c = 0.22 f c = 0.47 f c = 1 f c = 2.2 f c = 4.7 f c = 10 f c = 22 f c = 47 f c = 100 f c = 220 f c = 470 f settling time (sec) 0.01 0.1 settling accuracy (%) 1 10 1 0.1 10 100 1968 f19 c = 0.1 f c = 0.22 f c = 0.47 f c = 1 f c = 2.2 f c = 4.7 f c = 10 f c = 22 f c = 47 f c = 100 f c = 220 f c = 470 f
19 LTC1968 1968f waveform dynamics and the type of filtering used. the above method is conservative for some cases and about right for others. the LTC1968 works well with signals whose crest factor is 4 or less. at higher crest factors, the internal ? modulator will saturate, and results will vary depending on the exact frequency, shape and (to a lesser extent) ampli- tude of the input waveform. the output voltage could be higher or lower than the actual rms of the input signal. the ? modulator may also saturate when signals with crest factors less than 4 are used with insufficient averag- ing. this will only occur when the output droops to less than 1/4 of the input voltage peak. for instance, a dc- coupled pulse train with a crest factor of 4 has a duty cycle of 6.25% and a 1v peak input is 250mv rms . if this input is 50hz, repeating every 20ms, and c ave = 10 f, the output will droop during the inactive 93.75% of the waveform. this droop is calculated as: v v e min rms inactive time = ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 2 1C 2 ? z ? c out ave for the LTC1968, whose output impedance (z out ) is 12.5k ? , this droop works out to C 3.6%, so the output would be reduced to 241mv at the end of the inactive portion of the input. when the input signal again climbs to 1v peak , the peak/output ratio is 4.15. with c ave = 100 f, the droop is only C 0.37% to 249.1mv and the peak/output ratio is just 4.015, which the LTC1968 has enough margin to handle without error. for crest factors less than 3.5, the selection of c ave as previously described should be sufficient to avoid this droop and modulator saturation effect. but with crest factors above 3.5, the droop should also be checked for each design. error analyses once the rms-to-dc conversion circuit is working, it is time to take a step back and do an analysis of the accuracy of that conversion. the LTC1968 specifications include three basic static error terms, v oos , v ios and gain. the output offset is an error that simply adds to (or subtracts applicatio s i for atio wu uu from) the voltage at the output. the conversion gain of the LTC1968 is nominally 1.000 v dcout /v rmsin and the gain error reflects the extent to which this conversion gain is not perfectly unity. both of these affect the results in a fairly obvious way. input offset on the other hand, despite its conceptual simplicity, effects the output in a nonobvious way. as its name implies, it is a constant error voltage that adds directly with the input. and it is the sum of the input and v ios that is rms converted. this means that the effect of v ios is warped by the nonlinear rms conversion. with 0.4mv (typ) v ios , and a 200mv rms ac input, the rms calculation will add the dc and ac terms in an rms fashion and the effect is negligible: v out = (200mv ac) 2 + (0.4mv dc) 2 = 200.0004mv = 200mv + 2ppm but with 10 less ac input, the error caused by v ios is 100 larger: v out = (20mv ac) 2 + (0.4mv dc) 2 = 20.004mv = 20mv + 200ppm this phenomena, although small, is one source of the LTC1968s residual nonlinearity. on the other hand, if the input is dc coupled, the input offset voltage adds directly. with +200mv and a +0.4mv v ios , a 200.4mv output will result, an error of 0.2% or 2000ppm. with dc inputs, the error caused by v ios can be positive or negative depending if the two have the same or opposing polarity. the total conversion error with a sine wave input using the typical values of the LTC1968 static errors is computed as follows: v out = ( (500mv ac) 2 + (0.4mv dc) 2 ) ? 1.001 + 0.2mv = 500.700mv = 500mv + 0.140% v out = ( (50mv ac) 2 + (0.4mv dc) 2 ) ? 1.001 + 0.2mv = 50.252mv = 50mv + 0.503%
20 LTC1968 1968f v out = ( (5mv ac) 2 + (0.4mv dc) 2 ) ? 1.001 + 0.2mv = 5.221mv = 5mv + 4.42% as can be seen, the gain term dominates with large inputs, while the offset terms become significant with smaller inputs. in fact, 5mv is the minimum rms level needed to keep the LTC1968 calculation core functioning normally, so this represents the worst-case of usable input levels. using the worst-case values of the LTC1968 static errors, the total conversion error is: v out = ( (500mv ac) 2 + (1.5mv dc) 2 ) ? 1.003 + 0.75mv = 502.25mv = 500mv + 0.45% v out = ( (50mv ac) 2 + (1.5mv dc) 2 ) ? 1.003 + 0.75mv = 50.923mv = 50mv + 1.85% v out = ( (5mv ac) 2 + (1.5mv dc) 2 ) ? 1.003 + 0.75mv = 5.986mv = 5mv + 19.7% these static error terms are in addition to dynamic error terms that depend on the input signal. see the design cookbook for a discussion of the dc conversion error with low frequency ac inputs. the LTC1968 bandwidth limita- tions cause additional errors with high frequency inputs. another dynamic error is due to crest factor. the LTC1968 performance versus crest factor is shown in the typical performance characteristics. output errors versus frequency as mentioned in the design cookbook, the LTC1968 per- forms very well with low frequency and very low frequency inputs, provided a large enough averaging capacitor is used. however, the LTC1968 will have additional dynamic errors as the input frequency is increased. the LTC1968 is de- signed for high accuracy rms-to-dc conversion of sig- nals up to 100khz. however, the switched capacitor cir- cuitry samples the inputs at a modest 2mhz nominal. the response versus frequency is depicted in the typical per- formance characteristics titled input signal bandwidth. applicatio s i for atio wu uu although there is a pattern to the response versus fre- quency that repeats every sample frequency, the errors are not overwhelming. this is because LTC1968 rms calculation is inherently wideband, operating properly with minimal oversampling, or even undersampling, using sev- eral proprietary techniques to exploit the fact that the rms value of an aliased signal is the same as the rms value of the original signal. however, a fundamental feature of the ? modulator is that sample estimation noise is shaped such that minimal noise occurs with input frequencies much less than the sampling frequency, but such noise peaks when input frequency reaches half the sampling frequency. fortunately the LTC1968 output averaging fil- ter greatly reduces this error, but the rms-to-dc topology frequency shifts the noise to low (baseband) frequencies. see output noise vs input frequency in the typical perfor- mance characteristics. input impedance the LTC1968 true rms-to-dc converter utilizes a 0.8pf capacitor to sample the input at a nominal 2mhz sample frequency. this accounts for the 1.2m ? input impedance. see figure 20 for the equivalent analog input circuit. note however, that the 1.2m ? input impedance does not di- rectly affect the input sampling accuracy. for instance, if a 15.5k source resistance is used to drive the LTC1968, the sampling action of the input stage will drag down the voltage seen at the input pins with small spikes at every sample clock edge as the sample capacitor is connected to be charged. the time constant of this combination is small, 0.8pf ? 15.5k ? = 12.5ns, and during the 125ns period devoted to sampling, ten time constants elapse. figure 20. LTC1968 equivalent analog input circuit in1 v dd v dd v ss v ss r sw (typ) 2k c eq 0.8pf (typ) c eq 0.8pf (typ) i in1 in2 i in2 1968 f20 r sw (typ) 2k iin vv r iin vv r rm avg in in eq avg in in eq eq 1 2 1.2 12 21 () = ? () = ? = ?
21 LTC1968 1968f applicatio s i for atio wu uu this allows each sample to settle to within 46ppm and it is these samples that are used to compute the rms value. this is a much higher accuracy than the LTC1968 conver- sion limits, and far better than the accuracy computed via the simplistic resistive divider model: output impedance the LTC1968 output impedance during operation is simi- larly due to a switched capacitor action. in this case, 20pf of on-chip capacitance operating at 2mhz translates into 25k ? . the closed-loop rms-to-dc calculation cuts that in half to the nominal 12.5k ? specified. in order to create a dc result, a large averaging capacitor is required. capacitive loading and time constants are not an issue on the output. however, resistive loading is an issue and the 10m ? impedance of a dmm or 10 scope probe will drag the output down by C0.125% typ. during shutdown, the switching action is halted and a fixed 12.5k resistor shunts v out to out rtn so that c ave is discharged. interfacing with an adc the LTC1968 output impedance and the rms averaging ripple need to be considered when using an analog-to- digital converter (adc) to digitize the LTC1968 rms result. the simplest configuration is to connect the LTC1968 directly to the input of a type 7106/7136 adc as shown in figure 21a. these devices are designed specifically for dvm/dpm use and include display drivers for a 3 1/2 digit lcd segmented display. using a dual-slope conversion, the input is sampled over a long integration window, which results in rejection of line frequency ripple when integra- tion time is an integer number of line cycles. finally, these parts have an input impedance in the g ? range, with specified input leakage of 10pa to 20pa. such a leakage, combined with the LTC1968 output impedance, results in less than 1 v of additional output offset voltage. another type of adc that has inherent rejection of rms averaging ripple is an oversampling ? adc such as the ltc2420. its input impedance is 6.5m ? , but only when it is sampling. since this occurs only half the time at most, if it directly loads the LTC1968, a gain error of C0.08% to C0.11% results. in fact, the ltc2420 dc input current is vv r rr v m v in source in in source source source = + = ? = 1.2 125 C. % mk ? + 1.2 15.5 ? this resistive divider calculation does give the correct model of what voltage is seen at the input terminals by a parallel load averaged over a several clock cycles, which is what a large shunt capacitor will doaverage the current spikes over several clock cycles. when high source impedances are used, care must be taken to minimize shunt capacitance at the LTC1968 input so as not to increase the settling time. shunt capacitance of just 0.8pf will double the input settling time constant and the error in the above example grows from 46ppm to 0.67% (6700ppm). as a consequence, it is important to not try to filter the input with large input capacitances unless driven by a low impedance. keep time constant << 125ns. when the LTC1968 is driven by op amp outputs, whose low dc impedance can be compromised by sharp capaci- tive load switching, a small series resistor may be added. a 1k resistor will easily settle with the 0.8pf input sampling capacitor to within 1ppm. these are important points to consider both during design and debug. during lab debug, and even production testing, a high value series resistor to any test point is advisable.
22 LTC1968 1968f not zero at 0v, but rather at one half its reference, so both an output offset and a gain error will result. these errors will vary from part to part, but with a specific LTC1968 and ltc2420 combination, the errors will be fixed, varying less than 0.05% over temperature. so a system that has digi- tal calibration can be quite accurate despite the nominal gain and offset error. with 20 bits of resolution, this part is more accurate than the LTC1968, but the extra resolu- tion is helpful because it reduces nonlinearity at the lsb transitions as a digital gain correction is made. further- more, its small size and ease of use make it attractive. this connection is shown in figure 21b, where the ltc2420 is set to continuously convert by grounding the cs pin. the gain error will be less if cs is driven at a slower rate, however, the rate should either be consistent or at a rate low enough that the LTC1968 and its output capacitor have fully settled by the beginning of each conversion, so that the loading errors are consistent. other types of adcs sample the input signal once and perform a conversion on that one sample. with these adcs (nyquist adcs), a post filter will be needed in most cases to reduce the peak error with low input frequencies. the dc-accurate filter of figure 13 is attractive from an error standpoint, but it increases the impedance at the adc input. in most cases, the buffered post filter of figure 12 will be more appropriate for use with nyquist analog-to- digital converters. system calibration the LTC1968 static accuracy can be improved with end- system calibration. traditionally, calibration has been done at the factory, or at a service depot only, typically using manually adjusted potentiometers. increasingly, systems are being designed for electronic calibration where the accuracy corrections are implemented in digital code wherever possible, and with calibration dacs where necessary. additionally, many systems are now designed for self calibration, in which the calibration occurs inside the machine, automatically without user intervention. whatever calibration scheme is used, the linearity of the LTC1968 will improve the calibrated accuracy over that achievable with older log/antilog rms-to-dc converters. additionally, calibration using dc reference voltages are essentially as accurate with the LTC1968 as those using ac reference voltages. older log/antilog rms-to-dc con- verters required nonlinear input stages (rectifiers) whose linearity would typically render dc-based calibration unworkable. the following are four suggested calibration methods. implementations of the suggested adjustments are de- pendent on the system design, but in many cases, gain and output offset can be corrected in the digital domain, and will include the effect of all gains and offsets from the LTC1968 output through the adc. input offset voltage, on the other hand, will have to be corrected with adjustment to the actual analog input to the LTC1968. ac-only, 1 point the dominant error at full scale will be caused by the gain error, and by applying a full-scale sine wave input, this error can be measured and corrected for. unlike older log/ antilog rms-to-dc converters, the correction should be made for zero error at full scale to minimize errors through- out the dynamic range. the best frequency for the calibration signal is roughly ten times the C0.1% dc error frequency. for 10 f, C0.1% dc error occurs at 6hz, so 60hz is a good calibration frequency, although anywhere from 60hz to 100hz should suffice. applicatio s i for atio wu uu figure 21a. interfacing to dvm/dpm adc figure 21b. interfacing to ltc2420 c ave LTC1968 output out rtn 7106 type in hi in lo 5 6 31 1968 f21a 30 c ave LTC1968 output out rtn ltc2420 v in serial data digitally correct loading errors gnd sdo sck cs 5 6 3 1968 f21b 4
23 LTC1968 1968f the trade-off here is that on the one hand, the dc error is input frequency dependent, so a calibration signal fre- quency high enough to make the dc error negligible should be used. on the other hand, as low a frequency as can be used is best to avoid attenuation of the calibrated ac signal, either from parasitic rc loading or insufficient op amp gain. for instance, with a 1khz calibration signal, a 1mhz op amp will typically only have 60db of open-loop gain, so it could attenuate the calibration signal a full 0.1%. ac-only, 2 point the next most significant error for ac-coupled applica- tions will be the effect of output offset voltage, noticeable at the bottom end of the input scale. this too can be calibrated out if two measurements are made, one with a full-scale sine wave input and a second with a sine wave input (of the same frequency) at 10% of full scale. the trade-off in selecting this second level is that it should be small enough that the gain error effect becomes small compared to the gain error effect at full scale, while on the other hand, not using so small an input that the input offset voltage becomes an issue. the calculations of the error terms for a 200mv full-scale case are: gain = reading at 200mv C reading at 20mv 180mv output offset = reading at 20mv gain C20mv dc, 2 point dc-based calibration is preferable in many cases because a dc voltage of known, good accuracy is easier to gener- ate than such an ac calibration voltage. the only down side is that the LTC1968 input offset voltage plays a role. it is therefore suggested that a dc-based calibration scheme check at least two points: full scale. applying the Cfull-scale input can be done by physically inverting the voltage or by applying the same +full-scale input to the opposite LTC1968 input. for an otherwise ac-coupled application, only the gain term may be worth correcting for, but for dc-coupled applications, the input offset voltage can also be calcu- lated and corrected for. the calculations of the error terms for a 200mv full-scale case are: gain = reading at 200mv + reading at C 200mv 400mv input offset = reading at C 200mv C reading at 200mv 2 ?gain note: calculation of and correction for input offset voltage are the only way in which the two LTC1968 inputs (in1, in2) are distinguishable from each other. the calculation above assumes the standard definition of offset; that a positive offset is the case of a positive voltage error inside the device that must be corrected by applying a like negative voltage outside. the offset is referred to which- ever pin is driven positive for the +full-scale reading. dc, 3 point one more point is needed with a dc calibration scheme to determine output offset voltage: +10% of full scale. the calculation of the input offset is the same as for the 2-point calibration above, while the gain and output offset are calculated for a 200mv full-scale case as: gain = reading at 200mv C reading at 20mv 180mv output offset = reading at 200mv +reading at C 200mv C 400mv ? gain 2 applicatio s i for atio wu uu
24 LTC1968 1968f applicatio s i for atio wu uu troubleshooting guide top ten LTC1968 application mistakes 1. circuit wont workCdead on arrivalCno power drawn. C probably forgot to enable the LTC1968 by pulling pin 8 low. solution: tie pin 8 to pin 1. 2. circuit wont work, but draws power. zero or very little output, single-ended input application. C probably didnt connect both input pins. solution: tie both inputs to something. see input connections in the design cookbook. 4. gain is low by a few percent, along with other screwy results. C probably tried to use output in a floating, differential manner. solution: tie pin 6 to a low impedance. see output connections in the design cookbook. LTC1968 connect pin 3 in1 2 3 nc in2 1968ts02 LTC1968 in1 2 3 in2 1968 ts03 dc-couple one input LTC1968 dc-connect one input in1 2 3 in2 3. screwy results, particularly with respect to linearity or high crest factors; differential input application. C probably ac-coupled both input pins. solution: make at least one input dc-coupled. see input connections in the design cookbook. type 7136 adc LTC1968 hi 31 30 5 6 lo v out out rtn 1968 ts04 ground pin 6 5. offsets perceived to be out of specification because 0v in 0v out. C the offsets are not specified at 0v in. no rms-to- dc converter works well at 0 due to a divide-by-zero calculation. solution: measure v ios /v oos by extrapolating read- ings > 5mv dc . 6. linearity perceived to be out of specification particu- larly with small input signals. C this could again be due to using 0v in as one of the measurement points. solution: check linearity from 5mv rms to 500mv rms . C the input offset voltage can cause small ac linear ityerrors at low input amplitudes as well. see error analyses section. possible solution: include a trim for input offset.
25 LTC1968 1968f applicatio s i for atio wu uu 7. output is noisy with >200khz inputs. C this is a fundamental characteristic of this topol- ogy. the LTC1968 is designed to work very well with inputs of 100khz or less. it works okay as high as 1mhz, but it is limited by aliased ? noise. solution: bandwidth limit the input or digitally filter the resulting output. 8. large errors occur at crest factors approaching, but less than 4. C insufficient averaging. solution: increase c ave . see crest factor and ac + dc waveforms section for discussion of output droop. 9. screwy results, errors > spec limits, typically 1% to 5%. C high impedance (12.5k ? ) and high accuracy (0.1%) require clean boards! flux residue, finger grime, etc. all wreak havoc at this level. solution: wash the board. 10. gain is low by ? 1% or more, no other problems. C probably due to circuit loading. with a dmm or a 10 scope probe, z in = 10m ? . the LTC1968 output is 12.5k ? , resulting in C 0.125% gain error. output impedance is higher with the dc accurate post filter. solution: remove the shunt loading or buffer the output. C loading can also be caused by cheap averaging capacitors. solution: use a high quality metal film capacitor for c ave . LTC1968 keep board clean 1968 ts09 200mv rms in C0.125% dmm dcv LTC1968 10m 5 12.5k 6 v out out rtn 1968 ts10 loading drags down gain mv
26 LTC1968 1968f typical applicatio s u si plified sche atic ww 5v single supply, differential, ac-coupled rms-to-dc converter single supply rms current measurement v + 5v LTC1968 in1 dc output c ave 10 f c c 1 f in2 1968 ta02 v out ac inputs (1v peak differential) out rtn gnd en v + LTC1968 in1 v out = 4mv dc /a rms c ave 10 f 0.1 f in2 1968 ta03 v out ac current 75a max 50hz to 400hz out rtn gnd en 10k 10k 10 ? t1: cr magnetics cr8348-2500-n www.crmagnetics.com t1 2nd order ? modulator in1 in2 en v + C + C + output out rtn 50k bleed resistor for c ave c ave 1968 ss to bias control gnd c1 c2 y1 y2 c12 c11 closed during shutdown c9 c10 c5 c3 c4 c6 c8 c7 a2 a1
27 LTC1968 1968f u package descriptio ms8 package 8-lead plastic msop (reference ltc dwg # 05-08-1660) information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. typical applicatio s u 2.5v supplies, single ended, dc-coupled rms-to-dc converter with shutdown rms noise measurement v + 2.5v C2.5v C2.5v LTC1968 in1 dc output c ave 10 f 0.1 f x7r in2 1968 ta04 v out dc + ac input (1v peak ) out rtn gnd en off 2v C2v on v + 2.5v C2.5v 2.5v C2.5v LTC1968 in1 c ave 10 f 0.1 f 1.5 f in2 1968 ta05 v out voltage noise in out rtn gnd en 1mv dc 1 v rms of input noise v out = C + 1k 100 ? 100 ? 100k bw 1khz to 100khz input sensitivity = 1 v rms typ 1/2 ltc6203 msop (ms8) 0204 0.53 0.152 (.021 .006) seating plane note: 1. dimensions in millimeter/(inch) 2. drawing not to scale 3. dimension does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.152mm (.006") per side 4. dimension does not include interlead flash or protrusions. interlead flash or protrusions shall not exceed 0.152mm (.006") per side 5. lead coplanarity (bottom of leads after forming) shall be 0.102mm (.004") max 0.18 (.007) 0.254 (.010) 1.10 (.043) max 0.22 C 0.38 (.009 C .015) typ 0.127 0.076 (.005 .003) 0.86 (.034) ref 0.65 (.0256) bsc 0 C 6 typ detail a detail a gauge plane 12 3 4 4.90 0.152 (.193 .006) 8 7 6 5 3.00 0.102 (.118 .004) (note 3) 3.00 0.102 (.118 .004) (note 4) 0.52 (.0205) ref 5.23 (.206) min 3.20 C 3.45 (.126 C .136) 0.889 0.127 (.035 .005) recommended solder pad layout 0.42 0.038 (.0165 .0015) typ 0.65 (.0256) bsc
28 LTC1968 1968f ? linear technology corporation 2004 lt/tp 0604 1k ? printed in usa linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear.com related parts part number description comments lt ? 1077 micropower, single supply precision op amp 48 a i s , 60 v v os(max) , 450pa i os(max) lt1175-5 negative, C5v fixed, micropower ldo regulator 45 a i q , available in so-8 or sot-223 lt1494 1.5 a max, precision rail-to-rail i/o op amp 375 v v os(max) , 100pa i os(max) lt1782 general purpose sot-23 rail-to-rail op amp 40 a i s , 800 v v os(max) , 2na i os(max) lt1880 sot-23 rail-to-rail output precision op amp 1.2ma i s , 150 v v os(max) , 900pa i os(max) ltc2054 zero drift op amp in sot-23 150 a i s , 3 v v os(max) , 150pa i b(max) lt2178/lt2178a 17 a max, single supply precision dual op amp 14 a i s , 120 v v os(max) , 350pa i os(max) ltc1966 precision micropower ? rms-to-dc converter 155 a i s ltc1967 precision extended bandwidth rms-to-dc converter 320 a i s ltc2402 2-channel, 24-bit, micropower, no latency ? tm adc 200 a i s , 4ppm inl, 10ppm tue ltc2420 20-bit, micropower, no latency ? adc in so-8 200 a i s , 8ppm inl, 16ppm tue ltc2422 2-channel, 20-bit, micropower, no latency ? adc dual channel version of ltc2420 no latency ? is a trademark of linear technology corporation. audio amplitude compressor typical applicatio u C + C + C + 8 7 9 2 1 14 r4 2.49k r1 100k v in r3 7.5k r5 5.9k r15 47 ? v fs r2 1k c2 0.47 f c1 47nf 13 a1 a2 v + lt1256 v C v + v out c3 0.1 f r13 3.3k r14 3.3k 12 r fs 10 r c 5 v c r6 2k r10 200k r12 1k r9 10k r8 15k v + lt1636 attenuation control gain of 4 attenuate by 1/4 v + v C r7 5.9k 3 c5 0.22 f c4 1 f LTC1968 1968 ta07 v dd gnd en v out out rtn in1 in2 0.1 f


▲Up To Search▲   

 
Price & Availability of LTC1968

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X