Part Number Hot Search : 
AD8572 BA6235F ML6673 ML6673 KBPC1 DTC643TK 070VK02 TCD2551
Product Description
Full Text Search
 

To Download IXGH40N120C3D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2009 ixys corporation, all rights reserved symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v ge(th) i c = 250 a, v ce = v ge 3.0 5.0 v i ces v ce = v ces, v ge = 0v 100 a t j = 125c 3 ma i ges v ce = 0v, v ge = 20v 100 na v ce(sat) i c = 30a, v ge = 15v, note 1 4.4 v t j = 125c 2.7 v ds100115(02/09) IXGH40N120C3D1 preliminary technical information v ces = 1200v i c110 = 40a v ce(sat) 4.4v t fi(typ) = 57ns genx3 tm c3-class igbt w/diode high speed pt igbt for 20 - 50 khz switching symbol test conditions maximum ratings v ces t j = 25c to 150c 1200 v v cgr t j = 25c to 150c, r ge = 1m 1200 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25c (limited by leads) 75 a i c110 t c = 110c 40 a i f110 t c = 110c 25 a i cm t c = 25c, 1ms 180 a i a t c = 25c 30 a e as t c = 25c 500 mj ssoa v ge = 15v, t j = 125c, r g = 3 i cm = 80 a (rbsoa) clamped inductive load @v ce <1200 v p c t c = 25c 380 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c m d mounting torque 1.13 / 10 nm/lb.in. t l maximum lead temperature for soldering 300 c t sold 1.6mm (0.062 in.) from case for 10s 260 c weight 6 g g = gate c = collector e = emitter tab = collector to-247 g c e tab features z optimized for low conduction losses z square rbsoa z avalanche rated z anti-parallel ultra fast diode z international standard package advantages z high power density z low gate drive requirement applications ? switch-mode and resonant-mode power supplies ? uninterruptible power supplies (ups) ? dc choppers ? ac motor drives ? dc servo and robot drives
ixys reserves the right to change limits, test conditions, and dimensions. IXGH40N120C3D1 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 30a, v ce = 10v, note 1 18 30 s c ies 2930 pf c oes v ce = 25v, v ge = 0v, f = 1mhz 240 pf c res 93 pf q g 142 nc q ge i c = 40a, v ge = 15v, v ce = 0.5 ? v ces 19 nc q gc 62 nc t d(on) 17 ns t ri 33 ns e on 1.80 mj t d(off) 130 ns t fi 57 100 ns e off 0.55 1.00 mj t d(on) 17 ns t ri 35 ns e on 3.50 mj t d(off) 177 ns t fi 298 ns e off 1.60 mj r thjc 0.33 c/w r thck 0.21 c/w inductive load, t j = 25c i c = 30a, v ge = 15v v ce = 600v, r g = 3 note 2 ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice. dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p to-247 (ixgh) outline 1 2 3 terminals: 1 - gate 2 - drain 3 - source tab - drain inductive load, t j = 25c i c = 30a, v ge = 15v v ce = 600v, r g = 3 note 2 reverse diode (fred) (t j = 25c, unless otherwise specified) characteristic value symbol test conditions min. typ. max. v f 2.8 v t j = 150c 1.6 v i rm 4 a t rr 100 ns r thjc 0.9 c/w note 1: pulse test, t 300 s, duty cycle, d 2%. 2. switching times may increase for v ce (clamp) > 0.5 v ces , higher t j or increased r g . i f = 30a,v ge = 0v, -di f /dt = 100a/ s, t j = 100c v r = 300v t j = 100c i f = 30a,v ge = 0v, note 1
? 2009 ixys corporation, all rights reserved IXGH40N120C3D1 fig. 1. output characteristics @ 25oc 0 10 20 30 40 50 60 70 80 0123456 v ce - volts i c - amperes v ge = 15v 13v 11v 7v 5v 9v fig. 2. extended output characteristics @ 25oc 0 25 50 75 100 125 150 175 200 225 250 0 3 6 9 12 15 18 21 24 27 30 v ce - volts i c - amperes v ge = 15v 13v 7v 9v 11v 5v fig. 3. output characteristics @ 125oc 0 10 20 30 40 50 60 70 80 0123456 v ce - volts i c - amperes v ge = 15 v 13 v 11 v 7v 5v 9v fig. 4. dependence of v ce(sat) on junction temperature 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 25 50 75 100 125 150 t j - degrees centigrade v ce(sat) - normalized v ge = 15v i c = 80a i c = 40a i c = 20a fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 56789101112131415 v ge - volts v ce - volts i c = 80 a t j = 25oc 40 a 20 a fig. 6. input admittance 0 10 20 30 40 50 60 70 80 90 100 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 v ge - volts i c - amperes t j = 125oc 25oc - 40oc
ixys reserves the right to change limits, test conditions, and dimensions. IXGH40N120C3D1 ixys ref: g_40n120c3(6n)2-18-09-a fig. 7. transconductance 0 5 10 15 20 25 30 35 40 45 0 102030405060708090100 i c - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 10. reverse-bias safe operating area 0 10 20 30 40 50 60 70 80 90 200 400 600 800 1000 1200 v ce - volts i c - amperes t j = 125oc r g = 3 ? dv / dt < 10v / ns fig. 11. maximum transient thermal impedance 0.01 0.10 1.00 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w fig. 8. gate charge 0 2 4 6 8 10 12 14 16 0 20 40 60 80 100 120 140 160 q g - nanocoulombs v ge - volts v ce = 600v i c = 40a i g = 10ma fig. 9. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ce - volts capacitance - picofarads f = 1 mhz c ies c oes c res
? 2009 ixys corporation, all rights reserved IXGH40N120C3D1 fig. 12. inductive switching energy loss vs. gate resistance 0 1 2 3 4 5 6 2 6 10 14 18 22 26 30 r g - ohms e off - millijoules 3 4 5 6 7 8 9 e on - millijoules e off e on - - - - t j = 125oc , v ge = 15v v ce = 600v i c = 60a i c = 30a fig. 17. inductive turn-off switching times vs. junction temperature 0 50 100 150 200 250 300 350 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 120 130 140 150 160 170 180 190 t d(off) - nanoseconds t f t d(off) - - - - r g = 3 ? , v ge = 15v v ce = 600v i c = 60a i c = 30a fig. 15. inductive turn-off switching times vs. gate resistance 0 50 100 150 200 250 300 350 400 450 4 6 8 1012141618202224262830 r g - ohms t f - nanoseconds 0 100 200 300 400 500 600 700 800 900 t d(off) - nanoseconds t f t d(off) - - - - t j = 125oc, v ge = 15v v ce = 600v i c = 60a i c = 30a fig. 13. inductive switching energy loss vs. collector current 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 15 20 25 30 35 40 45 50 55 60 i c - amperes e off - millijoules 0 1 2 3 4 5 6 7 8 e on - millijoules e off e on - - - - r g = 3 ? , v ge = 15v v ce = 600v t j = 125oc t j = 25oc fig. 14. inductive switching energy loss vs. junction temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e off - millijoules 1 2 3 4 5 6 7 8 e on - millijoules e off e on - - - - r g = 3 ? , v ge = 15v v ce = 600v i c = 60a i c = 30a fig. 16. inductive turn-off switching times vs. collector current 0 50 100 150 200 250 300 350 400 450 500 15 20 25 30 35 40 45 50 55 60 i c - amperes t f - nanoseconds 110 120 130 140 150 160 170 180 190 200 210 t d(off) - nanoseconds t f t d(off) - - - - r g = 3 ? , v ge = 15v v ce = 600v t j = 125oc t j = 25oc
ixys reserves the right to change limits, test conditions, and dimensions. IXGH40N120C3D1 fig. 19. inductive turn-on switching times vs. collector current 0 10 20 30 40 50 60 70 80 90 15 20 25 30 35 40 45 50 55 60 i c - amperes t r - nanoseconds 14 15 16 17 18 19 20 21 22 23 t d(on) - nanoseconds t r t d(on) - - - - r g = 3 ? , v ge = 15v v ce = 600v t j = 125oc, 25oc fig. 20. inductive turn-on switching times vs. junction temperature 20 30 40 50 60 70 80 90 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds 15 16 17 18 19 20 21 22 t d(on) - nanoseconds t r t d(on) - - - - r g = 3 ? , v ge = 15v v ce = 600v i c = 30a i c = 60a fig. 18. inductive turn-on switching times vs. gate resistance 0 20 40 60 80 100 120 140 160 180 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 r g - ohms t r - nanoseconds 15 20 25 30 35 40 45 50 55 60 t d(on) - nanoseconds t r t d(on) - - - - t j = 125oc, v ge = 15v v ce = 600v i c = 30a i c = 60a ixys ref: g_40n120c3(6n)2-18-09-a
? 2009 ixys corporation, all rights reserved IXGH40N120C3D1 note: fig. 21to fig. 22 show typical values 200 600 1000 0 400 800 60 70 80 90 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.00 0.25 0.50 0.75 1.00 v fr di f /dt v 200 600 1000 0 400 800 0 5 10 15 20 25 30 100 1000 0 200 400 600 800 1000 0123 0 10 20 30 40 50 60 i rm q r i f a v f -di f /dt -di f /dt a/ s a v nc a/ s a/ s t rr ns t fr z thjc a/ s s dsep 29-06 i f = 60a i f = 30a i f = 15a t vj = 100c v r = 300v t vj = 100c i f = 30a fig. 23. peak reverse current i rm versus -di f /dt fig. 22. reverse recovery charge q r versus -di f /dt fig. 21. forward current i f versus v f t vj = 100c v r = 300v t vj = 100c v r = 300v i f = 60a i f = 30a i f = 15a q r i rm fig. 24. dynamic parameters q r , i rm versus t vj fig. 25. recovery time t rr versus -di f /dt fig. 26. peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 27. transient thermal resistance junction to case t vj =25c t vj =100c t vj =150c


▲Up To Search▲   

 
Price & Availability of IXGH40N120C3D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X