Part Number Hot Search : 
FARL254 MCZ52 M8050 C1300 BD3881 PIC18F67 LU221 MICON
Product Description
Full Text Search
 

To Download IPP60R099CPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IPP60R099CPA coolmos tm power transistor features ? worldwide best r ds,on in to220 ? ultra low gate charge ? extreme dv/dt rated ? high peak current capability ? automotive aec q101 qualified ? green package (rohs compliant) coolmos cpa is specially designed for: ? dc/dc converters for automotive applications maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c a t c =100 c pulsed drain current 1) i d,pulse t c =25 c avalanche energy, single pulse e as i d =11 a, v dd =50 v 800 mj avalanche energy, repetitive t ar 1),2) e ar i d =11 a, v dd =50 v avalanche current, repetitive t ar 1),2) i ar a mosfet d v /d t ruggedness d v /d t v ds =0...480 v v/ns gate source voltage v gs static v power dissipation p tot t c =25 c w operating temperature t j c storage temperature t stg mounting torque m3 and m3.5 screws 60 ncm value 31 19 93 1.2 11 50 20 -40 ... 150 255 -40 ... 150 v ds 600 v r ds(on),max 0.105 q g,typ 60 nc product summary pg-to220-3-1 type package marking IPP60R099CPA pg-to220-3-1 6r099a rev. 2.2 page 1 2009-11-25 www..net
IPP60R099CPA maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous diode forward current i s a diode pulse current 1) i s,pulse 93 reverse diode d v /d t 3) d v /d t 15 v/ns parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 0.5 k/w r thja leaded - - 62 soldering temperature, wavesoldering only allowed at leads t sold 1.6 mm (0.063 in.) from case for 10 s - - 260 c electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =250 a 600 - - v gate threshold voltage v gs(th) v ds =v gs , i d =1.2 ma 2.5 3 3.5 zero gate voltage drain current i dss v ds =600 v, v gs =0 v, t j =25 c --5a gate-source leakage current i gss v gs =20 v, v ds =0 v - - 100 na drain-source on-state resistance r ds(on) v gs =10 v, i d =18 a, t j =25 c - 0.09 0.105 v gs =10 v, i d =18 a, t j =150 c - 0.24 - gate resistance r g f =1 mhz, open drain - 1.3 - values thermal resistance, junction - ambient value t c =25 c 18 rev. 2.2 page 2 2009-11-25
IPP60R099CPA parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 2800 - pf output capacitance c oss - 130 - effective output capacitance, energy related 4) c o(er) - 130 - effective output capacitance, time related 5) c o(tr) - 340 - turn-on delay time t d(on) -10-ns rise time t r -5- turn-off delay time t d(off) -60- fall time t f -5- gate charge characteristics gate to source charge q gs -14-nc gate to drain charge q gd -20- gate charge total q g -6080 gate plateau voltage v plateau - 5.0 - v reverse diode diode forward voltage v sd v gs =0 v, i f =18 a, t j =25 c - 0.9 1.2 v reverse recovery time t rr - 450 - ns reverse recovery charge q rr -12-c peak reverse recovery current i rrm -70-a 1) pulse width t p limited by t j,max 2) repetitive avalanche causes additional power losses that can be calculated as p av = e ar * f. 3) i sd <= i d , d i /d t <=100a/s, v dclink = 400v, v peak < v (br)dss , t j < t jmax , identical low side and high side switch 4) c o(er) is a fixed capacitance that gives the same stored energy as c oss while v ds is rising from 0 to 80% v dss. v r =400 v, i f =i s , d i f /d t =100 a/s 5) c o(tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss. values v gs =0 v, v ds =100 v, f =1 mhz v dd =400 v, v gs =10 v, i d =18 a, r g =3.3 v dd =400 v, i d =18 a, v gs =0 to 10 v v gs =0 v, v ds =0 v to 480 v rev. 2.2 page 3 2009-11-25
IPP60R099CPA 1 power dissipation 2 safe operating area p tot =f( t c ) i d =f( v ds ); t c =25 c; d =0 parameter: t p 3 max. transient thermal impedance 4 typ. output characteristics z thjc =f( t p ) i d =f( v ds ); t j =25 c parameter: d=t p / t parameter: v gs 0 100 200 300 0 40 80 120 160 t c [c] p tot [w] 1 s 10 s 100 s 1 ms 10 ms dc 10 3 10 2 10 1 10 0 10 2 10 1 10 0 10 -1 v ds [v] i d [a] single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 10 0 10 -1 10 -2 t p [s] z thjc [k/w] 4.5 v 5 v 5.5 v 6 v 7 v 8 v 10 v 20 v 0 15 30 45 60 75 90 105 120 0 5 10 15 20 v ds [v] i d [a] limited by on-state resistance rev. 2.2 page 4 2009-11-25
IPP60R099CPA 5 typ. output characteristics 6 typ. drain-source on-state resistance i d =f( v ds ); t j =150 c r ds(on) =f( i d ); t j =150 c parameter: v gs parameter: v gs 7 drain-source on-state resistance 8 typ. transfer characteristics r ds(on) =f( t j ); i d =18 a; v gs =10 v i d =f( v gs ); | v ds |>2| i d |r ds(on)max parameter: t j typ 98 % 0 0.05 0.1 0.15 0.2 0.25 0.3 -60 -20 20 60 100 140 180 t j [c] r ds(on) [ ] c 25 c 150 0 40 80 120 160 0246810 v gs [v] i d [a] 4.5 v 5 v 5.5 v 6 v 7 v 8 v 10 v 20 v 0 10 20 30 40 50 0 5 10 15 20 v ds [v] i d [a] 5 v 5.5 v 6 v 6.5 v 7 v 20 v 0 0.1 0.2 0.3 0.4 0.5 0 1020304050 i d [a] r ds(on) [ ] rev. 2.2 page 5 2009-11-25
IPP60R099CPA 9 typ. gate charge 10 forward characteristics of reverse diode v gs =f( q gate ); i d =18 a pulsed i f =f( v sd ) parameter: v dd parameter: t j 11 avalanche energy 12 drain-source breakdown voltage e as =f( t j ); i d =11 a; v dd =50 v v br(dss) =f( t j ); i d =0.25 ma 25 c 150 c 25 c, 98% 150 c, 98% 10 2 10 1 10 0 10 -1 0 0.5 1 1.5 2 v sd [v] i f [a] 120 v 400 v 0 2 4 6 8 10 0 102030405060 q gate [nc] v gs [v] 540 580 620 660 700 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] 0 200 400 600 800 25 75 125 175 t j [c] e as [mj] rev. 2.2 page 6 2009-11-25
IPP60R099CPA 13 typ. capacitances 14 typ. coss stored energy c =f( v ds ); v gs =0 v; f =1 mhz e oss = f (v ds ) 0 4 8 12 16 20 0 100 200 300 400 500 600 v ds [v] e oss [j] ciss coss crss 10 5 10 4 10 3 10 2 10 1 10 0 0 100 200 300 400 500 v ds [v] c [pf] rev. 2.2 page 7 2009-11-25
IPP60R099CPA definition of diode switching characteristics rev. 2.2 page 8 2009-11-25
IPP60R099CPA pg-to220-3: outlines dimensions in mm/inches: rev. 2.2 page 9 2009-11-25
IPP60R099CPA published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2009. a ll rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of condition s or characteristics (beschaffenheitsgarantie). with respect to any examples or hints given herein any typical values stated herein and/or any information regarding the application of the device infineon technologies hereby disclaims any and all warranties and liabilities of any kind, includin g without limitation warranties of no n ?infringement of intellectual property rights of any third party information for further information on technology, delivery terms and conditions and prices pleas e contact your nearest infineon technologies office (www.infineon.com) . warnings due to technical requirements components may contain dangerous substances. for informatio n on the types in question please contact your nearest infineon technologies office infineon technologies components may only be used in life-support devices or systems with th e express written approval of infineon technologies, if a failure of such components can reasonabl y be expected to cause the failure of that life-support device or system, or to affect the safety o r effectiveness of that device or system. life support devices or systems are intended to b e implanted in the human body, or to support and/or maintain and sustain and/or protect human lif e if they fail, it is reasonable to assume that the health of the user or other persons may b e endangered. rev. 2.2 page 10 2009-11-25
notification n 040/10 2010-05-12 page 1 of 1 information on n-channel mosfet products designed for automotive applications products affected: salesname package ipb60r099cpa pg-to263-3-2 ipb60r199cpa pg-to263-3-2 ipb60r299cpa pg-to263-3-2 ipc60r075cpa bare die ipi60r099cpa pg-to262-3-1 IPP60R099CPA pg-to220-3-1 ipw60r045cpa pg-to247-3-41 ipw60r075cpa pg-to247-3-41 ipw60r099cpa pg-to247-3-41 dear customer, the devices listed for this notification are sensitive to hard commutation of the conducting body diode. this operating condition can occur in half- bridge configurations used in zvs phase shift and resonant switching pwm converters. using the device under such conditions may re sult in violation of the datasheet specification limits and may lead to permanent damage of the device. please take care that in the context of the applicati on described above the datasheet limits are not exceeded. best regards michael paulu if you have any questions, please do not hesitat e to contact your local sales office.


▲Up To Search▲   

 
Price & Availability of IPP60R099CPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X