Part Number Hot Search : 
AES1A TGH16A TA200118 MT9174AE ZL30415 MAX40 474J400 IZ1238M
Product Description
Full Text Search
 

To Download HDBL101G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326854 ? glass passivated junction ? high surge current capability mechanical data hdbl10xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol hdb l 101g hdb l 102g hdb l 103g hdb l 104g hdb l 105g hdb l 106g hdb l 107g unit v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v trr ns t j o c t stg o c o c/w ? green compound with suffix "g" on packing code & prefix "g" on datecode ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 dimensions in inches and (millimeters) ua maximum reverse recovery time (note 2) 5 500 ? high temperature soldering guaranteed: 260 / 10 seconds / 0.375"(9.5mm) lead length at 5lbs., (2.3kg) tension typical thermal resistance (note 3) maximum instantaneous forward voltage (note 1) @1.0a v f maximum dc reverse current @t a =25 at rated dc block voltage @ t a =125 i r maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage HDBL101G - hdbl107g marking diagram dbl ? reliable low cost construction utilizing molded plastic technique 1.0amp. glass passivated high efficient bridge rectifiers features ? ideal for printed circuit board ? weight: 0.368 grams ? case: molded plastic type number - 55 to + 150 operating temperature range storage temperature range - 55 to + 150 version:c11 v a peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 50 a maximum average forward rectified current @t a =40 i f(av) 1 notes 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a notes 3: mounted on p.c.b. with 0.2" x 0.2" (5 x 5mm) copper pads 1.0 1.3 1.7 50 75 notes 1: pulse test with pw=300 usec, 1% duty cycle r ja r jl 40 15 pb rohs compliance rohs compliance
version:c11 ratings and characteristic curves (HDBL101G thru hdbl107g) fig.1 forward current derating curve 0 0.5 1 1.5 0 20 40 60 80 100 120 140 160 ambient temperature ( o c) average forward current (a) resistive or induction fig. 3 maximum non-repetitive forward surge current 0 10 20 30 40 50 60 70 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave (jedec method) fig. 5 typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 4 typical junction capacitance 0 10 20 30 40 50 60 70 0.1 1 10 100 1000 reverse voltage (v) capacitance (pf) a HDBL101G - hdbl105g hdbl106g - hdbl107g ta=25 fig. 2 typical forward characterisrics 0.001 0.01 0.1 1 10 0.4 0.6 0.8 1 1.2 1.4 1.6 forward voltage (v) instantaneous forward current (a) HDBL101G - hdbl104g hdbl105g hdbl106g - hdbl107g ta=25


▲Up To Search▲   

 
Price & Availability of HDBL101G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X