Part Number Hot Search : 
4160B 3EBH1 DMP2305U D74ALVC1 ULQ2805A CF603K32 ANALO SG2004
Product Description
Full Text Search
 

To Download GBU10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating -220~350 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique plastic material has u/l flammability classification 94v-0 mounting postition:any maximum ratings and electrical characteristics gbu gbu gbu gbu gbu gbu gbu 10005 1001 1002 1004 1006 1008 1010 15005 1501 1502 1504 1506 1508 1510 25005 2501 2502 2504 2506 2508 2510 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 30 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heatsink note 2) rectified current @ t c =100 (without heatsink) peak forward surage current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 5.0/7.5/12.5a dc v f v maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s typical junction capacitance per element (note1) c j pf typical thermal resistance (note2) r jc /w operating temperature range t j storage temperature range t stg notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.device mounted on 100mm*100mm*1.6mm cu plate heatsink. ~ 317 ~ gbu10/15/25 series a i r 1.1 i (av) -55 to +150 10.0 ua a -55 to +150 i fsm 200 70 2.2 500 rating at 25 ambient temperature unless otherwise specified. reverse voltage - 50 to 1000 volts forward current - 10/15/25 amperes glass passivated bridge rectifiers dimensions in inches and (milimeters) symbol unit characteristics single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% gbu gbu 10 25 220 240 350 gbu 15 gbu 25 4.2 3.2 3.0 15 10 .874(22.2) .860(21.8) .146(3.7) .154(3.9) .224(5.7) .232(5.9) 3.2*3.2 chamfer .720(18.3) .752(19.1) .720(18.29) .680(17.27) .073(1.85) .057(1.45) .035(0.9) .047(1.2) .100(2.54) .085(2.16) .065(1.65) .080(2.03) (5.3) (4.8) .210 .190 .190 .210 (4.8) (5.3) (5.3) (4.8) .210 .190 .133(3.37) .139(3.53) .091(2.3) .106(2.7) .022(.56) .018(.46) www..net
rating and charactertic curves gbu10/15/25 series ~ 318 ~ fig.1-maximum forward surge current number of cycles at 60hz p e a k f o r w a r d s u r g e c u r r e n t a m p e r e s 400 350 300 250 200 150 100 50 0 10 100 1 gbu25 gbu15 gbu10 casw temperature a v e r a g r f o r w a r d o u t p u t c u r r e n t a m p e r e s fig.2- derating curve output rectified current gbu25 gbu15 gbu10 0 10 40 30 50 100 150 instantaneous forward voltage,volts i n s t a n t a n e o u s f o r w a r d c u r r e n t , a m p e r e s fig.3-typical forward characteristics 100 1.0 0.1 0.01 0.8 1.2 0.6 0.4 1.0 1.4 1.6 10 gbu15 gbu25 gbu10 i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s fig.4-typical reverse characteristics percent of rated peak reverse voltage t j =25 10 1.0 0.1 0.01 0 40 60 80 100 120 140 20


▲Up To Search▲   

 
Price & Availability of GBU10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X