Part Number Hot Search : 
BD104 MX29L N80C3 5KE200 M67727 AF9478P MUR16 C811A0C
Product Description
Full Text Search
 

To Download DT210N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 1/12 seite/page kenndaten elektrische eigenschaften tt210n td210n DT210N td210n...-a td210n...-k elektrische eigenschaften / electrical properties h?chstzul?ssige werte / maximum rated values periodische vorw?rts- und rckw?rts-spitzensperrspannung repetitive peak forward off-state and reverse voltages t vj = -40c... t vj max v drm ,v rrm 1200 1600 1400 1800 v v vorw?rts-sto?spitzensperrspannung non-repetitive peak forward off-state voltage t vj = -40c... t vj max v dsm 1200 1600 1400 1800 v v rckw?rts-sto?spitzensperrspannung non-repetitive peak reverse voltage t vj = +25c... t vj max v rsm 1300 1700 1500 1900 v v durchla?strom-grenzeffektivwert maximum rms on-state current i trmsm 410 a dauergrenzstrom average on-state current t c = 85c t c = 73c i tavm 210 261 a a sto?strom-grenzwert surge current t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i tsm 6600 5800 a a grenzlastintegral i2t-value t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i2t 218000 168000 a2s a2s kritische stromsteilheit critical rate of rise of on-state current din iec 747-6 f = 50 hz, i gm = 1 a, di g /dt = 1 a/s (di t /dt) cr 150 a/s kritische spannungssteilheit critical rate of rise of off-state voltage t vj = t vj max , v d = 0,67 v drm 6.kennbuchstabe / 6 th letter f (dv d /dt) cr 1000 v/s charakteristische werte / characteristic values durchla?spannung on-state voltage t vj = t vj max , i t = 700 a v t max. 1,65 v schleusenspannung threshold voltage t vj = t vj max v (to) 1v ersatzwiderstand slope resistance t vj = t vj max r t 0,85 m ? zndstrom gate trigger current t vj = 25c, v d = 6 v i gt max. 200 ma zndspannung gate trigger voltage t vj = 25c, v d = 6 v v gt max. 2v nicht zndender steuerstrom gate non-trigger current t vj = t vj max , v d = 6 v t vj = t vj max , v d = 0,5 v drm i gd max. max. 10 5 ma ma nicht zndende steuerspannung gate non-trigger voltage t vj = t vj max , v d = 0,5 v drm v gd max. 0,2 v haltestrom holding current t vj = 25c, v d = 6 v, r a = 5 ? i h max. 300 ma einraststrom latching current t vj = 25c, v d = 6 v, r gk 10 ? i gm = 1 a, di g /dt = 1 a/s, t g = 20 s i l max. 1200 ma vorw?rts- und rckw?rts-sperrstrom forward off-state and reverse current t vj = t vj max v d = v drm , v r = v rrm i d , i r max. 50 ma zndverzug gate controlled delay time din iec 747-6 t vj = 25 c,i gm = 1 a, di g /dt = 1 a/s t gd max. 3 s prepared by: c.drilling date of publication: 03.04.02 approved by: j. novotny revision: 1
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 2/12 seite/page thermische eigenschaften mechanische eigenschaften elektrische eigenschaften / electrical properties charakteristische werte / characteristic values freiwerdezeit circuit commutated turn-off time t vj = t vj max , i tm = i tavm v rm = 100 v, v dm = 0,67 v drm dv d /dt = 20 v/s, -di t /dt = 10 a/s 5.kennbuchstabe / 5 th letter o t q typ. 200 s isolations-prfspannung insulation test voltage rms, f = 50 hz, t = 1 min rms, f = 50 hz, t = 1 sec v isol 3,0 3,6 kv kv thermische eigenschaften / thermal properties innerer w?rmewiderstand thermal resistance, junction to case pro modul / per module, = 180 sin pro zweig / per arm, = 180 sin pro modul / per module, dc pro zweig / per arm, dc r thjc max. max. max. max. 0,065 0,130 0,062 0,124 c/w c/w c/w c/w bergangs-w?rmewiderstand thermal resistance, case to heatsink pro modul / per module pro zweig / per arm r thch max. max. 0,02 0,04 c/w c/w h?chstzul?ssige sperrschichttemperatur maximum junction temperature t vj max 125 c betriebstemperatur operating temperature t c op -40...+125 c lagertemperatur storage temperature t stg -40...+130 c mechanische eigenschaften / mechanical properties geh?use, siehe anlage case, see annex seite 3 page 3 si-element mit druckkontakt si-pellet with pressure contact innere isolation internal insulation aln anzugsdrehmoment fr mechanische anschlsse mounting torque toleranz / tolerance 15% m1 5 nm anzugsdrehmoment fr elektrische anschlsse terminal connection torque toleranz / tolerance 10% m2 12 nm steueranschlsse control terminals din 46 244 a 2,8 x 0,8 gewicht weight g typ. 800 g kriechstrecke creepage distance 17 mm schwingfestigkeit vibration resistance f = 50 hz 50 m/s2 file-no. e 83336 mit diesem datenblatt werden halbleiterbauelemente spezifiziert, jedoch keine eigenschaften zugesichert. es gilt in verbindung mit den zugeh?rigen technischen erl?uterungen. this data sheet specifies semiconductor devices, but promises no characteristics. it is valid in combination with the belonging technical notes.
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 3/12 seite/page ma?bild ma?bild ma?bild 12 3 tt 45 76 12 3 td 45 12 3 dt 76 12 3 td-a 45 12 3 td-k 4 5
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 4/12 seite/page r,t ? werte di r,t-werte analytische elemente des transienten w?rmewiderstandes z thjc fr dc analytical elements of transient thermal impedance z thjc for dc pos. n1234567 r thn [c/w] 0,0031 0,0097 0,0257 0,0429 0,0426 n [s] 0,0009 0,008 0,11 0,61 3,06 analytische funktion / analytical function:    max n n=1 thn thjc n ? t - e 1 r z luftselbstkhlung / natural cooling 3 module pro khlk?rper / 3modules per heatsink khlk?rper / heatsink type: km17 (45w) analytische elemente des transienten w?rmewiderstandes z thca analytical elements of transient thermal impedance z thca pos. n1234567 r thn [c/w] 1,6 0,0726 0,0174 n [s] 1400 30 2 verst?rkte khlung / forced cooling 3 module pro khlk?rper / 3 modules per heatsink khlk?rper / heatsink type: km17 (papst 4650n) analytische elemente des transienten w?rmewiderstandes z thca analytical elements of transient thermal impedance z thca pos. n1234567 r thn [c/w] 0,475 0,08 0,015 n [s] 458 40,4 4,11 analytische funktion / analytical function:    max n n=1 thn thca n ? t - e 1 r z
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 5/12 seite/page diagramme trans. w?rmewiderstand bei sinus trans. w?rmewidersta nd bei rechteck 0,000 0,020 0,040 0,060 0,080 0,100 0,120 0,140 0,160 0,01 0,1 1 10 100 t [s] 0 0 180 = 30 60 90 120 180 transienter innerer w?rmewiderstand je zweig / transient thermal impedance per arm z thjc = f(t) sinusf?rmiger strom / sinusoidal current parameter: stromflu?winkel / current conduction angle 0,000 0,020 0,040 0,060 0,080 0,100 0,120 0,140 0,160 0,180 0,001 0,01 0,1 1 10 100 t [s] = 30 60 90 120 180 dc 0 0 180 transienter innerer w?rmewiderstand je zweig / transient thermal impedance per arm z thjc = f(t) rechteckf?rmiger strom / rectangular current parameter: stromflu?winkel / current conduction angle
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 6/12 seite/page diagramme durchgangsverluste bei sinus durchgangsverluste bei rechteck 0 100 200 300 400 0 50 100 150 200 250 i tav [a]  = 30 60 90 120 180 0 0 180 durchlassverlustleistung je zweig / on-state power loss per arm p tav = f(i tav ) sinusf?rmiger strom / sinusoidal current strombelastung je zweig / current load per arm berechnungsgrundlage p tav (schaltverluste gesondert bercksichtigen) calculation base p tav (switching losses should be considered separately) parameter: stromflu?winkel / current conduction angle 0 100 200 300 400 500 600 0 50 100 150 200 250 300 350 400 i tav [a] dc 180 120 90 60  = 30 0 0 180 durchlassverlustleistung je zweig / on-state power loss per arm p tav = f(i tav ) rechteckf?rmiger strom / rectangular current strombelastung je zweig / current load per arm berechnungsgrundlage p tav (schaltverluste gesondert bercksichtigen) calculation base p tav (switching losses should be considered separately) parameter: stromflu?winkel / current conduction angle
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 7/12 seite/page geh?usetemperatur bei sinus geh?usetemperatur bei rechteck 20 40 60 80 100 120 140 0 50 100 150 200 250 i tavm [a]  = 30 60 90 120 180 0 0 180 h?chstzul?ssige geh?usetemperatur / maximum allowable case temperature t c = f(i tavm ) sinusf?rmiger strom / sinusoidal current strombelastung je zweig / current load per arm berechnungsgrundlage p tav (schaltverluste gesondert bercksichtigen) calculation base p tav (switching losses should be considered separately) parameter: stromflu?winkel / current conduction angle 20 40 60 80 100 120 140 0 50 100 150 200 250 300 350 400 i tavm [a]  = 30 60 90 120 180 dc 0 0 180 h?chstzul?ssige geh?usetemperatur / maximum allowable case temperature t c = f(i tavm ) rechteckf?rmiger strom / rectangular current strombelastung je zweig / current load per arm berechnungsgrundlage p tav (schaltverluste gesondert bercksichtigen) calculation base p tav (switching losses should be considered separately) parameter: stromflu?winkel / current conduction angle
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 8/12 seite/page maximaler strom bei b2 und b6 0 400 800 1200 1600 0 20406080100120 t a [c] r thca [c/w] 0,08 0 , 30 0 , 40 0,10 0,04 0 , 15 + - b2 i d ~ 0,03 0,02 0,05 0,06 0,20 0,12 0,60 0 100 200 300 400 500 600 i d [a] l-last l-load r-last r-load h?chstzul?ssiger ausgangsstrom / maximum rated output current i d b2- zweipuls-brckenschaltung / two-pulse bridge circuit gesamtverlustleistung der schaltung / total power dissipation at circuit p tot parameter: w?rmewiderstand zwischen den geh?usen und umgebung / thermal resistance cases to ambient r thca 0 500 1000 1500 2000 2500 0 20406080100120 t a [c] 0,08 0,10 0,06 0 , 40 0,03 + - b6 i d 3~ r thca [c/w] 0,30 0,60 0,04 0,20 0,02 0 , 15 , 0,05 0 200 400 600 i d [a] h?chstzul?ssiger ausgangsstrom / maximum rated output current i d b6- sechspuls-brckenschaltung / six-pulse bridge circuit gesamtverlustleistung der schaltung / total power dissipation at circuit p tot parameter: w?rmewiderstand zwischen den geh?usen und umgebung / thermal resistance cases to ambient r thca
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 9/12 seite/page maximaler strom bei w1c und w3c 0 200 400 600 800 0 20406080100120 t a [c] r thca [c/w] 0,40 0,50 0,05 0,06 0,10 0 , 12 0,15 0 , 20 0,25 0,30 ~ ~ i rms w 1c 0 , 60 0 , 08 0,04 0 , 80 0 100 200 300 400 500 600 i rms [a] h?chstzul?ssiger effektivstrom / maximum rated rms current i rms w1c - einphasen-wechselwegschaltung / single-phase inverse parallel circuit gesamtverlustleistung der schaltung / total power dissipation at circuit p tot parameter: w?rmewiderstand zwischen den geh?use und umgebung / thermal resistance case to ambient r thca 0 500 1000 1500 2000 2500 0 20406080100120 t a [c] r thca [c/w] 0 , 15 0,20 0,05 0 , 06 0,02 0,08 0 , 03 0,12 ~ ~ w 3c ~ ~ i rms ~ ~ 0 , 60 0,10 0 , 30 0 , 40 0,04 0 100 200 300 400 500 600 i rms [a] h?chstzul?ssiger effektivstrom / maximum rated rms current i rms w3c - dreiphasen-wechselwegschaltung / three-phase inverse parallel circuit gesamtverlustleistung der schaltung / total power dissipation at circuit p tot parameter: w?rmewiderstand zwischen den geh?usen und umgebung / thermal resistance cases to ambient r thca
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 10/12 seite/page steuercharakteristik zndverzug 0,1 1 10 100 10 100 1000 10000 100000 i g [ma] a b c d steuercharakteristik v g = f (i g ) mit zndbereichen fr v d = 6 v gate characteristic v g = f (i g ) with triggering area for v d = 6 v h?chstzul?ssige spitzensteuerverlustleistung / maximum rated peak gate power dissipation p gm = f (t g ) : a - 40w/10ms b - 80w/1ms c - 100/0,5ms d ? 150/0,1ms 0,1 1 10 100 1000 10 100 1000 10000 i gm [ma] a b zndverzug / gate controlled delay time t gd = f(i g ) t vj = 25c, di g /dt = i gm /1s a - maximaler verlauf / limiting characteristic b - typischer verlauf / typical characteristic
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 11/12 seite/page sperrverz?gerungsladung grenzstrom 100 1000 10000 1 10 100 -di/dt [a/s] i tm = 1000a 20a 50a 100a 200a 500a sperrverz?gerungsladung / recovered charge q r = f(-di/dt) t vj = t vjmax , v r 0,5 v rrm , v rm = 0,8 v rrm parameter: durchla?strom / on-state current i tm 0 1.000 2.000 3.000 4.000 5.000 0,01 0,1 1 t [s] b t a = 45c a t a = 35 c grenzstrom / maximum overload on-state current i t(ov)m = f(t), v rm = 0,8 v rrm a: leerlauf / no-load conditions b: nach belastung mit i tavm / after load with i tavm t a = 35c, verst?rkte luftkhlung / forced air cooling t a = 45c, luftselbstkhlung / natural air cooling
n netz-thyristor-modul phase control thyristor module datenblatt / data sheet tt210n bip ac / warstein,den 03.04.85 b?sterling a4 /82 12/12 seite/page berstrom 0 500 1.000 1.500 2.000 2.500 0,01 0,1 1 10 100 1000 10000 t [s] i tav (vor) = 0 a 12 a 22 a 30 a 35 a 38 a berstrom je zweig / overload on-state current i t(ov) b6- sechspuls-brckenschaltung, 120 rechteck / six-pulse bridge circuit, 120 rectangular khlk?rper / heatsink type km17 (45w) luftselbstkhlung bei / natural cooling at t a = 45c parameter: vorlaststrom je zweig / pre-load current per arm i tav(vor) 0 500 1.000 1.500 2.000 2.500 3.000 0,01 0,1 1 10 100 1000 10000 t [s] i tav (vor) = 0 a 40 a 60 a 75 a 88 a 95 a berstrom je zweig / overload on-state current i t(ov) b6- sechspuls-brckenschaltung, 120 rechteck / six-pulse bridge circuit, 120 rectangular khlk?rper / heatsink type km17 (papst 4650n) verst?rkte khlung bei / forced cooling at t a = 35c parameter: vorlaststrom je zweig / pre-load current per arm i tav(vor)
nutzungsbedingungen die in diesem produktdatenblatt enthaltenen daten sind ausschlie?lich fr technisch geschultes fachpersonal bestimmt. die beurteilung der geeignetheit dieses produkte s fr die von ihnen anvisierte anwendung sowie die beurteilung der vollst?ndigkeit der bereitgestellten produktdaten fr diese anwendung obliegt ihnen bzw. ihren technischen abteilungen. in diesem produktdatenblatt werden diejenigen merkmale besch rieben, fr die wir eine liefervertragliche gew?hrleistung bernehmen. eine solche gew?hrleistung richtet sich ausschlie?l ich nach ma?gabe der im jeweiligen liefervertrag enthaltenen bestimmungen. garantien jeglicher art werden fr das produkt und dessen eigenschaft en keinesfalls bernommen. sollten sie von uns produktinformationen ben?tigen, die ber den inhalt dieses produktdatenbl atts hinausgehen und insbesondere eine spezifische verwendung und den einsatz dieses produktes betreffen, setzen sie sich bitte mit dem fr sie zust?ndigen vertriebsbro in verbindung (siehe www.eupec.com, vertrieb&kontakt). fr interessent en halten wir application notes bereit. aufgrund der technischen anforderungen k?nnte unser produkt ge sundheitsgef?hrdende substanzen enthalten. bei rckfragen zu den in diesem produkt jeweils enthaltenen s ubstanzen setzen sie sich bitte ebenfalls mit dem fr sie zust?ndigen vertriebsbro in verbindung. sollten sie beabsichtigen, das produkt in anwendungen der luftfahrt, in gesundheits- oder lebensgef?hrdenden oder lebenserhaltenden anwendungsbereichen ei nzusetzen, bitten wir um mitteilung. wir we isen darauf hin, dass wir fr diese f?lle - die gemeinsame durchfhrung eines risiko- und qualit?tsassessments; - den abschluss von speziellen q ualit?tssicherungsvereinbarungen; - die gemeinsame einfhrung von ma?nahmen zu einer laufenden produktbeobachtung dringend empfehlen und gegebenenfalls die belieferung v on der umsetzung solcher ma?nahmen abh?ngig machen. soweit erforderlich, bitten wir sie, entsprechende hinweise an ihre kunden zu geben. inhaltliche ?nderungen dieses produkt datenblatts bleiben vorbehalten. terms & conditions of usage the data contained in this product data s heet is exclusively intended for technically trained staff. you and your technical dep artments will have to evaluate the suitability of the product for the intended application and the completeness of the product data with respect to such application. this product data sheet is describing the characteristics of this product for which a warranty is granted. any such warranty is granted exclusively pursuant the terms and conditi ons of the supply agreement. there will be no guarantee of any kind for the product a nd its characteristics. should you require product information in excess of the data given in this product data sheet or which concerns the specific application of our product, please c ontact the sales office, which is responsible for you (see www.eupec.com, sales&contact). f or those that are specifically interested we may provide application notes. due to technical requirements our product may contain dangerous substances. for information on the types in question please contact the sales office, which is responsible for you. should you intend to use the product in aviation applications , in health or live endangering or life support applications, plea se notify. please note, that for any such applications we urgently recommend - to perform joint risk and quality assessments; - the conclusion of quality agreements; - to establish joint measures of an ongoing product survey, and that we may make delivery depended on the realization of any such measures. if and to the extent necessary, please forward equivalent notices to your customers. changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of DT210N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X