Part Number Hot Search : 
C0912A MC341 00ETTS ST163 107M010 BP100 80022 BAT68
Product Description
Full Text Search
 

To Download DDTA114GE-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30320 rev. 5 - 2 1 of 4 ddta (r2- only seri es) e www.diodes.co m ? diodes incorporated ddta (r2-only ser ies) e pnp pre-biased sm all sig nal sot- 523 surface mo unt transisto r epitaxial planar die construction complementary npn types av ailable ( ddtc ) built-in biasing resistor, r2 only lead free /rohs co mpliant (note 2 ) features maximum ratings @ t a = 25 c unless otherwise s pecified a m j l d b c h k g t o p v i e w c e b n mechanical data case: sot-523 case material: m olded plastic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202 , method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). terminal connections: see diagram marking: date code and marking code (see diagrams & page 2) weight: 0.002 grams (approx.) ordering information (see page 2) t c u d o r p w e n b r 2 s c h e m a t i c d i a g r a m e c p/n r2 (nom) marking ddta114ge ddta124ge ddta144ge ddta115ge 10k w 22k w 47k w 100k w p26 p27 p28 p29 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 150 mw thermal resistance, j unction to ambient air (note 1) r q ja 833 c/w operating and storage and temperature range t j , t stg -55 to +150 c sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d ? ? 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50 a 0 8 ? all dimensions in m m note: 1. mounted on fr4 pc board with recommended pad lay out at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. no purposefully added lead.
ds30320 rev. 5 - 2 2 of 4 ddta ( r2-o nly series) e www.diodes.co m characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo - 50 ? ? v i c = -50 m a collector-emitter breakdown voltage bv ceo - 50 ? ? v i c = -1ma emitter-base breakdown voltage bv ebo 5 ? ? v i e = -720 m a, ddta114ge i e = -330 m a, ddta124ge i e = -160 m a, ddta144ge i e = -72 m a, ddta115ge collector cutoff current i cbo ? ? -0.5 m a v cb = -50v emitter cutoff current ddta114ge ddta124ge ddta144ge ddta115ge i ebo -300 -140 -65 -30 ? -580 -260 -130 -58 m a v eb = -4v collector-emitter saturation voltage v ce(sat) ? ? -0.3 v i c = -10ma, i b = -0.5ma dc current trans fer ratio ddta114ge ddta124ge ddta144ge ddta115ge h fe 30 56 68 82 ? ? ? i c = -5ma, v ce = -5v bleeder resistor (r 2 ) tolerance d r 2 -30 ? +30 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = -10v, i e = 5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified t c u d o r p w e n * transistor - for referenc e only xxx = product type marking code (see page 1, e.g. p26 = ddta114ge) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september x x x y m marking i nformat ion notes: 3. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . device packaging shipping DDTA114GE-7-F sot-523 3000/tape & reel ddta124ge-7-f sot-523 3000/tape & reel ddta144ge-7-f sot-523 3000/tape & reel ddta115ge-7-f sot-523 3000/tape & reel orderi ng inform ation (note 3) month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key
ds30320 rev. 5 - 2 3 of 4 ddta ( r2-o nly series) e www.diodes.co m t c u d o r p w e n 0.1 1 10 0 100 200 500 600 700 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 300 400 0 .0 0 1 0 .0 1 1 1 0 0 1 0 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e -2 5 c 5 6 7 25 c 1 0 0 .1 75 c v = 5 v o 0 2 4 6 1 0 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 1 2 1 0 5 1 5 2 5 i = 0 v e 8 10 1000 100 1 10 100 h f e , d c c u r r e n t g a i n ( n o r m a l i z e d ) i , collec t or cur rent (ma) c fig. 3 dc current g ain v = 10 ce 75 c -25 c 25 c 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c 0 5 0 1 0 0 0 5 0 1 0 0 1 5 0 p , p o w e r d i s s i p a t i o n ( m w ) d t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 , d e r a t i n g c u r v e 1 5 0 2 0 0 2 5 0 - 5 0 typical curves - ddta114ge
ds30320 rev. 5 - 2 4 of 4 ddta ( r2-o nly series) e www.diodes.co m i m p o r t a n t n o t i c e d i o d e s , i n c . a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o r r e c t i o n s , m o d i f i c a t i o n s , e n h a n c e - m e n t s , i m p r o v e m e n t s , o r o t h e r c h a n g e s . d i o d e s , i n c . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t t h e p r o d u c t s l o c a t e d o n o u r w e b s i t e a t w w w . d i o d e s . c o m a r e n o t r e c o m m e n d e d f o r u s e i n l i f e s u p p o r t s y s t e m s w h e r e a f a i l u r e o r m a l f u n c t i o n o f t h e c o m p o n e n t m a y d i r e c t l y t h r e a t e n l i f e o r c a u s e i n j u r y w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of DDTA114GE-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X