cystech electronics corp. spec. no. : c327sf issued date : 2003.05.16 revised date : page no. : 1/3 CSOD400XSF cystek product specification CSOD400XSF series 1.0amp. surface mount glass passivated type rectifiers features ? for surface mounted application ? low forward voltage drop ? high current capability ? easy pick and place ? low leakage current ? plastic material used carries underwriters laboratory flammability classification 94v-0 utilizing flame retardant epoxy molding compound. ? high temperature soldering: 250 c/10 seconds at terminals ? exceeds environmental standards of mil-s-19500/228 mechanical data ? case: molded plastic , jedec sod-123 / mini-sma. ? terminals: solder plated. solderable per mil-std-750 method 2026 ? polarity: indicated by cathode band. ? mounting position: any. ? weight: 0.04 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. type number csod 4001 csod 4002 csod 4003 csod 4004 csod 4005 csod 4006 csod 4007 units maximum recurrent peak reverse voltage 50 100 200 400 600 800 1000 v maximum rms voltage 35 70 140 280 420 560 700 v maximum dc blocking voltage 50 100 200 400 600 800 1000 v maximum average forward rectified current 1 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load(jedec method) 30 a maximum instantaneous forward voltage @ 1.0a 1.1 v maximum dc reverse current at rated dc blocking voltage 5(@ta=25 c) 50(@ta=100 c) a maximum reverse recovery time (note 1) 1.8 s thermal resistance, junction to ambient 60 /w typical junction capacitance (note 2) 15 pf operating temperature range tj -55 to +150 c storage temperature range tstg -55 to +150 c note1: reverse recovery test conditions: if=0.5a, ir=1.0a, irr=0.25a note2: measured at 1 mhz and applied vr=4.0volts
cystech electronics corp. spec. no. : c327sf issued date : 2003.05.16 revised date : page no. : 2/3 CSOD400XSF cystek product specification characteristic curves forward current derating curve 0 0.2 0.4 0.6 0.8 1 1.2 0 20 40 60 80 100 120 140 160 180 200 ambient temperature---ta() average forward current---io(a) single phase, half wave, 60hz. resistive or inductive load maximum non-repetitive forward surge current 0 5 10 15 20 25 30 35 110100 number of cycles at 60hz peak forward surge current---ifsm( a) tj=25, 8.3ms single half sine wave jedec method forward current vs forward voltage 0.01 0.1 1 10 100 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 forward voltage---vf(v) forward current---if(a) tj=25, pulse width=300s 1% duty cycle junction capacitance vs reverse voltage 0 5 10 15 20 25 30 35 0.01 0.1 1 10 100 reverse voltage---vr(v) junction capacitance---cj(pf) reverse leakage current vs reverse voltage 0.01 0.1 1 10 100 0 20406080100120140 percent of rated peak r everse voltage---(%) reverse leakage current---ir( a) tj=100 tj=25
cystech electronics corp. spec. no. : c327sf issued date : 2003.05.16 revised date : page no. : 3/3 CSOD400XSF cystek product specification sod-123 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.146 0.161 3.7 4.1 e 0.055 0.063 1.4 1.6 b 0.055 0.071 1.4 1.8 f 0.035(typ) 0.9(typ) c 0.012(typ) 0.3(typ) g 0.035(typ) 0.9(typ) d 0.094 0.110 2.4 2.8 - - - - - notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material : ? lead : 42 alloy ; solder plating ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . b a c d e f g sod-123 plastic surface mounted package cystek package code: sf marking code: device 4001 4002 4003 4004 code a1 a2 a3 a4 device 4005 4006 4007 code a5 a6 a7
|