Part Number Hot Search : 
LF351DT 004000 MAQ3203 NTE1924 X80143 ETD291 527268NC BC33725
Product Description
Full Text Search
 

To Download CMS06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CMS06 2003-02-17 1 toshiba schottky barrier rectifier schottky barrier type CMS06 switching mode power supply applications portable equipment battery applications  forward voltage: v fm = 0.37 v (max)  average forward current: i f (av) = 2.0 a  repetitive peak reverse voltage: v rrm = 30 v  suitable for compact assembly due to small surface-mount package ?m ? flat tm ? (toshiba package name) maximum ratings (ta     25c) characteristics symbol rating unit repetitive peak reverse voltage v rrm 30 v average forward current i f (av) 2.0 (note) a peak one cycle surge forward current (non-repetitive) i fsm 40 (50 hz) a junction temperature t j  40~125 c storage temperature t stg  40~150 c note: t ?  82.8c: rectangular waveform (   180c), v r  15 v electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit v fm (1) i fm  0.5 a  0.26  v fm (2) i fm  1.0 a  0.28  peak forward voltage v fm (3) i fm  2.0 a  0.32 0.37 v i rrm v rrm  5 v  0.09  repetitive peak reverse current i rrm v rrm  30 v  1.4 3.0 ma junction capacitance c j v r  10 v, f  1.0 mhz  130  pf device mounted on a ceramic board (soldering land: 2 mm  2 mm)   60 thermal resistance r th (j-a) device mounted on a glass-epoxy board (soldering land: 6 mm  6 mm)   135 c/w thermal resistance r th (j- ? )    16 c/w unit: mm jedec D jeita D toshiba 3-4e1a weight: 0.023 g (typ.)
CMS06 2003-02-17 2 marking following indicates the data of manufacture standard soldering pad handling precaution schottky barrier diodes are having large-reverse-current-leakage characteristic compare to the other rectifier products. this current leakage and improper operating temperature or voltage may cause thermal runaway. please take forward and reverse loss into consideration when you design. 3.0 1.4 2.1 unit: mm 1.4 cathode mark type code lot no. s6 month of manufac- ture january to december are denoted by letter a to l respectivel y . year of manufac- ture last decimal digit of the year of manufacture 0 1 2 3 4 5 6 7 8 9
CMS06 2003-02-17 3 0.5 0.001 500 0.01 10 1 10 100 0.1 1 100 1000 device mounted on a glass-epoxy board soldering land: 6.0 mm  6.0 mm device mounted on a ceramic board soldering land: 2.0 mm  2.0 mm device mounted on a glass-epoxy board soldering land: 2.1 mm  1.4 mm i f  v f p f (av)  i f (av) t ? max  i f (av) c j  v r (typ.) instantaneous forward voltage v f (v) average forward current i f (av) (a) average forward current i f (av) (a) reverse voltage v r (v) average forward power dissipation p f (av) (w) instantaneous forward current i f (a) junction capacitance c j (pf) maximum allowable lead temperature t ? max (c) 0.1 0.0 1 10 100 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 t j  125c 25c 75c 10 1 1000 10 100 100 f  1 mhz ta  25c 0.0 0.0 0.3 0.7 1.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 0.1 0.2 0.4 0.5 0.6 0.8 0.9   120   60   180 dc 360 0  rectangular waveform conduction angle:  140 0 0.0 40 100 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 20 60 80 120   120   180   60 dc 360 0  rectangular waveform conduction angle:  v r  15 v i f (av) time t (s) r th (j-a)  t transient thermal impedance r th (j-a) (c/w)
CMS06 2003-02-17 4 040 140 0.01 0.1 1 10 100 1000 20 80 60 100 120 v r  15 v v r  30 v v r  20 v v r  10 v v r  5 v v r  3 v pulse test 1 10 100 ta  25c f  50 hz 0 10 20 30 50 40 p r (av)  v r (typ.) number of cycles junction temperature t j (c) reverse voltage v r (v) reverse current i r (ma) peak surge forward current i fsm (a) average reverse power dissipation p r (av) (w) 0 10 30 0.0 2.0 4.0 6.0 8.0 10.0 20 60 120 180 240 300 dc 360 0 v r rectangular waveform conduction angle:  t j  125c i r  t j (typ.) surge forward current (non-repetitive)
CMS06 2003-02-17 5  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of CMS06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X