series am15c-z 15watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11 1 of 4 north america only features: ? ultra compact footprint 1?x1? ? adjustable output voltage ? wide input range2:1 ? operating temperature -40oc to +85oc ? 1600 vdc isolation ? over current and over voltage protection ? remote on/off function ? efficiency up to 89% ? no minimum load required ? rohs compliant models single output model input voltage (v) output voltage (v) output current max (a) isolation (vdc) efficiency (%) AM15C-1203SZ 9-18 3.3 4 1600 84 am15c-1205sz 9-18 5 3 1600 86 am15c-1212sz 9-18 12 1.3 1600 85 am15c-1215sz 9-18 15 1 1600 87 am15c-2403sz 18-36 3.3 4 1600 86 am15c-2405sz 18-36 5 3 1600 87 am15c-2412sz 18-36 12 1.3 1600 88 am15c-2415sz 18-36 15 1 1600 89 am15c-4803sz 36-75 3.3 4 1600 84 am15c-4805sz 36-75 5 3 1600 86 am15c-4812sz 36-75 12 1.3 1600 87 am15c-4815sz 36-75 15 1 1600 88 models dual output model input voltage (v) output voltage (v) output current max (a) isolation (vdc) efficiency (%) am15c-1205dz 9-18 5 1.5 1600 85 am15c-1212dz 9-18 12 0.625 1600 87 am15c-1215dz 9-18 15 0.5 1600 88 am15c-2405dz 18-36 5 1.5 1600 85 am15c-2412dz 18-36 12 0.625 1600 88 am15c-2415dz 18-36 15 0.5 1600 89 am15c-4805dz 36-75 5 1.5 1600 84 am15c-4812dz 36-75 12 0.625 1600 87 am15c-4815dz 36-75 15 0.5 1600 88 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters nominal typical maximum units 12 9-18 24 18-36 voltage range 48 36-75 vdc filter start up time nominal vin with constant resistive load 20 ms 12 vin 36 24 vin 50 absolute maxi mum rating 48 vin 100 vdc peak input voltage time 100 ms on ?3 to 12vdc (or open) on/off control off ? 0 to 1.2vdc or short pin 2 to pin 3; off idle current ? 5ma
series am15c-z 15watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11 2 of 4 north america only input specifications (continued) parameters nominal typical maximum units no load current 15 ma 12 vin on/off 8.5 /7 24 vin on/off 17/15 under voltage lockout 48 vin on/off 34/35 vdc input reflected ripple current 20 ma p-p isolation specifications parameters conditions typical maximum units tested i/o voltage 3 sec 1600 vdc case to input 3 sec 1600 vdc case to output 3 sec 1600 vdc resistance >1000 mohm capacitance 1200 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % cross regulation (dual output models) 25% load on one output - 100% load on second load 5 % over voltage protection zener diode clamp 120 % over current protection full load 170 % short circuit protection continuous short circuit restart auto-recovery line voltage regulation hl-ll 0.2 % load voltage regulation (single) 0% to 100% load 0.5 % load voltage regulation (dual) 0% to 100% balanced load 1 % temperature coefficient 0.02 %/ o c ripple & noise 20mhz bandwidth 100 mv p-p voltage adjustment range trim - single output models only 10 % general specifications parameters conditions typical maximum units switching frequency 100% load 375 khz operating temperature with derating above +65c -40 to +85 o c storage temperature -40 to +125 o c maximum case temperature 105 o c derating 2.6 %/ o c cooling free air convection humidity 95 % rh case material nickel-coated copper weight 18 g dimensions (l x w x h) 1.00 x 1.00 x 0.40 inches 25.40 x 25.40 x 10.16 mm mtbf > 560,000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) maximum soldering temperature 1.5mm from case for 10 sec 260 o c transient recovery time load step change 75% to 50% to 25% 250 s transient recovery deviation load step change 75% to 50% to 25% 3 %
series am15c-z 15watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11 3 of 4 north america only safety specifications parameters agency approvals ce en 55022 class a en 61000-4-2 perf. criteria a en 61000-4-3 perf. criteria a en 61000-4-4 perf. criteria a (e xternal 220uf/100v cap required) en 61000-4-5 perf. criteria a (e xternal 220uf/100v cap required) en 61000-4-6 perf. criteria a en 61000-4-8 perf. criteria a standards note: also designed to meet iec 60950-1:2001 test circuits notes 1. input filter (c1, c2, l) are needed to meet conducted emission (en 55022 class a) and should be mounted as close as possible to the converter. pin out specifications pin single dual 1 + v input + v input 2 - v input - v input 3 on/off control on/off control 4 + v output + v output 5 trim common 6 - v output - v output dc/dc converter +v input - v input +v output -v output load c2 2.2uf/100v c1 2.2uf/100v l 12uh + -
series am15c-z 15watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11 4 of 4 north america only dimensions trimming 25.40 (1.00) 2.54 (0.10) 20.32 (0.80) 2.54 (0.10) 10.16 (0.40) 5.08 (0.20) 7.62 (0.30) 2.54 (0.10) 10.16 (0.40) 10.16 (0.40) 25.40 (1.00) 9.90 (0.39) printed face 1.00 (0.39) top view 2.54 (0.10) 2.54 (0.10) side view 2.54 (0.10) 1 +v input 2 -v input ctrl 3 4 56 +v output trim -v output bottom view derating note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4 . all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. .aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 5. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. -40 -20 0204060 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c free air convection 65 o c
|