Part Number Hot Search : 
PT12119 C557B MAX6655 S20S60 UR3KB Z87010 LT1520 100M255
Product Description
Full Text Search
 

To Download AHF-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ] ambient temperature output power (%) 0 20 40 60 80 100 -25 10 20 40 60 70 50 30 25% derating curve en61000 emc en55022 emi i/o isolation 3000 vac protection ovp universal voltage 85 ~ 265 vac AHF-10 is a 10-watt series of ac-dc power modules. these modules have universal input r ange of 85-265vac and are available in output voltages of 3.3v, 5v, 12v, 15v, 24v, 12 and 15v with efficiency as high as 77%. other features include conti nuous short circuit protection, overvoltage protection, output current limitation, emc en61000-4(-2,-3,-4) and emi en55022 level b approved which conducted noise compliance minimi ze design-in time, cost and eliminate the need for external components. the AHF-10 series has iec / en / ul 60950-1 safety approval qualifies this product for worldwide markets. the series is a wide variety of applications including in commercial and industrial of the mtbf 300,000 hours. y operating temperature 71] (reference to derating curve) y iec61140 safety class ii approval y ul 60950-1 safety approval y mtbf > 300,000 hours y emc complies with en61000 y emi complies with en55022 class b and fcc part 15, level b y i/o isolation 3000vac y single and dual output modules y 85~265vac, 47~440hz universal input range y high efficiency up to 77% key features single and dual outputs 10 watts universal input range ac/dc power modules a hf-10 serie s rev:9 2008/10 minmax 1
77 15 169 # 1000 {30 {300 {15 AHF-10d15 77 15 172 # 1000 {38 {380 {12 AHF-10d12 76 15 190 1000 42 416 24 AHF-10s24 76 15 191 2200 66 666 15 AHF-10s15 76 15 191 2200 83 833 12 AHF-10s12 73 15 199 3300 200 2000 5 AHF-10s05 70 15 137 3900 200 2000 3.3 AHF-10s03 % (typ.) ma (typ.) ma (typ.) uf ma ma vdc @max. load @no load @max. load max. min. max. 115vac, 60hz efficiency input current capacitive load output current output voltage model number model selection guide b c c 30% 10ms 60% 100ms 95% 5000ms en61000-4-11 b 0.15~80mhz 10vrms (functional earth ports included) 80% am 1khz modulation en61000-4-6 b 1.2/50us(8/20us) ac dif. {1kv dc {0.5kv en61000-4-5 b ac port {2kv dc, sl, tl {2kv not less than 1 min. en61000-4-4 a 80~1000mhz 10v/m 80% am1khz modulation en61000-4-3 b air {8kv cont. {4kv en61000-4-2 performance criteria specification requirement standard conducted emc en55022 class b conducted emi free-air convection cooling % 95 --- humidity ] 85 -40 storage temperature ] 71 -25 ambient operating temperature unit max. min. conditions parameter note : 1. specifications typical at ta=+25], resistive load, 115vac, 60hz input voltage, rated output current unless otherwise noted. 2. ripple & noise measurement bandwidth is 0-20 mhz. 3. these power modules require a minimum output loading to maintain specified regulation. 4. operation under no-load conditions will not damage these devices; however they may no t meet all listed specifications. 5. other input and output voltage may be available, please contact factory. 6. specifications s ubject to change without notice. environmental specifications # for each output. a 20 --- --- 230vac a 10 --- --- 115vac inrush current (cold start at 25]) hz 440 --- 47 input frequency range vac 265 --- 85 all models input voltage range unit max. typ. min. conditions parameter input specifications a hf-1 0 serie s 2 minmax rev:9 2008/10
1.5a slow - blow type external fuse (recommended) 2a / 250vac built-in fuse all models input fuse hiccup mode, indefinite (automatic recovery) short circuit protection % --- --- 105 85vac, hiccup technique, auto-recovery current limitation % 5.0 --- --- overshoot %/] {0.02 {0.01 --- temperature coefficient % of vo --- 120 --- zener diode clamp over voltage protection %v pp of vo 1.0 0.8 --- other output models %v pp of vo 1.8 1.5 --- 3.3 & 5.0vdc output models ripple & noise (20mhz) % {5.0 {2.5 --- - dual output % {1.0 {0.5 --- iout=min. to max. load regulation - single output % {1.0 {0.5 --- vin=min. to max. line regulation % {2.0 {1.0 --- output voltage accuracy unit max. typ. min. conditions parameter output specifications k hours --- --- 300 mil-hdbk-217f @ 25], ground benign mtbf ms --- 20 --- 115vac, 60hz hold-up time khz --- 100 --- switching frequency m[ --- --- 100 500vdc isolation resistance vdc --- --- 4700 input to output, flash tested for 1 second isolation test voltage vac --- --- 3000 input to output, 60 seconds isolation voltage unit max. typ. min. conditions parameter general specifications dual output l n fuse line filter lnrush current limiter and rectifier switching device rectifier rectifier pwm isolation ref.amp ovp +vo com. -vo switching device rectifier rectifier ovp ovp isolation ref.amp +vo com. -vo control circuit l n fuse rectifier emi filter and inrush current limiter single output l n fuse rectifier switching device rectifier +vo -vo ovp isolation ref.amp control circuit emi filter and inrush current limiter block diagram a hf-10 serie s rev:9 2008/10 minmax 3
{0.004 {0.1 pin x.xxx{0.01 x.xx{0.25 x.xx{0.02 x.x{0.5 inches millimeters tolerance ul94v-0 : flammability 92 g : weight plastic resin + fiberglass : case material 2.52*1.77*0.75 inches 64.0*45.0*19.0 mm : case size physical characteristics nc: no connection +vout 5 common nc 4 -vout 3 ac(l) - ac line 2 ac(n) - ac neutral 1 dual output single output pin side bottom 45.0 [1.77] 64.0 [2.52] 5.0 [0.20] 1.0 [ 0.04] 6.0 [0.24] 0.5 [0.02] 19.0 [0.75] 1 2 43 5 54.0 [2.13] 17.78 [0.70] 10.16 [0.40] 10.16 [0.40] pin connections mechanical dimensions a hf-1 0 serie s 4 minmax rev:9 2008/10


▲Up To Search▲   

 
Price & Availability of AHF-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X