![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
fixed inductors for cellular phone 3?; ? ? nz {????? inductance range: 4.7~82h selection guide for standard coils dimensions ? ? go $ features ? ?y? d31fb recommended patterns * ???? $ 0.5 1.9 0.4 0.8 3.5 max. 1.7 max. ? low profile (3.5mm max. square, thickness : 1.7mm max. height). ? features an open magnetic circuit, but its thin dimensions result in minimum leakage flux and result in minimum electromagnetic interference generated. ? rohs compliant. ? ? ,? n n . b y z?^ n n . b y ? ??iu^u ? t ,m?z?u ?sx? ??w 1u ?sm ? 3 p ) 4|?0 3.3 3.9 (unit: mm) 1.5 0.5 0.6 1.6 3.3 resist zone (unit: mm) (1) inductance is measured with a lcr meter 4284a* or equivalent. (2) dc resistance is measured with a digital multimeter tr6871 (advantest ) or equivalent. (3) maximum allowable dc current is that which causes a 30 % inductance reduction from the initial value, or coil temperature to rise by 40 ? c, whichever is smaller. (reference ambient temperature 20 ? c ) ? : agilent technologies ??????x - $ 3y?? " ?hx?s ?t??b?{ v ?x?????y?? 5 3 " e w b o u f t u ?hx?s ?t ??b?{ 7g?0?vxzv o t?v?v`h??????w?u s 8??? ?n ?b?v?v?z?hxv?vt??z?? w9su ? w??t ?^m?pb{ *?9s ??, jqb?{ ? : agilent technologies type d31fb (quantity/reel; 3,000 pcs) f? ? j ?????? ?0) v ? v o t?0?v 9s ?0?v toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ? ) max. (typ.) inductance decrease current (3) (a) max. (typ.) =10% =30% ? l l ? l l temperature rise current (3) ? t=40c (a) max. (typ.) 984fb-4r7m 4.7 20 0.54 (0.45) 0.93 (1.24) 1.06 (1.42) 0.50 (0.59) 984fb-6r8m 6.8 20 0.66 (0.55) 0.81 (1.08) 0.90 (1.20) 0.44 (0.52) 984fb-8r2m 8.2 20 0.75 (0.63) 0.71 (0.95) 0.83 (1.11) 0.43 (0.51) 984fb-100m 10.0 20 0.83 (0.69) 0.61 (0.81) 0.73 (0.97) 0.41 (0.48) 984FB-150M 15.0 20 1.12 (0.94) 0.53 (0.70) 0.58 (0.78) 0.39 (0.46) 984fb-220m 22.0 20 1.42 (1.19) 0.45 (0.60) 0.50 (0.67) 0.35 (0.42) 984fb-270m 27.0 20 1.68 (1.40) 0.42 (0.56) 0.47 (0.63) 0.30 (0.35) 984fb-330m 33.0 20 1.86 (1.55) 0.38 (0.51) 0.45 (0.61) 0.29 (0.34) 984fb-470m 47.0 20 3.08 (2.57) 0.32 (0.42) 0.37 (0.49) 0.24 (0.29) 984fb-560m 56.0 20 3.49 (2.91) 0.29 (0.38) 0.34 (0.45) 0.23 (0.28) 984fb-680m 68.0 20 4.44 (3.70) 0.26 (0.35) 0.31 (0.41) 0.19 (0.23) 984fb-820m 82.0 20 5.11 (4.26) 0.24 (0.32) 0.28 (0.37) 0.18 (0.22) |
Price & Availability of 984FB-150M
![]() |