Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download 0417920529 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0417920529 status: active overview: kk description: 3.96mm (.156") pitch kk? solid header, right angle, with friction lock, 3 circuits, 0.76m (30") gold (au) selective plating documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41792 application wire-to-board overview kk product name kk? physical breakaway no circuits (loaded) 3 circuits (maximum) 3 color - resin natural durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of rows 1 orientation right angle pc tail length (in) 0.156 in pc tail length (mm) 3.96 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb no shrouded partial stackable yes temperature range - operating 0c to +75c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41792 series mates with 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , l ink:41815
electrical current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info reference - drawing numbers packaging specification pk-41792-002 product specification ps-08-50 sales drawing sda-41792 this document was generated on 05/24/2010 please check www.molex.com for latest part information

41792 rev: ecr/ecn information: sheet no. ec no.: ucp2008-2821 h6 date: 6/23/2008 title: kk 156 header assembly friction lock right angle w/o pegs - 2 - document number: created / revised by: checked by: approved by: sda - 41792 gaverill mkipper fsmith template filename: product_spec [size_a](v.1). doc group a-41792-0002/0018 group a-41792-0511/0527 group a-41792-0528/0544 group a-41792-0562/0578 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0018 pin no: 2161-37(102) pin no: 43294-0569 pin no: 43294-0570 pin no: 43294-0570 plating: 102 C tin plating: 208 C 15 gold plating: 228 C 30 gold plating: 228 C 30 gold pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 gold loc g n/a gold loc g 6.86/ .270 gold loc g 6.86/ .270 gold loc g 6.86/ .270 height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 pc tail p 3.96/ .156 pc tail p 3.96/ .156 pc tail p 3.96/ .156 pc tail p 3.96/ .156 options tin loc t overall tin loc t 5.08/ .200 tin loc t 5.08/ .200 tin loc t 5.08/ .200 voided ckts none voided ckts none voided ckts none voided ckts 2 pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-60-5020 a-41792-0002 41792-0511 a-41792-0511 41792-0528 a-41792-0528 41792-0562 a-41792-0562 3 26-60-5030 a-41792-0003 41792-0512 a-41792-0512 41792-0529 a-41792-0529 41792-0563 a-41792-0563 4 26-60-5040 a-41792-0004 41792-0513 a-41792-0513 41792-0530 a-41792-0530 41792-0564 a-41792-0564 5 26-60-5050 a-41792-0005 41792-0514 a-41792-0514 41792-0531 a-41792-0531 41792-0565 a-41792-0565 6 26-60-5060 a-41792-0006 41792-0515 a-41792-0515 41792-0532 a-41792-0532 41792-0566 a-41792-0566 7 26-60-5070 a-41792-0007 41792-0516 a-41792-0516 41792-0533 a-41792-0533 41792-0567 a-41792-0567 8 26-60-5080 a-41792-0008 41792-0517 a-41792-0517 41792-0534 a-41792-0534 41792-0568 a-41792-0568 9 26-60-5090 a-41792-0009 41792-0518 a-41792-0518 41792-0535 a-41792-0535 41792-0569 a-41792-0569 10 26-60-5100 a-41792-0010 41792-0519 a-41792-0519 41792-0536 a-41792-0536 41792-0570 a-41792-0570 11 26-60-5110 a-41792-0011 41792-0520 a-41792-0520 41792-0537 a-41792-0537 41792-0571 a-41792-0571 12 26-60-5120 a-41792-0012 41792-0521 a-41792-0521 41792-0538 a-41792-0538 41792-0572 a-41792-0572 13 26-60-5130 a-41792-0013 41792-0522 a-41792-0522 41792-0539 a-41792-0539 41792-0573 a-41792-0573 14 26-60-5140 a-41792-0014 41792-0523 a-41792-0523 41792-0540 a-41792-0540 41792-0574 a-41792-0574 15 26-60-5150 a-41792-0015 41792-0524 a-41792-0524 41792-0541 a-41792-0541 41792-0575 a-41792-0575 16 26-60-5160 a-41792-0016 41792-0525 a-41792-0525 41792-0542 a-41792-0542 41792-0576 a-41792-0576 17 26-60-5170 a-41792-0017 41792-0526 a-41792-0526 41792-0543 a-41792-0543 41792-0577 a-41792-0577 18 26-60-5180 a-41792-0018 41792-0527 a-41792-0527 41792-0544 a-41792-0544 41792-0578 a-41792-0578
41792 rev: ecr/ecn information: sheet no. ec no.: ucp2008-2821 h6 date: 6/23/2008 title: kk 156 header assembly friction lock right angle w/o pegs - 3 - document number: created / revised by: checked by: approved by: sda - 41792 gaverill mkipper fsmith template filename: product_spec [size_a](v.1). doc group a-41792-0019/0035 group a-41792-0036/0050 group a-41792-0051/0067 group header no: 41790-0002/0018 header no: 41790-0004/0018 header no: 41790-0002/0018 header no: pin no: 2161-37(501) pin no: 2161-37(102) pin no: 2161-64(102) pin no: plating: 501 C gold plating: 102 C tin plating: 102 - tin plating: pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 pin length l 29.85 / 1.175 pin length l mating m 11.43 / .450 mating m 11.43 / .450 mating m 13.28 / .523 mating m gold loc g overall gold loc g n/a gold loc g n/a gold loc g height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 height y pc tail p 3.96/ .156 pc tail p 3.96/ .156 pc tail p 4.01 / .158 pc tail p options tin loc t n/a tin loc t overall tin loc t overall tin loc t voided ckts none voided ckts 4 voided ckts none voided ckts pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 pack per ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-61-5020 a-41792-0019 3 26-61-5030 a-41792-0020 4 26-61-5040 a-41792-0021 26-61-5043 a-41792-0036 26-60-5041 a-41792-0053 5 26-61-5050 a-41792-0022 26-61-5053 a-41792-0037 6 26-61-5060 a-41792-0023 26-61-5063 a-41792-0038 7 26-61-5070 a-41792-0024 26-61-5073 a-41792-0039 8 26-61-5080 a-41792-0025 26-61-5083 a-41792-0040 9 26-61-5090 a-41792-0026 26-61-5093 a-41792-0041 10 26-61-5100 a-41792-0027 26-61-5103 a-41792-0042 11 26-61-5110 a-41792-0028 26-61-5113 a-41792-0043 12 26-61-5120 a-41792-0029 26-61-5123 a-41792-0044 13 26-61-5130 a-41792-0030 26-61-5133 a-41792-0045 14 26-61-5140 a-41792-0031 26-61-5143 a-41792-0046 15 26-61-5150 a-41792-0032 26-61-5153 a-41792-0047 16 26-61-5160 a-41792-0033 26-61-5163 a-41792-0048 17 26-61-5170 a-41792-0034 26-61-5173 a-41792-0049 18 26-61-5180 a-41792-0035 26-61-5183 a-41792-0050
41792 rev: ecr/ecn information: sheet no. ec no.: ucp2008-2821 h6 date: 6/23/2008 title: kk 156 header assembly friction lock right angle w/o pegs - 4 - document number: created / revised by: checked by: approved by: sda - 41792 gaverill mkipper fsmith template filename: product_spec [size_a](v.1). doc group a-41792-0198/0213 group a-41792-0214/0227 group a-41792-0242/0257 group a-41792-0341/0352 header no: 41790-0002/0018 header no: 41790-0005/0018 header no: 41790-0003/0018 header no: 41790-0007/0018 pin no: 2161-37(102) pin no: 2161-37(102) pin no: 2161-37(102) pin no: 2161-37(102) plating: 102 C tin plating: 102 C tin plating: 102 C tin plating: 102 C tin pin length l 27.94/ 1.100 pin length l 27.94/ 1.100 pin length l 27.94/ 1.100 pin length l 27.94/ 1.100 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 gold loc g n/a gold loc g n/a gold loc g n/a gold loc g n/a height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 pc tail p 3.96 / .156 pc tail p 3.96 / .156 pc tail p 3.96 / .156 pc tail p 3.96 / .156 options tin loc t overall tin loc t overall tin loc t overall tin loc t overall voided ckts 2 voided ckts 5 voided ckts 3 voided ckts 7 pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 3 26-62-5031 a-41792-0198 26-62-5035 a-41792-0242 4 26-62-5041 a-41792-0199 26-62-5045 a-41792-0243 5 26-62-5051 a-41792-0200 41792-0214 a-41792-0214 26-62-5055 a-41792-0244 6 26-62-5061 a-41792-0201 26-62-5060 a-41792-0215 26-62-5065 a-41792-0245 7 26-62-5071 a-41792-0202 41792-0216 a-41792-0216 26-62-5075 a-41792-0246 41792-0341 a-41792-0341 8 26-62-5081 a-41792-0203 41792-0217 a-41792-0217 26-62-5085 a-41792-0247 41792-0342 a-41792-0342 9 26-62-5091 a-41792-0204 41792-0218 a-41792-0218 26-62-5095 a-41792-0248 41792-0343 a-41792-0343 10 26-62-5101 a-41792-0205 26-62-5100 a-41792-0219 26-62-5105 a-41792-0249 26-62-5104 a-41792-0344 11 26-62-5111 a-41792-0206 41792-0220 a-41792-0220 26-62-5115 a-41792-0250 26-62-5114 a-41792-0345 12 26-62-5121 a-41792-0207 41792-0221 a-41792-0221 26-62-5125 a-41792-0251 41792-0346 a-41792-0346 13 26-62-5131 a-41792-0208 41792-0222 a-41792-0222 26-62-5135 a-41792-0252 41792-0347 a-41792-0347 14 26-62-5141 a-41792-0209 41792-0223 a-41792-0223 26-62-5145 a-41792-0253 41792-0348 a-41792-0348 15 26-62-5151 a-41792-0210 41792-0224 a-41792-0224 26-62-5155 a-41792-0254 41792-0349 a-41792-0349 16 26-62-5161 a-41792-0211 41792-0225 a-41792-0225 26-62-5165 a-41792-0255 41792-0350 a-41792-0350 17 26-62-5171 a-41792-0212 41792-0226 a-41792-0226 26-62-5175 a-41792-0256 41792-0351 a-41792-0351 18 26-62-5181 a-41792-0213 41792-0227 a-41792-0227 26-62-5185 a-41792-0257 41792-0352 a-41792-0352
41792 rev: ecr/ecn information: sheet no. ec no.: ucp2008-2821 h6 date: 6/23/2008 title: kk 156 header assembly friction lock right angle w/o pegs - 5 - document number: created / revised by: checked by: approved by: sda - 41792 gaverill mkipper fsmith template filename: product_spec [size_a](v.1). doc group a-41792-0460/0471 group a-41792-0472/0483 group a-41792-0484/0493 group a-41792-0579/0595 header no: 41790-0007/0018 header no: 41790-0007/0018 header no: 41790-0009/0018 header no: 41790-0002/0018 pin no: 2161-37(102) pin no: 2161-37(102) pin no: 2161-37(102) pin no: 2161-37(154) plating: 102 C tin plating: 102 C tin plating: 102 C tin plating: 154 C tin pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 gold loc g n/a gold loc g n/a gold loc g n/a gold loc g n/a height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 pc tail p 3.96 / .156 pc tail p 3.96 / .156 pc tail p 3.96 / .156 pc tail p 3.96/ .156 options tin loc t overall tin loc t overall tin loc t overall tin loc t overall voided ckts 2, 7 voided ckts 4, 7 voided ckts 2, 5, 9 voided ckts none pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 50-29-1904 a-41792-0579 3 50-29-1905 a-41792-0580 4 50-29-1906 a-41792-0581 5 50-29-1907 a-41792-0582 6 50-29-1908 a-41792-0583 7 41792-0460 a-41792-0460 a-41792-0472 50-29-1909 a-41792-0584 8 41792-0461 a-41792-0461 26-60-5087 a-41792-0473 50-29-1910 a-41792-0585 9 26-60-5096 a-41792-0462 a-41792-0474 a-41792-0484 50-29-1911 a-41792-0586 10 41792-0463 a-41792-0463 a-41792-0475 a-41792-0485 50-29-1912 a-41792-0587 11 41792-0464 a-41792-0464 a-41792-0476 a-41792-0486 50-29-1913 a-41792-0588 12 41792-0465 a-41792-0465 a-41792-0477 26-60-5128 a-41792-0487 50-29-1914 a-41792-0589 13 41792-0466 a-41792-0466 a-41792-0478 a-41792-0488 50-29-1915 a-41792-0590 14 41792-0467 a-41792-0467 a-41792-0479 a-41792-0489 50-29-1916 a-41792-0591 15 41792-0468 a-41792-0468 a-41792-0480 a-41792-0490 50-29-1917 a-41792-0592 16 41792-0469 a-41792-0469 a-41792-0481 a-41792-0491 50-29-1918 a-41792-0593 17 41792-0470 a-41792-0470 a-41792-0482 a-41792-0492 50-29-1919 a-41792-0594 18 41792-0471 a-41792-0471 a-41792-0483 a-41792-0493 50-29-1920 a-41792-0595
41792 rev: ecr/ecn information: sheet no. ec no.: ucp2008-2821 h6 date: 6/23/2008 title: kk 156 header assembly friction lock right angle w/o pegs - 6 - document number: created / revised by: checked by: approved by: sda - 41792 gaverill mkipper fsmith template filename: product_spec [size_a](v.1). doc group a-41792-0596/0612 group a-41792-0613/0629 group a-41792-0484/0493 group header no: 41790-0007/0018 header no: 41790-0009/0018 header no: 41790-0009/0018 header no: pin no: 2161-37(154) pin no: 2161-37(154) pin no: 2161-37(154) pin no: plating: 154 C tin plating: 154 C tin plating: 154 C tin plating: pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 pin length l 27.94 / 1.100 pin length l mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m gold loc g n/a gold loc g n/a gold loc g n/a gold loc g height y 5.41 / .213 height y 5.41 / .213 height y 5.41 / .213 height y pc tail p 3.96 / .156 pc tail p 3.96 / .156 pc tail p 3.96 / .156 pc tail p options tin loc t overall tin loc t overall tin loc t overall tin loc t voided ckts 2, 7 voided ckts 2, 5, 9 voided ckts 2, 5, 9 voided ckts pack per pk-41792-002 pack per pk-41792-002 pack per pk-41792-002 pack per ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 3 4 5 6 7 50-29-1926 a-41792-0601 8 50-29-1927 a-41792-0602 9 50-29-1928 a-41792-0603 50-29-1945 a-41792-0620 a-41792-0630 10 50-29-1929 a-41792-0604 50-29-1946 a-41792-0621 a-41792-0631 11 50-29-1930 a-41792-0605 50-29-1947 a-41792-0622 a-41792-0632 12 50-29-1931 a-41792-0606 50-29-1948 a-41792-0623 41792-0633 a-41792-0633 13 50-29-1932 a-41792-0607 50-29-1949 a-41792-0624 a-41792-0634 14 50-29-1933 a-41792-0608 50-29-1950 a-41792-0625 a-41792-0635 15 50-29-1934 a-41792-0609 50-29-1951 a-41792-0626 a-41792-0636 16 50-29-1935 a-41792-0610 50-29-1952 a-41792-0627 a-41792-0637 17 50-29-1936 a-41792-0611 50-29-1953 a-41792-0628 a-41792-0638 18 50-29-1937 a-41792-0612 50-29-1954 a-41792-0629 a-41792-0639


▲Up To Search▲   

 
Price & Availability of 0417920529

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X