this document was generated on 04/27/2010 please check www.molex.com for latest part information part number: 0391001108 status: active description: 10.00mm (.394") pitch beau? eurostyle? two-screw terminal strips, 8 circuits, low profile documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa 25562 ul e82573 general product family terminal blocks series 39100 application wire-to-wire component type one piece product literature order no usa-303 product name eurostyle?two screw type euro block physical circuits (loaded) 8 entry angle horizontal flammability 94v-2 lock to mating part none number of rows 2 orientation vertical pcb retention yes panel mount mounting holes between circuit pitch - mating interface (in) 0.394 in pitch - mating interface (mm) 10.00 mm pitch - term. interface (in) 0.315 in pitch - term. interface (mm) 8.00 mm polarized to mating part no stackable no temperature range - operating 100c wire size awg 10, 12, 14, 16, 18 electrical current - maximum per contact 30a voltage - maximum 300v material info reference - drawing numbers sales drawing sd-39100-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39100 series this document was generated on 04/27/2010 please check www.molex.com for latest part information
|