Part Number Hot Search : 
MB89P627 CY14B101 NTE15034 0GD06 2405D 25KOHM KP110 APT1231
Product Description
Full Text Search
 

To Download TRSL-9380F-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway trsl-9380f C cxx0g *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 v3.0 1 TRSL-9380F-CXX0G 3.3v / cwdm / 2.125 gbps sff lc single-mode transceiver ********************************************************************************************************************************************************************** features l 18-wavelength cwdm transceivers l duplex lc single mode transceiver l fibre channel 2x/1x sm-lc-l fc-pi compliant l ieee 802.3z gigabit ethernet compliant l small form factor, rj-45 size, 2x5 pin package l cwdm dfb ld transmitter l 23 db link power budget at least l ac/ac coupled signal input / output l lvttl transmitter disable input l lvttl signal detection output l single +3.3 v power supply l 0 to 70 o c operation l wave solderable and aqueous washable l class 1 laser international safety standard iec-60825 compliant applications l atm switches and routers l sonet / sdh swithch infrastructure l xdsl applications l metro edge switching description the TRSL-9380F-CXX0G series single mode transceivers is small form factor, low power, high performance cwdm modules for bi-directional serial optical data communications such as fibre channel 2x / 1x sm-lc-l fc-pi and ieee 802.3z gigabit ethernet 1000base-zx. there are eighteen center wavelengths available from 1270 nm to 1610 nm, each step 20 nm. a guaranteed minimum optical link budget of 23 db is offered. the transmitter section uses a multiple quantum well cwdm dfb laser and is a class 1 laser compliant according to international safety standard iec-60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical header and a limiting post-amplifier ic. a pecl logic interface simplifies interface to external circuitry. laser safety this single mode transceiver is a class 1 laser product. it complies with iec-60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. order information p/no. bit rate (gb/s) fc-pi power budget (db) wave length (nm) package temp. ( o c) tx power (dbm) rx sens. (dbm) rohs compliant TRSL-9380F-CXX0G 2.125/1.063 200/100 > 23 cwdm * 2x5 lc 0 to 70 5 to 0 -23 yes cwdm wavelength (0 to 70 o c) central wavelength min. (nm) typ. (nm) max. (nm) central wavelength min. (nm) typ. (nm) max. (nm) -c270 1264.5 1270 1277.5 -c450 1444.5 1450 1457.5 -c290 1284.5 1290 1297.5 -c470 1464.5 1470 1477.5 -c310 1304.5 1310 1317.5 -c490 1484.5 1490 1497.5 -c330 1324.5 1330 1337.5 -c510 1504.5 1510 1517.5 -c350 1344.5 1350 1357.5 -c530 1524.5 1530 1537.5 -c370 1364.5 1370 1377.5 -c550 1544.5 1550 1557.5 -c390 1384.5 1390 1397.5 -c570 1564.5 1570 1577.5 -c410 1404.5 1410 1417.5 -c590 1584.5 1590 1597.5 -c430 1424.5 1430 1437.5 -c610 1604.5 1610 1617.5 cwdm * : 18 wavelengths from 1270 nm to 1610 nm, each step 20 nm.
optoway trsl-9380f C cxx0g ********************************************************************************************************************************************************************* ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 v3.0 2 absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating temperature topr 0 70 o c with air flow 1m/sec soldering temperature --- 260 o c 10 seconds on leads only power supply voltage vcc 0 4.5 v input voltage --- gnd vcc v output current iout 0 30 ma recommended operating conditions parameter symbol min typ max units / notes power supply voltage vcc 3.13 3.3 3.47 v operating temperature topr 0 70 o c / air flow 1m/sec data rate 1063 2125 mb/s power supply current icc 200 300 ma transmitter specifications (0 o c < topr < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes optical optical transmit power po 0 --- 5 dbm 1 output center wavelength l l -5.5 l l +7.5 nm 2 output spectrum width dl --- 1 nm -20 db width side mode suppression ratio smsr 30 db extinction ratio e r --- 9 --- db optical rise time t r 160 ps 20% to 80% values optical fall time t f 160 ps 20% to 80% values relative intensity noise rin -120 db/hz electrical data input current C low i il -350 m a data input current C high i ih 350 m a differential input voltage v ih - v il 300 mv data input voltage C low v il - v cc -2.0 -1.58 v 3 data input voltage -- high v ih - v cc -1.1 -0.74 v 3 disable input voltage -- low v tdis,l 0 0.5 v tx output enabled disable input voltage -- high v tdis,h vcc C 1.3 vcc v tx ouput disabled shut off time for txdis t dis 1 ms notes: 1. output power is power coupled into a 9/125 m m single mode fiber. 2. itu-t g.694.2 cwdm wavelength from 1270 nm to 1610 nm, each step 20 nm. 3. these inputs are compatible with 10k, 10kh and 100k ecl and pecl inputs.
optoway trsl-9380f C cxx0g ********************************************************************************************************************************************************************* ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 v3.0 3 receiver specifications (0 o c < topr < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes optical sensitivity @ 2.125 gbps sen. 2x --- --- -23 dbm 1 sensitivity @ 1.063 gbps sen. 1x --- --- -24 dbm 1 maximum input power pin -3 --- dbm signal detect -- asserted pa --- --- -23 dbm transition: low to high signal detect -- deasserted pd -35 --- --- dbm transition: high to low signal detect -- hysteresis 1.0 --- db wavelength of operation 1100 --- 1620 nm electrical data output voltage C low v ol - v cc -2.0 -1.58 v 2 data output voltage C high v oh - v cc -1.1 -0.74 v 2 signal detect output voltage -- low v ol 0.5 v signal detect output voltage -- high v oh 2.0 v notes: 1.minimum sensitivity and saturation levels at ber=1e-12 for a 2 7 -1 prbs. 2. these outputs are compatible with 10k, 10kh and 100k ecl and pecl outputs. connection diagram pin symbol notes 1 v ee r directly connect this pin to the receiver ground plane 2 v cc r +3.3v dc power for the receiver section 3 sd active high on this indicates a received optical signal. 4 rd - receiver dataout bar. see recommended circuit schematic 5 rd+ receiver dataout. see recommended circuit schematic 6 v cc t +3.3v dc power for the transmitter section 7 v ee t directly connect this plan to the transmitter ground plane 8 tdis transmitter disable. connect this pin to +3.3v ttl logic 1 to disable module to enable module connect to ttl logic low 0 9 td+ transmitter data in. see recommended circuit schematic 10 td- transmitter data in bar. see recommended circuit schematic ms ms mounting studs. connect to chassis ground
optoway trsl-9380f C cxx0g ********************************************************************************************************************************************************************* ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 v3.0 4 recommended circuit schematic v e e r 1 v c c r 2 s d 3 r d - 4 r d + 5 v c c t 6 v e e t 7 t d i s 8 t d + 9 t d - 1 0 txdis(lvttl) z=5or z=50r 1uh 10uf 10nf 10uf 10nf vcc3.3v 1uh 10uf 10nf z=5or z=50r phy device td- td+ rd+ rd- sd 100r vcc3.3v lvpecl vcc3.3v lvpecl to lvttl stage note: 1. tx input is terminated inside the module. 2. veer and veet are not internally connected to each other. 3. 50 line pattern and component placements on td+/td- and rd+/rd- lines shall be symmetrical for better impedance matching. package diagram units in mm 1) standard case TRSL-9380F-CXX0G
optoway trsl-9380f C cxx0g ********************************************************************************************************************************************************************* ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 v3.0 5 2) extended case trsl-9380fe-cxx0g note: specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of TRSL-9380F-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X