Part Number Hot Search : 
UAC3552A MS5F5 SPL540PT 31401 100HS 45A10501 IRKD270 ELECTRON
Product Description
Full Text Search
 

To Download SLA7022MU11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90 ics 1-2-1 2-phase stepper motor unipolar driver ics parameter symbol ratings unit sla7022mu sla7029m sma7022mu sma7029m motor supply voltage v cc 46 v fet drain-source voltage v dss 100 v control supply voltage v s 46 v ttl input voltage v in 7v reference voltage v ref 2v output current i o 1 1.5 1 1.5 a power dissipation p d1 4.5 (without heatsink) 4.0 (without heatsink) w p d2 35 (t c =25 c) 28 (t c =25 c) w channel temperature t ch +150 c storage temperature t stg ?0 to +150 c absolute maximum ratings (t a =25 c) ratings parameter symbol sla7022mu sla7029m sma7022mu sma7029m unit min. typ. max. min. typ. max. min. typ. max. min. typ. max. control supply current i s 10 15 10 15 10 15 10 15 ma condition v s =44v v s =44v v s =44v v s =44v control supply voltage v s 10 24 44 10 24 44 10 24 44 10 24 44 v fet drain-source voltage v dss 100 100 100 100 v condition v s =44v, i dss =250 av s =44v, i dss =250 av s =44v, i dss =250 av s =44v, i dss =250 a fet on voltage v ds 0.85 0.6 0.85 0.6 v condition i d =1a, v s =14v i d =1a, v s =14v i d =1a, v s =14v i d =1a, v s =14v fet drain leakage current i dss 4444 ma condition v dss =100v, v s =44v v dss =100v, v s =44v v dss =100v, v s =44v v dss =100v, v s =44v fet diode forward voltage v sd 1.2 1.1 1.2 1.1 v condition i d =1a i d =1a i d =1a i d =1a i ih 40 40 40 40 a ttl input current condition v ih =2.4v, v s =44v v ih =2.4v, v s =44v v ih =2.4v, v s =44v v ih =2.4v, v s =44v i il ?.8 ?.8 ?.8 ?.8 ma condition v il =0.4v, v s =44v v il =0.4v, v s =44v v il =0.4v, v s =44v v il =0.4v, v s =44v v ih 22 22 ttl input voltage (active high) condition i d =1a i d =1a i d =1a i d =1a v v il 0.8 0.8 0.8 0.8 condition v dss =100v v dss =100v v dss =100v v dss =100v v ih 22 22 ttl input voltage (active low) condition v dss =100v v dss =100v v dss =100v v dss =100v v v il 0.8 0.8 0.8 0.8 condition i d =1a i d =1a i d =1a i d =1a t r 0.5 0.5 0.5 0.5 condition v s =24v, i d =0.8a v s =24v, i d =1a v s =24v, i d =0.8a v s =24v, i d =1a switching time t stg 0.7 0.7 0.7 0.7 s condition v s =24v, i d =0.8a v s =24v, i d =1a v s =24v, i d =0.8a v s =24v, i d =1a t f 0.1 0.1 0.1 0.1 condition v s =24v, i d =0.8a v s =24v, i d =1a v s =24v, i d =0.8a v s =24v, i d =1a electrical characteristics (t a =25 c) 2-phase excitation sla7022mu/sla7029m/sma7022mu/sma7029m dc characteristics ac characteristics
91 ics sla7022mu/sla7029m/sma7022mu/sma7029m internal block diagram t ypical connection diagram (recommended component values) 6 reg reg 15 8 v s 14 in b in a 7 r sa 234 121 311 t da ref a gnd a gnd b ref b t db r sb 9 10 15 + + + + 8161015 v s r sa ref a ref b r sb g a g b 7313 94 12 c 4 r 6 r 5 r 2 r 1 r 4 r 3 c 1 c 2 t da t db in a in b in a in b 5 14 + v cc (46v max) v b (5v) rs rs c 3 11 2 open collector t da t db excitation signal time chart 2-phase excitation clock 012301 in a hhl lhh in b lhhllh 1-2 phase excitation clock 0 1 2 3 4 5 6 7 0 1 2 3 in a hhh h l l llhhh h td a ll lhl l lhl ll h in b llhh hh llllh h td b lh l l l h lllhl l tda and tdb are signals before the inverter stage. r1 : 510 ? c1 : 330 to 500pf r2 : 100 ? (vr) c2 : 330 to 500pf r3 : 47k ? c3 : 2200pf r4 : 47k ? c4 : 2200pf r5 : 2.4k ? rs : 1.8 ? typ (7022mu) r6 : 2.4k ? 1 ? typ (7029m) (1~2w) 1, 6, 10, 15pin description of pins excitation input signal active h out a out a out b out b 1pin 6pin 10pin 15pin active l out a out a out b out b external dimensions (zip15 with fin [sla15pin] /zip15[sma15pin]) 31 0.2 24.4 0.2 16.4 0.2 3.2 0.15 16 0.2 13 0.2 9.9 0.2 part no. lot no. 3.2 0.15 3.8 4.8 0.2 1.7 0.1 2.45 0.2 r-end 6.7 0.5 9.7 +1 ?.5 (3) 0.55 +0.2 ?.1 4 0.7 1.15 +0.2 ?.1 14 p2.03 0.7 =28.42 1.0 0.65 +0.2 ?.1 31.3 0.2 forming no. no.853 123 ....... 15 123 ....... 15 forming no. no.855 14 p2.03 0.4 =28.42 0.8 0.65 +0.2 ?.1 3 0.6 0.55 +0.2 ?.1 2.2 0.4 6.3 0.6 7.5 0.6 4.6 0.6 1.6 0.6 epoxy resin package 1.15 +0.2 ?.1 (unit:mm) sla7022mu/sla7029m sma7022mu/sma7029ma 31 0.2 part no. lot no. 4 0.2 2.5 0.2 1.45 0.15 6.7 0.5 (9.7) (3) 0.55 +0.2 ?.1 4 0.7 p2.03 0.1 14=28.42 0.65 +0.2 ?.1 forming no. no.1054 123 15 123 15 forming no. no.1055 p2.03 0.1 14=28.42 1.16 0.15 3 0.6 0.55 +0.2 ?.1 1.2 0.1 (5.9) (4.6) 1.6 0.6 1.16 +0.2 ?.1 30 0.62 0.1 (7.5) epoxy resin package 8.5ma x 10.2 0.2 31.3 +0.2 ....... ....... product mass : approx.6g product mass : approx.4g


▲Up To Search▲   

 
Price & Availability of SLA7022MU11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X