Part Number Hot Search : 
PL2030 1PT1G 7447015 BUV27 D882Y S16800 BUV25 2SK4012
Product Description
Full Text Search
 

To Download Q62702-B372 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductor group 1 bb 804 silicon variable capacitance diode bb 804 l for fm tuners l monolithic chip with common cathode for perfect tracking of both diodes l uniform "square law" characteristics l ideal hifi tuning device when used in low-distortion, back-to-back configuration maximum ratings per diode type ordering code (tape and reel) pin configuration package marking bb 804 Q62702-B372 sot-23 sf (see characteristics for marking of capacitance subgroups) parameter symbol values unit reverse voltage v r 18 v forward current, t a 60 ?c i f 50 ma operating temperature t op 100 ?c storage temperature range t stg C 65 + 150 thermal resistance junction - ambient r th ja 600 k/w peak reverse voltage v rm 20 10.94
semiconductor group 2 bb 804 electrical characteristics per diode at t a = 25 ?c, unless otherwise specified. parameter symbol min. typ. unit values max. reverse current v r = 16 v v r = 16 v, t a = 60 ?c i r na C C C C 20 200 diode capacitance v r = 2 v , f = 1 mhz c t pf 42 C 47.5 capacitance ratio v r = 2 v, 8 v, f = 1 mhz c t2 c t8 C 1.65 1.71 C series resistance v r = 2 v , f = 100 mhz r s w C 0.18 C diode capacitance 1) v r = 2 v, f = 1 mhz subgroups: 0 1 2 3 4 c t pf 42 43 44 45 46 C C C C C 43.5 44.5 45.5 46.5 47.5 q factor v r = 2 v , f = 100 mhz q C C 200 C temperature coefficient of diode capacitance v r = 2 v, f = 1 mhz tc c ppm/k C 330 C 1) the capacitance subgroup is marked by the subgroup number printed on the component and the package label. a packaging unit (e.g. 8-mm tape) contains diodes of one subgroup only. delivery of different capacitance subgroups requires a special agreement.
semiconductor group 3 bb 804 diode capacitance c t = f ( v r ) per diode, f = 1 mhz temperature coefficient tc c = f ( v r ) per diode, f = 1 mhz capacitance ratio c tref / c t = f ( v r ) per diode; v ref = 1 v, 2 v, f = 1 mhz


▲Up To Search▲   

 
Price & Availability of Q62702-B372

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X