Part Number Hot Search : 
003VS STK4111 ZPY30 SEC4403C STK4111 W948D2FB 00309 HCR350C
Product Description
Full Text Search
 

To Download MC78L00A-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 april, 2002 rev. 4 1 publication order number: mc78l00a/d mc78l00a series, ncv78l05a 100 ma positive voltage regulators the mc78l00a series of positive voltage regulators are inexpensive, easytouse devices suitable for a multitude of applications that require a regulated supply of up to 100 ma. like their higher powered mc7800 and mc78m00 series cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. no external components are required with the mc78l00 devices in many applications. these devices offer a substantial performance advantage over the traditional zener dioderesistor combination, as output impedance and quiescent current are substantially reduced. ? wide range of available, fixed output voltages ? low cost ? internal short circuit current limiting ? internal thermal overload protection ? no external components required ? complementary negative regulators offered (mc79l00a series) figure 1. representative schematic diagram 15k q1 q3 q5 input output ground q11 q12 3.0 0-25k 2.85k 5.0k q10 3.8k q4 q6 1.2k 1.9k 19k 2.2k q9 q8 c q7 1.0k 420 z1 q2 figure 2. standard application a common ground is required between the input and the output voltages. the input voltage must remain typically 2.0 v above the output voltage even during the low point on the input ripple voltage. *c in is required if regulator is located an appreciable distance from power supply filter. ** c o is not needed for stability; however, it does improve transient response. mc78lxxa input c in * 0.33 m f c o ** output to92 p suffix case 029 see detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. ordering information 3 pin: 1. output 2. ground 3. input pin connections 18 7 6 5 2 3 4 (top view) v out gnd gnd v in gnd nc gnd nc sop8* d suffix case 751 *sop8 is an internally modified so8 package. pins 2, 3, 6, and 7 are electrically common to the die attach flag. this internal lead frame modification decreases package thermal resistance and increases power dissipation capability when appropriately mounted on a printed circuit board. sop8 conforms to all exter- nal dimensions of the standard so8 package. see general marking information in the device marking section on page 10 of this data sheet. device marking information 2 1 1 8 http://onsemi.com
mc78l00a series, ncv78l05a http://onsemi.com 2 maximum ratings (t a = +125 c, unless otherwise noted.) rating symbol value unit input voltage (2.6 v8.0 v) input voltage (12 v18 v) input voltage (24 v) v i 30 35 40 vdc storage temperature range t stg 65 to +150 c operating junction temperature range t j 0 to +150 c electrical characteristics (v i = 10 v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, 40 c < t j < +125 c (for mc78lxxab, ncv78l05a), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l05ac, ab, ncv78l05a characteristics symbol min typ max unit output voltage (t j = +25 c) v o 4.8 5.0 5.2 vdc line regulation (t j = +25 c, i o = 40 ma) 7.0 vdc v i 20 vdc 8.0 vdc v i 20 vdc reg line 55 45 150 100 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load 11 5.0 60 30 mv output voltage (7.0 vdc v i 20 vdc, 1.0 ma i o 40 ma) (v i = 10 v, 1.0 ma i o 70 ma) v o 4.75 4.75 5.25 5.25 vdc input bias current (t j = +25 c) (t j = +125 c) i ib 3.8 6.0 5.5 ma input bias current change (8.0 vdc v i 20 vdc) (1.0 ma i o 40 ma) d i ib 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n 40 m v ripple rejection (i o = 40 ma, f = 120 hz, 8.0 vdc v i 18 v, t j = +25 c) rr 41 49 db dropout voltage (t j = +25 c) v i v o 1.7 vdc note: ncv78l05a: t low = 40 c, t high = +125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control.
mc78l00a series, ncv78l05a http://onsemi.com 3 electrical characteristics (v i = 14 v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, 40 c < t j < +125 c (for mc78lxxab), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l08ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 7.7 8.0 8.3 vdc line regulation (t j = +25 c, i o = 40 ma) 10.5 vdc v i 23 vdc 11 vdc v i 23 vdc reg line 20 12 175 125 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load 15 8.0 80 40 mv output voltage (10.5 vdc v i 23 vdc, 1.0 ma i o 40 ma) (v i = 14 v, 1.0 ma i o 70 ma) v o 7.6 7.6 8.4 8.4 vdc input bias current (t j = +25 c) (t j = +125 c) i ib 3.0 6.0 5.5 ma input bias current change (11 vdc v i 23 vdc) (1.0 ma i o 40 ma) d i ib 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n 60 m v ripple rejection (i o = 40 ma, f = 120 hz, 12 v v i 23 v, t j = +25 c) rr 37 57 db dropout voltage (t j = +25 c) v i v o 1.7 vdc electrical characteristics (v i = 15 v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, 40 c < t j < +125 c (for mc78lxxab), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l09ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 8.6 9.0 9.4 vdc line regulation (t j = +25 c, i o = 40 ma) 11.5 vdc v i 24 vdc 12 vdc v i 24 vdc reg line 20 12 175 125 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load 15 8.0 90 40 mv output voltage (11.5 vdc v i 24 vdc, 1.0 ma i o 40 ma) (v i = 15 v, 1.0 ma i o 70 ma) v o 8.5 8.5 9.5 9.5 vdc input bias current (t j = +25 c) (t j = +125 c) i ib 3.0 6.0 5.5 ma input bias current change (11 vdc v i 23 vdc) (1.0 ma i o 40 ma) d i ib 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n 60 m v ripple rejection (i o = 40 ma, f = 120 hz, 13 v v i 24 v, t j = +25 c) rr 37 57 db dropout voltage (t j = +25 c) v i v o 1.7 vdc
mc78l00a series, ncv78l05a http://onsemi.com 4 electrical characteristics (v i = 19 v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, 40 c < t j < +125 c (for mc78lxxab), 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l12ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 11.5 12 12.5 vdc line regulation (t j = +25 c, i o = 40 ma) 14.5 vdc v i 27 vdc 16 vdc v i 27 vdc reg line 120 100 250 200 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load 20 10 100 50 mv output voltage (14.5 vdc v i 27 vdc, 1.0 ma i o 40 ma) (v i = 19 v, 1.0 ma i o 70 ma) v o 11.4 11.4 12.6 12.6 vdc input bias current (t j = +25 c) (t j = +125 c) i ib 4.2 6.5 6.0 ma input bias current change (16 vdc v i 27 vdc) (1.0 ma i o 40 ma) d i ib 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n 80 m v ripple rejection (i o = 40 ma, f = 120 hz, 15 v v i 25 v, t j = +25 c) rr 37 42 db dropout voltage (t j = +25 c) v i v o 1.7 vdc electrical characteristics (v i = 23 v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, 40 c < t j < +125 c (for mc78lxxab), s 0 c < t j < +125 c (for mc78lxxac), unless otherwise noted.) mc78l15ac, ab characteristics symbol min typ max unit output voltage (t j = +25 c) v o 14.4 15 15.6 vdc line regulation (t j = +25 c, i o = 40 ma) 17.5 vdc v i 30 vdc 20 vdc v i 30 vdc reg line 130 110 300 250 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load 25 12 150 75 mv output voltage (17.5 vdc v i 30 vdc, 1.0 ma i o 40 ma) (v i = 23 v, 1.0 ma i o 70 ma) v o 14.25 14.25 15.75 15.75 vdc input bias current (t j = +25 c) (t j = +125 c) i ib 4.4 6.5 6.0 ma input bias current change (20 vdc v i 30 vdc) (1.0 ma i o 40 ma) d i ib 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n 90 m v ripple rejection (i o = 40 ma, f = 120 hz, 18.5 v v i 28.5 v, t j = +25 c) rr 34 39 db dropout voltage (t j = +25 c) v i v o 1.7 vdc
mc78l00a series, ncv78l05a http://onsemi.com 5 electrical characteristics (v i = 27 v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, 0 c < t j < +125 c, unless otherwise noted.) mc78l18ac characteristics symbol min typ max unit output voltage (t j = +25 c) v o 17.3 18 18.7 vdc line regulation (t j = +25 c, i o = 40 ma) 21.4 vdc v i 33 vdc 20.7 vdc v i 33 vdc 22 vdc v i 33 vdc 21 vdc v i 33 vdc reg line 45 35 325 275 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load 30 15 170 85 mv output voltage (21.4 vdc v i 33 vdc, 1.0 ma i o 40 ma) (20.7 vdc v i 33 vdc, 1.0 ma i o 40 ma) (v i = 27 v, 1.0 ma i o 70 ma) (v i = 27 v, 1.0 ma i o 70 ma) v o 17.1 17.1 18.9 18.9 vdc input bias current (t j = +25 c) (t j = +125 c) i ib 3.1 6.5 6.0 ma input bias current change (22 vdc v i 33 vdc) (21 vdc v i 33 vdc) (1.0 ma i o 40 ma) d i ib 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n 150 m v ripple rejection (i o = 40 ma, f = 120 hz, 23 v v i 33 v, t j = +25 c) rr 33 48 db dropout voltage (t j = +25 c) v i v o 1.7 vdc electrical characteristics (v i = 33 v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, 0 c < t j < +125 c, unless otherwise noted.) mc78l24ac characteristics symbol min typ max unit output voltage (t j = +25 c) v o 23 24 25 vdc line regulation (t j = +25 c, i o = 40 ma) 27.5 vdc v i 38 vdc 28 vdc v i 80 vdc 27 vdc v i 38 vdc reg line 50 60 300 350 mv load regulation (t j = +25 c, 1.0 ma i o 100 ma) (t j = +25 c, 1.0 ma i o 40 ma) reg load 40 20 200 100 mv output voltage (28 vdc v i 38 vdc, 1.0 ma i o 40 ma) (27 vdc v i 38 vdc, 1.0 ma i o 40 ma) (28 vdc v i = 33 vdc, 1.0 ma i o 70 ma) (27 vdc v i 33 vdc, 1.0 ma i o 70 ma) v o 22.8 22.8 25.2 25.2 vdc input bias current (t j = +25 c) (t j = +125 c) i ib 3.1 6.5 6.0 ma input bias current change (28 vdc v i 38 vdc) (1.0 ma i o 40 ma) d i ib 1.5 0.1 ma output noise voltage (t a = +25 c, 10 hz f 100 khz) v n 200 m v ripple rejection (i o = 40 ma, f = 120 hz, 29 v v i 35 v, t j = +25 c) rr 31 45 db dropout voltage (t j = +25 c) v i v o 1.7 vdc
mc78l00a series, ncv78l05a http://onsemi.com 6 p d , power dissipation (mw) i ib , input bias current (ma) i ib , input bias current (ma) v o , output voltage (v) figure 3. dropout characteristics figure 4. dropout voltage versus junction temperature figure 5. input bias current versus ambient temperature figure 6. input bias current versus input voltage figure 7. maximum average power dissipation versus ambient temperature to92 type package v i , input voltage (v) 0 2.0 4.0 6.0 8.0 10 , input/output differential voltage (v) io t j , junction temperature ( c) 0 25 50 75 100 125 -v v dropout of regulation is defined as when v o = 2% of v o t a , ambient temperature ( c) 0 25 50 75 100 125 v i , input voltage (v) 0 5.0 10 15 20 25 30 35 40 t a , ambient temperature ( c) 25 50 75 100 125 150 no heatsink 8.0 6.0 4.0 2.0 0 2.5 2.0 1.5 1.0 0.5 0 4.2 4.0 3.8 3.6 3.4 3.2 3.0 0 5.0 4.0 3.0 2.0 1.0 0 10,000 1000 100 10 mc78l05ac v out = 5.0 v t j = 25 c mc78l05ac v out = 5.0 v i o = 40 ma t j = 25 c r q ja = 200 c/w p d(max) to 25 c = 625 mw i o = 1.0 ma i o = 40 ma i o = 100 ma i o = 70 ma i o = 1.0 ma i o = 40 ma mc78l05ac v i = 10 v v o = 5.0 v i o = 40 ma 30 50 70 90 110 130 150 0.4 0.8 1.2 1.6 2.0 2.4 2.8 0203050 40 10 l, length of copper (mm) 170 3.2 r q ja p d r , thermal resistance ja q junctiontoair ( c/w) , maximum power dissipation (w) ??? ??? ??? ??? ??? ??? ??? ??? 2.0 oz. copper graph represents symmetrical layout 3.0 mm l l figure 8. sop8 thermal resistance and maximum power dissipation versus p.c.b. copper length p d(max) for t a = 50 c
mc78l00a series, ncv78l05a http://onsemi.com 7 applications information design considerations the mc78l00a series of fixed voltage regulators are designed with thermal overload protection that shuts down the circuit when subjected to an excessive power overload condition. internal short circuit protection limits the maximum current the circuit will pass. in many low current applications, compensation capacitors are not required. however, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. the input bypass capacitor should be selected to provide good highfrequency characteristics to insure stable operation under all load conditions. a 0.33 m f or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. the bypass capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. bypassing the output is also recommended. figure 9. current regulator figure 10. 15 v tracking voltage regulator the mc78l00 regulators can also be used as a current source when connected as above. in order to minimize dissipation the mc78l05c is chosen in this application. resistor r determines the current as follows: for example, a 100 ma current source would require r to be a 50 w , 1/2 w resistor and the output voltage compliance would be the input voltage less 7 v. i o = 5.0 v + i b i ib = 3.8 ma over line and load changes input 0.33 m f r i o mc78l05a constant current to grounded load - + mc1741 +20v 0.33 m f mc78l15a +v o 10k 10k -v o 7 6 2 3 4 6.5 20v mps a70 mps u55 0.33 m f 0.33 m f +v i -v i mc78lxxa mc79lxxa +v o -v o 0.33 m f 0.1 m f 0.1 m f r figure 11. positive and negative regulator
mc78l00a series, ncv78l05a http://onsemi.com 8 ordering information device output voltage operating temperature range package shipping mc78l05abd sop8 98 units/rail mc78l05abdr2 sop8 2500 tape & reel ncv78l05abdr2* sop8 2500 tape & reel mc78l05abp t j = 40 to +125 c to92 2000 units/bag mc78l05abpra j to92 2000 tape & reel mc78l05abpre to92 2000 units/bag mc78l05abprm 50v to92 2000 ammo pack mc78l05acd 5.0 v sop8 98 units/rail mc78l05acdr2 sop8 2500 tape & reel mc78l05acp to92 2000 units/bag mc78l05acpra t j = 0 to +125 c to92 2000 tape & reel mc78l05acpre j to92 2000 tape & reel mc78l05acprm to92 2000 ammo pack mc78l05acprp to92 2000 ammo pack mc78l08abd sop8 98 units/rail mc78l08abdr2 sop8 2500 tape & reel mc78l08abp t j = 40 to +125 c to92 2000 units/bag mc78l08abpra j to92 2000 tape & reel mc78l08abprp to92 2000 units/bag mc78l08acd 8.0 v sop8 98 units/rail mc78l08acdr2 sop8 2500 tape & reel mc78l08acp t =0 to +125 5 c to92 2000 units/bag mc78l08acpra t j = 0 to +125 c to92 2000 tape & reel mc78l08acpre to92 2000 tape & reel mc78l08acprp to92 2000 ammo pack mc78l09abd sop8 98 units/rail mc78l09abdr2 t =40 to +125 5 c sop8 2500 tape & reel mc78l09abpra t j = 40 to +125 c to92 2000 units/bag mc78l09abprp 9.0 v to92 2000 units/bag mc78l09acd sop8 98 units/rail mc78l09acdr2 t j = 0 to +125 c sop8 2500 tape & reel mc78l09acp j to92 2000 units/bag *ncv78l05a: t low = 40 c, t high = +125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control.
mc78l00a series, ncv78l05a http://onsemi.com 9 ordering information (continued) device shipping package operating temperature range output voltage mc78l12abd sop8 98 units/rail mc78l12abdr2 t =40 to +125 5 c sop8 2500 tape & reel mc78l12abp t j = 40 to +125 c to92 2000 units/bag mc78l12abprp to92 2000 units/bag mc78l12acd sop8 98 units/rail mc78l12acdr2 12 v sop8 2500 tape & reel mc78l12acp to92 2000 units/bag mc78l12acpra t j = 0 to +125 c to92 2000 tape & reel mc78l12acpre j to92 2000 tape & reel mc78l12acprm to92 2000 ammo pack mc78l12acprp to92 2000 ammo pack mc78l15abd sop8 98 units/rail mc78l15abdr2 sop8 2500 tape & reel mc78l15abp t j = 40 to +125 c to92 2000 units/bag mc78l15abpra j to92 2000 tape & reel mc78l15abprp 15 v to92 2000 units/bag mc78l15acd 15 v sop8 98 units/rail mc78l15acdr2 sop8 2500 tape & reel mc78l15acp t j = 0 to +125 c to92 2000 units/bag mc78l15acpra j to92 2000 tape & reel mc78l15acprp to92 2000 ammo pack mc78l18abp t j = 40 to +125 c to92 2000 units/bag mc78l18acp to92 2000 units/bag mc78l18acpra 18 v t =0 to +125 5 c to92 2000 tape & reel mc78l18acprm t j = 0 to +125 c to92 2000 units/bag mc78l18acprp to92 2000 ammo pack mc78l24abp t j = 40 to +125 c to92 2000 units/bag mc78l24acp 24 v to92 2000 units/bag mc78l24acpra 24 v t j = 0 to +125 c to92 2000 tape & reel mc78l24acprp j to92 2000 ammo pack
mc78l00a series, ncv78l05a http://onsemi.com 10 alywb 8lxxa 1 8 sop8 d suffix case 751 xx = 05, 08, 09, 12, or 15 a = assembly location l = wafer lot y = year w = work week b, c = temperature range marking diagrams mc78l zzabp alyww zz = 05, 08, 09, 12, 15, 18 or 24 a = assembly location l = wafer lot y = year ww = work week to92 p suffix case 029 alywc 8lxxa 1 8 mc78l zzacp alyww 123 123
mc78l00a series, ncv78l05a http://onsemi.com 11 package dimensions to92 p suffix case 2911 issue al notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l b k g h section xx c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.021 0.407 0.533 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 --- 12.70 --- l 0.250 --- 6.35 --- n 0.080 0.105 2.04 2.66 p --- 0.100 --- 2.54 r 0.115 --- 2.93 --- v 0.135 --- 3.43 --- 1 sop8 d suffix case 75107 issue w seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 x y g m y m 0.25 (0.010) z y m 0.25 (0.010) z s x s m 
mc78l00a series, ncv78l05a http://onsemi.com 12 on semiconductor is a trademark and is a registered trademark of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circui t, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may b e provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its paten t rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc78l00a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC78L00A-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X