Part Number Hot Search : 
31E12 HMC33709 10002 FS7M0680 AT3102S TLRE53TF 20000 C330M
Product Description
Full Text Search
 

To Download L7805ABD2T-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/21 march 2004  output current in excess of 1a  output voltages of 5; 6; 8; 9; 12; 15; 18; 20; 24v  thermal overload protection  output transition soa protection  2% output voltage tolerance  guaranteed in extended temperature range description the l7800a series of three terminal positive regulators is available in to-220, to-220fp, to-220fm and d 2 pak packages and several fixed output voltages, making it useful in a wide range of applications. these regulators can provide local on-card regulation, eliminating the distribution problem associated with single point regulation. each type employs internal current limiting, thermal shut-down and safe area protection, making it essentially indestructible. if adequate heat sinking is provided, they can deliver over 1a output current, although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltage and currents. l7800ab/ac series precision 1a regulators schematic diagram to-220 d 2 pak to-220fp to-220fm
l7800ab/ac series 2/21 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these condition is not implied. thermal data shematic diagram symbol parameter value unit v i dc input voltage (for v o =5to18v) (for v o = 20, 24v) 35 40 v v i o output current internally limited ma p d power dissipation internally limited mw t stg storage temperature range -65 to +150 c t op operating junction temperature range (for l7800ac ) (for l7800ab ) 0to+150 -40 to +125 c c symbol parameter to-220 to-220fp to-220fm d 2 pa k unit r thj-case thermal resistance junction-case 3553c/w r thj-amb thermal resistance junction-ambient 50 60 60 62.5 c/w
l7800ab/ac series 3/21 connection diagram (top view) ordering codes (*) available in tape & reel with the suffix "-tr". application circuits type to-220 to-220fp to-220fm d 2 pa k (a type) (*) d 2 pak (c type) (t & r) output voltage l7805ab l7805abv l7805abp l7805abf l7805abd2t 5 v l7805ac l7805acv l7805acp l7805acf l7805acd2t l7805ac-d2tr 5 v l7806ab l7806abv l7806abp l7806abf l7806abd2t 6 v l7806ac l7806acv l7806acp l7806acf l7806acd2t 6 v l7808ab l7808abv l7808abp l7808abf l7808abd2t 8 v l7808ac l7808acv l7808acp l7808acf l7808acd2t 8 v l7809ab l7809abv l7809abp l7809abf l7809abd2t 9 v l7809ac l7809acv l7809acp l7809acf l7809acd2t 9 v l7812ab l7812abv l7812abp l7812abf l7812abd2t 12 v l7812ac l7812acv l7812acp l7812acf l7812acd2t 12 v l7815ab l7815abv l7815abp l7815abf l7815abd2t 15 v l7815ac l7815acv l7815acp l7815acf l7815acd2t 15 v l7818ab l7818abv l7818abp l7818abf l7818abd2t 18 v l7818ac l7818acv l7818acp l7818acf l7818acd2t 18 v l7820ab l7820abv l7820abp l7820abf l7820abd2t 20 v l7820ac l7820acv l7820acp l7820acf l7820acd2t 20 v l7824ab l7824abv l7824abp l7824abf l7824abd2t 24 v l7824ac l7824acv l7824acp l7824acf l7824acd2t 24 v to-220 (any type) d 2 pak to-220fp/to-220fm
l7800ab/ac series 4/21 test circuits figure 1 : dc parameter figure 2 : load regulation figure 3 : ripple rejection
l7800ab/ac series 5/21 electrical characteristics of l7805a (v i =10v, i o =1a, t j = 0 to 150c (l7805ac), t j = -40 to 125c (l7805ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 4.9 5 5.1 v v o output voltage i o =5mato1a p o 15w v i = 7.5 to 20v 4.8 5 5.2 v ? v o (*) line regulation v i = 7.5 to 25v i o = 500 ma 7 50 mv v i =8to12v 10 50 mv v i =8to12v t j = 25c 2 25 mv v i = 7.3 to 20v t j = 25c 7 50 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 8 50 v i q quiescent current t j = 25c 4.3 6 ma 6ma ? i q quiescent current change v i =8to25v i o = 500 ma 0.8 ma v i = 7.5 to 20v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 8 to 18v f = 120hz i o = 500ma 68 db v d dropout voltage i o =1a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 17 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -1.1 mv/c
l7800ab/ac series 6/21 electrical characteristics of l7806a (v i =11v, i o =1a, t j = 0 to 150c (l7806ac), t j = -40 to 125c (l7806ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 5.88 6 6.12 v v o output voltage i o =5mato1a p o 15w v i = 8.6 to 21v 5.76 6 6.24 v ? v o (*) line regulation v i = 8.6 to 25v i o = 500 ma 9 60 mv v i =9to13v 11 60 mv v i =9to13v t j = 25c 3 30 mv v i = 8.3 to 21v t j = 25c 9 60 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.3 6 ma 6ma ? i q quiescent current change v i =9to25v i o = 500 ma 0.8 ma v i = 8.6 to 21v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 9 to 19v f = 120hz i o = 500ma 65 db v d dropout voltage i o =1a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 17 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -0.8 mv/c
l7800ab/ac series 7/21 electrical characteristics of l7808a (v i =14v, i o =1a, t j = 0 to 150c (l7808ac), t j = -40 to 125c (l7808ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 7.84 8 8.16 v v o output voltage i o =5mato1a p o 15w v i =10.6 to 23v 7.7 8 8.3 v ? v o (*) line regulation v i = 10.6 to 25v i o = 500 ma 12 80 mv v i = 11 to 17v 15 80 mv v i =11to17v t j = 25c 5 40 mv v i = 10.4 to 23v t j = 25c 12 80 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.3 6 ma 6ma ? i q quiescent current change v i =11to25v i o = 500 ma 0.8 ma v i = 10.6 to 23v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 11.5 to 21.5v f = 120hz i o = 500ma 62 db v d dropout voltage i o =1a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 18 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -0.8 mv/c
l7800ab/ac series 8/21 electrical characteristics of l7809a (v i =15v, i o =1a, t j = 0 to 150c (l7809ac), t j = -40 to 125c (l7809ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 8.82 9 9.18 v v o output voltage i o =5mato1a p o 15w v i =10.6 to 23v 8.65 9 9.35 v ? v o (*) line regulation v i = 10.6 to 25v i o = 500 ma 12 90 mv v i = 11 to 17v 15 90 mv v i =11to17v t j = 25c 5 45 mv v i = 10.4 to 23v t j = 25c 12 90 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.3 6 ma 6ma ? i q quiescent current change v i =11to25v i o = 500 ma 0.8 ma v i = 10.6 to 23v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 11.5 to 21.5v f = 120hz i o = 500ma 61 db v d dropout voltage i o =1a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 18 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -0.8 mv/c
l7800ab/ac series 9/21 electrical characteristics of l7812a (v i =19v, i o =1a, t j = 0 to 150c (l7812ac), t j = -40 to 125c (l7812ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 11.75 12 12.25 v v o output voltage i o =5mato1a p o 15w v i =14.8 to 27v 11.5 12 12.5 v ? v o (*) line regulation v i = 14.8 to 30v i o = 500 ma 13 120 mv v i = 16 to 22v 16 120 mv v i = 16 to 22v t j = 25c 6 60 mv v i = 14.5 to 27v t j = 25c 13 120 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.4 6 ma 6ma ? i q quiescent current change v i = 15 to 30v i o = 500 ma 0.8 ma v i = 14.8 to 27v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 15 to 25v f = 120hz i o = 500ma 60 db v d dropout voltage i o =1a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 18 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -1 mv/c
l7800ab/ac series 10/21 electrical characteristics of l7815a (v i =23v, i o =1a, t j = 0 to 150c (l7815ac), t j = -40 to 125c (l7815ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 14.7 15 15.3 v v o output voltage i o =5mato1a p o 15w v i = 17.9 to 30v 14.4 15 15.6 v ? v o (*) line regulation v i = 17.9 to 30v i o = 500 ma 13 150 mv v i = 20 to 26v 16 150 mv v i = 20 to 26v t j = 25c 6 75 mv v i = 17.5 to 30v t j = 25c 13 150 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.4 6 ma 6ma ? i q quiescent current change v i = 17.5 to 30v i o = 500 ma 0.8 ma v i = 17.5 to 30v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 18.5 to 28.5v f = 120hz i o = 500ma 58 db v d dropout voltage i o =1a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 19 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -1 mv/c
l7800ab/ac series 11/21 electrical characteristics of l7818a (v i =27v, i o =1a, t j = 0 to 150c (l7818ac), t j = -40 to 125c (l7818ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 17.64 18 18.36 v v o output voltage i o =5mato1a p o 15w v i = 21 to 33v 17.3 18 18.7 v ? v o (*) line regulation v i = 21 to 33v i o = 500 ma 25 180 mv v i = 24 to 30v 28 180 mv v i = 24 to 30v t j = 25c 10 90 mv v i = 20.6 to 33v t j = 25c 5 180 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.5 6 ma 6ma ? i q quiescent current change v i = 21 to 33v i o = 500 ma 0.8 ma v i = 21 to 33v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 22 to 32v f = 120hz i o = 500ma 57 db v d dropout voltage i o =1 a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 19 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -1 mv/c
l7800ab/ac series 12/21 electrical characteristics of l7820a (v i =28v, i o =1a, t j = 0 to 150c (l7820ac), t j = -40 to 125c (l7820ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 19.6 20 20.4 v v o output voltage i o =5mato1a p o 15w v i = 23 to 35v 19.2 20 20.8 v ? v o (*) line regulation v i = 23 to 35v i o = 500 ma 200 mv v i = 26 to 32v 200 mv v i = 26 to 32v t j = 25c 100 mv v i = 23 to 32v t j = 25c 200 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.5 6 ma 6ma ? i q quiescent current change v i = 23 to 35v i o = 500 ma 0.8 ma v i = 23 to 35v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 24 to 35v f = 120hz i o = 500ma 56 db v d dropout voltage i o =1 a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 20 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -1 mv/c
l7800ab/ac series 13/21 electrical characteristics of l7824a (v i =33v, i o =1a, t j = 0 to 150c (l7824ac), t j = -40 to 125c (l7824ab), unless otherwise specified.) (*) load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 23.5 24 24.5 v v o output voltage i o =5mato1a p o 15w v i = 27.3 to 38v 23 24 25 v ? v o (*) line regulation v i = 27 to 38v i o = 500 ma 31 240 mv v i = 30 to 36v 35 240 mv v i = 30 to 36v t j = 25c 14 120 mv v i = 26.7 to 38v t j = 25c 31 240 mv ? v o (*) load regulation i o = 5ma to 1a 25 100 mv i o =5mato1.5a t j = 25c 30 100 v i o = 250 to 750ma 10 50 v i q quiescent current t j = 25c 4.6 6 ma 6ma ? i q quiescent current change v i = 27.3 to 38v i o = 500 ma 0.8 ma v i = 27.3 to 38v t j = 25c 0.8 ma i o =5mato1a 0.5 ma svr supply voltage rejection v i = 28 to 38v f = 120hz i o = 500ma 54 db v d dropout voltage i o =1 a t j = 25c 2 v en output noise voltage t a = 25c b =10hz to 100khz 10 v/v o r o output resistance f =1khz 20 m ? i sc short circuit current v i = 35v t a =25c 0.2 a i scp short circuit peak current t j = 25c 2.2 a ? v o / ? t output voltage drift -1.5 mv/c
l7800ab/ac series 14/21 application information design consideration the l7800a series of fixed voltage regulators are designed with thermal overload protection that shuts down the circuit when subjected to an excessive power overload condition, internal short-circuit protection that limits the maximum current the circuit will pass, and output transistor safe-area compensation that reduces the output short-circuit current as the voltage across the pass transistor is increased. in many low current applications, compensation capacitors are not required. however, it is recommended that the regulator input be bypassed with capacitor if the regulator is connected to the power supply filter with long lengths, or if the output load capacitance is large. an input bypass capacitor should be selected to provide good high frequency characteristics to insure stable operation under all load conditions. a 0.33mf or larger tantalum, mylar or other capacitor having low internal impedance at high frequencies should be chosen. the bypass capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. normally good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. the addition of an operational amplifier allows adjustment to higher or intermediate values while retaining regulation characteristics. the minimum voltage obtained with the arrangement is 2v greater than the regulator voltage. the circuit of figure 6 can be modified to provide supply protection against short circuit by adding a short circuit sense resistor, rsc, and an additional pnp transistor. the current sensing pnp must be able to handle the short circuit current of the three terminal regulator therefore a four ampere plastic power transistor is specified. figure 4 : dc parameter figure 5 : dc parameter figure 6 : dc parameter figure 7 : dc parameter v xx i o = ?? +i d r 1 v o , 7.0 to 20v v i -v o 2.0v v beq1 r 1 = ?????? i q1 i req - ?? q1 v beq1 i o =i reg +q 1 (i reg ????) r 1
l7800ab/ac series 15/21 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 to-220 mechanical dat a p011c
l7800ab/ac series 16/21 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.70 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.50 0.045 0.059 f2 1.15 1.50 0.045 0.059 g 4.95 5.2 0.194 0.204 g1 2.4 2.7 0.094 0.106 h 10.0 10.40 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 dia. 3 3.2 0.118 0.126 to-220fp mechanical data l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 7012510/g
l7800ab/ac series 17/21 dim. mm. inch min. typ max. min. typ. max. a 4.50 4.90 0.177 0.193 b 3.04 3.44 0.120 0.135 d 2.56 2.96 0.101 0.117 e 0.45 0.50 0.60 0.018 0.020 0.024 f 0.70 0.90 0.028 0.035 f1 1.47 0.058 g 5.08 0.200 g1 2.34 2.54 2.74 0.092 0.100 0.108 h 9.96 10.36 0.392 0.408 l2 15.8 0.622 l4 9.45 10.05 0.372 0.396 l6 15.67 16.07 0.617 0.633 l7 8.99 9.39 0.354 0.370 l8 3.30 0.130 dia. 3.08 3.28 0.121 0.129 to-220fm mechanical data 7012510c/g
l7800ab/ac series 18/21 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 0.409 e1 8.5 0.335 e 2.54 0.100 e1 4.88 5.28 0.192 0.208 h 15 15.85 0.590 0.624 j1 2.49 2.69 0.098 0.106 l 2.29 2.79 0.090 0.110 l1 1.27 1.4 0.050 0.055 l2 1.3 1.75 0.051 0.069 r 0.4 0.016 v2 0 8 0 8 d 2 pak (a type) mechanical data 0079457/i
l7800ab/ac series 19/21 dim. mm. inch min. typ max. min. typ. max. a 4.3 4.7 0.169 0.185 a1 0 0.20 0.000 0.008 b 0.70 0.90 0.028 0.035 b2 1.17 1.37 0.046 0.054 c 0.45 0.50 0.6 0.018 0.020 0.024 c2 1.25 1.30 1.40 0.049 0.051 0.055 d 9.0 9.2 9.4 0.354 0.362 0.370 d1 7.5 0.295 e 9.8 10.2 0.386 0.402 e1 7.5 0.295 e 2.54 0.100 e1 5.08 0.200 h 15 15.30 15.60 0.591 0.602 0.614 j1 2.20 2.60 0.087 0.102 l 1.79 2.79 0.070 0.110 l1 1.0 1.4 0.039 0.055 l2 1.2 1.6 0.047 0.063 r 0.3 0.012 v2 0 3 0 3 d 2 pak (c type) mechanical data 0079457/i
l7800ab/ac series 20/21 dim. mm. inch min. typ max. min. typ. max. a 180 7.086 c 12.8 13.0 13.2 0.504 0.512 0.519 d 20.2 0.795 n 60 2.362 t 14.4 0.567 ao 10.50 10.6 10.70 0.413 0.417 0.421 bo 15.70 15.80 15.90 0.618 0.622 0.626 ko 4.80 4.90 5.00 0.189 0.193 0.197 po 3.9 4.0 4.1 0.153 0.157 0.161 p 11.9 12.0 12.1 0.468 0.472 0.476 ta pe & reel d 2 pak-p 2 pak-d 2 pak/a-p 2 pak/a mechanical data
l7800ab/ac series 21/21 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2004 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states. http://www.st.com


▲Up To Search▲   

 
Price & Availability of L7805ABD2T-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X