Part Number Hot Search : 
ZGD51 000KJDG LTC1430I CD401 M10007 SI4116DY AH1030 AD8210
Product Description
Full Text Search
 

To Download IRS21091PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  typical connection half-bridge driver features floating channel designed for bootstrap operation fully operational to +600 v tolerant to negative transient voltage, dv/dt immune gate drive supply range from 10 v to 20 v undervoltage lockout for both channels 3.3 v, 5 v, and 15 v input logic compatible cross-conduction prevention logic matched propagation delay for both channels high-side output in phase with in input logic and power ground +/- 5 v offset internal 500 ns deadtime, and programmable up to 5 s with one external r dt resistor lower di/dt gate driver for better noise immunity the dual function dt/sd input turns off both channels rohs compliant irs21091(s)pbf data sheet no. pd60311 v offset 600 v max. i o +/- 120 ma / 250 ma v out 10 v - 20 v t on/off (typ.) 750 ns & 200 ns deadtime 540 ns product summary www.irf.com 1 description the irs21091 is a high voltage, high speed power mosfet and igbt driver with dependent high- and low-side referenced output channels. proprietary hvic and latch immune cmos technologies enable ruggedized monolithic construction. the logic input is compatible with standard cmos or lsttl output, down to 3.3 v logic. the output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. the floating channel can be used to drive an n-channel power mosfet or igbt in the high-side configuration which operates up to 600 v. (refer to lead assignments for correct configuration). these dia- grams show electrical connec- tions only. please refer to our application notes and designtips for proper circuit board layout. v cc v b v s ho lo com in dt/sd dt/sd in up to 600 v to load v cc packages 8 lead soic irs21091s 8 lead pdip irs21091
irs21091(s)pbf www.irf.com 2 symbol definition min. max. units v b high-side floating absolute voltage -0.3 625 v s high-side floating supply offset voltage v b - 25 v b + 0.3 v ho high-side floating output voltage v s - 0.3 v b + 0.3 v cc low-side and logic fixed supply voltage -0.3 25 v lo low-side output voltage -0.3 v cc + 0.3 dt/sd programmable deadtime and shutdown pin voltage v ss - 0.3 v cc + 0.3 v in logic input voltage (in & dt/s d) v ss - 0.3 v cc + 0.3 dv s /dt allowable offset supply voltage transient 50 v/ns (8 lead pdip) 1.0 p d package power dissipation @ t a +25 c (8 lead soic) 0.625 (8 lead pdip) 125 rth ja thermal resistance, junction to ambient (8 lead soic) 200 t j junction temperature 150 t s storage temperature -50 150 t l lead temperature (soldering, 10 seconds) 300 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage param- eters are absolute voltages referenced to com. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. v c c/w w
irs21091(s)pbf www.irf.com 3 dynamic electrical characteristics v bias (v cc , v bs ) = 15 v, c l = 1000 pf, t a = 25 c, unless otherwise specified. symbol definition min. typ. max.unitstest conditions t on turn-on propagation delay 750 950 v s = 0 v t off turn-off propagation delay 200 280 v s = 0 v or 600 v t sd shutdown propagation delay 550 715 mt delay matching, hs & ls turn-on/off 0 70 t r turn-on rise time 100 220 t f turn-off fall time 35 80 dt deadtime: lo turn-off to ho turn-on(dt lo-ho) & 400 540 680 r dt = 0 w ho turn-off to lo turn-on (dt ho-lo) 4 5 6 s r dt = 200 k w mdt deadtime matching = dt lo - ho - dt ho-lo 0 60 r dt = 0 w 0 600 r dt = 200 k w ns ns note 1: logic operational for v s of -5 v to +600 v. logic state held for v s of -5 v to -v bs . (please refer to the design tip dt97-3 for more details). v b high-side floating supply absolute voltage v s + 10 v s + 20 v s high-side floating supply offset voltage (note 1) 600 v ho high-side floating output voltage v s v b v cc low-side and logic fixed supply voltage 10 20 v lo low-side output voltage 0 v cc v in logic input voltage (in & dt/sd) v ss v cc dt/sd programmable deadtime and shutdown pin voltage v ss v cc t a ambient temperature -40 125 c symbol definition min. max. units recommended operating conditions the input/output logic timing diagram is shown in fig.1. for proper operation the device should be used within the recommended conditions. the v s offset rating is tested with all supply biased at a 15 v differential. v v s = 0 v
irs21091(s)pbf www.irf.com 4 static electrical characteristics v bias (v cc , v bs ) = 15 v, and t a = 25 c unless otherwise specified. the v il , v ih, and i in parameters are referenced to com and are applicable to the respective input leads: in and dt/sd. the v o , i o, and r on parameters are referenced to com and are applicable to the respective output leads: ho and lo. symbol definition min. typ.max.unitstest conditions v ih logic 1 input voltage for ho & logic 0 for lo 2.5 v il logic 0 input voltage for ho & logic 1 for lo 0.8 v sd,th dt/sd input threshold 11.5 13 14.5 v oh high level output voltage, v bias - v o 0.05 0.2 v ol low level output voltage, v o 0.02 0.1 i lk offset supply leakage current 50 v b = v s = 600 v i qbs quiescent v bs supply current 20 75 130 in = 0 v or 5 v i qcc quiescent v cc supply current 0.4 1.0 1.6 ma in = 0 v or 5 v r dt = 0 w i in+ logic 1 input bias current 5 20 in = 5 v, dt/sd = 0 v i in- logic 0 input bias current 5 in = 0 v, dt/sd = 5 v v ccuv+ v cc and v bs supply undervoltage positive going 8.0 8.9 9.8 v bsuv+ threshold v ccuv- v cc and v bs supply undervoltage negative going 7.4 8.2 9.0 v bsuv- threshold v ccuvh hysteresis 0.3 0.7 v bsuvh i o+ output high short circuit pulsed current 120 290 v o = 0 v, pw 10 s i o- output low short circuit pulsed current 250 600 v o = 15 v,pw 10 s v a v a ma v cc = 10 v to 20 v i o = 2 ma lead assignments 8 lead pdip 8 lead soic 1 2 3 4 8 7 6 5 v cc in dt/sd com v b ho v s lo IRS21091PBF irs21091spbf 1 2 3 4 8 7 6 5 v cc in dt/sd com v b ho v s lo
irs21091(s)pbf www.irf.com 5 functional block diagrams uv detect delay com lo vcc in vs ho vb pulse filter hv level shifter r r s q uv detect pulse generator vss/com level shift vss/com level shift deadtime dt/sd lead definitions symboldescription in logic input for high-side and low-side gate driver outputs (ho and lo), in phase with ho dt/sd programmable deadtime lead,disables input/output logic when tied to v cc v b high-side floating supply ho high-side gate drive output v s high-side floating supply return v cc low-side and logic fixed supply lo low-side gate drive output com low-side return
irs21091(s)pbf www.irf.com 6 figure 2. switching time waveform definitions figure 4. deadtime waveform definitions in ho 50% 50% 90% 10% lo 90% 10% dt lo-ho dt lo-ho mdt= - dt ho-lo dt ho-lo in (ho) t r t on t f t off lo ho 50% 50% 90% 90% 10% 10% in (lo) figure 5. delay matching waveform definitions ho 50% 50% 10% lo 90% mt ho lo mt in (lo) in (ho) figure 1. input/output timing diagram figure 3. shutdown waveform definitions dt/sd ho lo 50% 90% tsd in ho lo dt/sd
irs21091(s)pbf www.irf.com 7 500 700 900 1100 1300 -50 -25 0 25 50 75 100 125 temperature ( o c) t u r n - o n p r o p a g a t i o n d e l a y ( n s ) typ. max . figure 6a. turn-on propagation delay 500 700 900 1100 1300 10 12 14 16 18 20 v bias supply voltage (v) t u r n - o n p r o p a g a t i o n d e l a y ( n s ) typ. max. 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature ( o c) t u r n - o f f p r o p a g a t i o n d e l a y ( n s ) max. typ. figure 7a. turn-off propagation delay 0 100 200 300 400 500 10 12 14 16 18 20 v bias supply voltage (v) t u r n - o f f p r o p a g a t i o n d e l a y ( n s ) figure 7b. turn-off propagation delay typ. max. figure 6a. turn-on propagation delay vs. temperature figure 6b. turn-on propagation delay vs. supply voltage figure 7a. turn-off propagation delay vs. temperature figure 7b. turn-off propagation delay vs. supply volta ge note: for the following figures the v bias (v cc , v bs ) = 15 v and t a = 25 o c unless otherwise specified.
irs21091(s)pbf www.irf.com 8 f igure 9 a. t urn-on r ise time vs. temperature figure 9b. turn-on rise time vs. supply volta ge 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature ( o c) sd propagation delay (ns) m ax. typ. 0 100 200 300 400 500 10 12 14 16 18 20 v bias supply voltage (v) sd propagation delay (ns) typ. max. figure 8a. sd propagation delay vs. temperature figure 8b. sd propagation delay vs. supply voltage 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature( o c) t u rn -o n r i se t i me (ns) 0 100 200 300 400 500 10 12 14 16 18 20 v bias supply voltage (v) t u rn -o n r i se ti me (ns) turn-on rise time (ns) turn-on rise time (ns) max. typ. typ. max.
irs21091(s)pbf www.irf.com 9 200 400 600 800 1000 -50 -25 0 25 50 75 100 125 temperature ( o c) d e a d t i m e ( n s ) min. typ. max. 200 400 600 800 1000 10 12 14 16 18 20 v bias supply voltage (v) d e a d t i m e ( n s ) max. typ. min. figure 10a. turn-off fall time vs. temperature figure 10b. turn-off fall time vs. supply voltage figure 11a. deadtime vs. temperature figure 11b. deadtime vs. supply volta ge 0 50 100 150 200 -50 -25 0 25 50 75 100 125 temperature ( o c) t u r n - o f f f a l l t i m e ( n s ) t u r n - o f f f a l l t i m e ( n s ) max. typ. max. typ. 0 50 100 150 200 10 12 14 16 18 20 v bias supply voltage (v) t u r n - o f f f a l l t i m e n s
irs21091(s)pbf www.irf.com 10 figure 11c. deadtime vs. r dt figure 12a. logic ?1? input voltage vs. temperature figure 12b. logic ?1? input voltage vs. supply voltage 1 2 3 4 5 -50 -25 0 25 50 75 100 125 temperature (c) i n p u t v o l t a g e ( v ) 1 2 3 4 5 10 12 14 16 18 20 v bias supply voltage (v) input voltage (v) min. min. 0 1 2 3 4 5 6 7 0 50 100 150 200 r dt (kw) d e a d t i m e ( s ) typ. max. min. d e a d t i m e ( m s ) r dt (k w ) max 0 1 2 3 4 5 6 -50 -25 0 25 50 75 100 125 temperature (c ) l o g i c " 0 " i n p u t b i a s c u r r e n t ( a ) figure 13a. logic "0" input bias current vs. temperature
irs21091(s)pbf www.irf.com 11 s d i n p u t t h r e s h o l d ( + ) ( v ) max 0 1 2 3 4 5 6 10 12 14 16 18 20 supply voltage (v) l o g i c " 0 " i n pu t b i a s c u r r e n t ( a ) figure 13b. logic "0" input bias current vs. voltage figure 15a. high level output voltage vs. temperature 0.0 0.1 0.2 0.3 0.4 0.5 -50 -25 0 25 50 75 100 125 temperature ( o c) max. typ. -50 -25 0 25 50 75 100 125 temperature ( o c) 0.0 0.1 0.2 0.3 0.4 0.5 10 high level output voltage (v) max. 8 10 12 14 16 18 -50 -25 0 25 50 75 100 125 temperature ( o c) sd input threshold (+) (v) figure 14a. sd input positive going threshold (+) vs. temperature max. 8 10 12 14 16 18 10 12 14 16 18 20 v cc supply voltage (v) figure 14b. sd input positive going threshold (+) vs. supply voltage
irs21091(s)pbf www.irf.com 12 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature ( o c) o f f s e t s u p p l y l e a k a g e c u r r e n t ( a ) max. figure 16b. low level output voltage vs. supply voltage figure 17a. offset supply leakage current vs. temperature 0 0.1 0.2 0.3 0.4 0.5 10 12 14 16 18 20 v bias supply voltage (v) l o w l e v e l o u t p u t v o l t a g e ( v ) max. typ. o f f s e t s u p p l y l e a k a g e c u r r e n t ( m a ) figure 15b. high level output voltage vs. supply volta ge figure 16a. low level output voltage vs. temperature 0.0 0.1 0.2 0.3 0.4 0.5 10 12 14 16 18 20 v bias supply voltage (v) high level output voltage (v) max. typ. 0.0 0.1 0.2 0.3 0.4 0.5 -50 -25 0 25 50 75 100 125 temperature ( o c) l o w l e v e l o u t p u t v o l t a g e ( v ) max. typ.
irs21091(s)pbf www.irf.com 13 figure 17b. offset supply leakage current vs. boost voltage o f f s e t s u p p l y l e a k a g e c u r r e n t ( m a ) figure 19a. v cc supply current vs. temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -50 -25 0 25 50 75 100 125 temperature ( o c) v c c s u p p l y c u r r e n ( m a ) max. typ. min. v c c s u p p l y c u r r e n t (m a ) 0 100 200 300 400 -50 -25 0 25 50 75 100 125 temperature ( o c) v b s supply current (a) figure 18a. v bs supply current vs. temperature 0 100 200 300 400 500 0 100 200 300 400 500 600 v b boost voltage (v) max. 0 100 200 300 400 10 12 14 16 18 20 supply voltage (v) v b s supply current (a) figure 18b. v bs supply current vs. supply voltage typ. min. max. max. typ. min.
irs21091(s)pbf www.irf.com 14 figure 20b. logic ?1? input current vs. supply voltage 0 10 20 30 40 50 60 10 12 14 16 18 20 v cc supply voltage (v) l o g i c " 1 " i n p u t c u r r e n t ( a ) figure 21b. logic "1" input current max. typ. l o g i c 1 i n p u t c u r r e n t ( m a ) l o g i c 0 i n p u t c u r r e n t ( m a ) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 10 12 14 16 18 20 v cc supply voltage (v) v c c s u p p l y c u r r e n t ( m a ) figure 20b. v supply current max. typ. min. figure 19b. v cc supply current vs. v cc supply voltage 0 10 20 30 40 50 60 -50 -25 0 25 50 75 100 125 temperature ( o c) l o g i c " 1 " i n p u t c u r r e n t ( a ) typ. max. figure 20a. logic ?1? input current vs. temperature l o g i c 1 i n p u t c u r r e n t ( m a ) figure 21a. logic ?0? input current vs. temperature max. 0 2 4 6 8 10 -50 -25 0 25 50 75 100 125 temperature ( o c)
irs21091(s)pbf www.irf.com 15 7 8 9 10 11 12 -50 -25 0 25 50 75 100 125 temperature ( o c) v c c u v l o t h r e s h o l d ( + ) ( v ) typ. max. min. figure 22. v cc undervoltage threshold (+) vs. temperature figure 21b. logic ?0? input currentt vs. supply voltage l o g i c 0 i n p u t c u r r e n t ( m a ) 6 7 8 9 10 11 -50 -25 0 25 50 75 100 125 temperature ( o c) v c c u v l o t h r e s h o l d ( - ) ( v ) typ. max. min. 7 8 9 10 11 12 -50 -25 0 25 50 75 100 125 temperature ( o c) v b s u v l o t h r e s h o l d ( + ) ( v ) typ. max. min. figure 23. v cc undervoltage threshold (-) vs. temperature figure 24. v bs undervoltage threshold (+) vs. temperature max. 0 2 4 6 8 10 10 12 14 16 18 20 v cc supply voltage (v)
irs21091(s)pbf www.irf.com 16 figure 26b. output source current vs. supply voltage figure 27a. output sink current vs. temperature 0 200 400 600 800 1000 -50 -25 0 25 50 75 100 125 temperature ( o c) o u t p u t s i n k c u r r e n ) typ. min. o u t p u t s i n k c u r r e n t ( m a) 6 7 8 9 10 11 -50 -25 0 25 50 75 100 125 temperature ( o c) v b s u v l o t h r e s h o l d ( - ) ( v ) typ. max. min. figure 25. v bs undervoltage threshold (-) vs. temperature 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature ( o c) output source current (ma) figure 26a. output source current vs. temperature 0 100 200 300 400 500 10 12 14 16 18 20 v bias supply voltage (v) output source current (ma) typ. min. typ. min.
irs21091(s)pbf www.irf.com 17 -10 -8 -6 -4 -2 0 10 12 14 16 18 20 v bs floating supply voltage (v) v s o f f s e t s u p p l y v o l t a g e ( v ) typ. figure 27b. output sink currentt vs. supply voltage figure 28. maximum v s negative offset vs. supply voltage 0 200 400 600 800 1000 10 12 14 16 18 20 v bias supply voltage (v) o u t p u t s i n k c u r r e n typ. min. o u t p u t s i n k c u r r e n t (m a)
irs21091(s)pbf www.irf.com18 case outlines 01-6027 01-0021 11 (ms-012aa) 8 lead soic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 4 3 12 4. outline conforms to jedec outline ms-012aa. notes: 1. dimensioning & tolerancing per asme y14.5m-1994. 2 . c o n t r o l l in g d im e n s io n : m il l im e t e r 3. dimensions are shown in millimeters [inc hes]. 7 k x 45 8x l 8x c y footprint 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 8x 1.78 [.070] 5 dimension does not include mold protrusions. 6 dimension does not include mold protrusions. mold protrusions not to exceed 0.25 [.010]. 7 d im e n s io n is t h e l e n g th o f l e a d f o r s o l d e r in g to a subs trate. mold protrusions not to exceed 0.15 [.006]. 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] e1 d e y b a a1 h k l .189 .1497 0 .013 .050 b asic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 basic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 min max millimeters in c h e s min max dim 8 e c .0075 .0098 0.19 0.25 .025 b asic 0.635 b asic 01-6014 01-3003 01 (ms-001ab) 8 lead pdip
irs21091(s)pbf www.irf.com19 carrier tape dimension for 8soicn code min max min max a 7 .9 0 8.1 0 0. 31 1 0 .3 18 b 3 .90 4.10 0.15 3 0 .161 c 11.70 12.30 0.46 0.484 d 5 .4 5 5.5 5 0. 21 4 0 .2 18 e 6 .3 0 6.5 0 0. 24 8 0 .2 55 f 5 .1 0 5.3 0 0. 20 0 0 .2 08 g 1.50 n/a 0.059 n/a h 1 .5 0 1.6 0 0. 05 9 0 .0 62 m etr ic im p erial reel dimensions for 8soicn code min max min max a 329.60 330.25 12.976 13.001 b 20.95 21.45 0.824 0.844 c 12.80 13.20 0.503 0.519 d 1 .9 5 2.4 5 0. 76 7 0 .0 96 e 98.00 102.00 3.858 4.015 f n /a 1 8.40 n /a 0 .7 24 g 14.50 17.10 0.570 0.673 h 12.40 14.40 0.488 0.566 m etr ic im p erial e f a c d g a b h n ote : co ntrolling d imension in mm load ed tape feed direction a h f e g d b c tape & reel 8-lead soic
irs21091(s)pbf www.irf.com20 the soic-8 is msl2 qualified. this product has been designed and qualified for the industrial level. qualification standards can be found at www.irf.com ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 data and specifications subject to change without notice. 6/22/2007 leadfree part marking information lead free released non-lead free released part number date code irxxxxxx yww? ?xxxx pin 1 identifier ir logo lot code (prod mode - 4 digit spn code) assembly site code per scop 200-002 p ? marking code s 8-lead pdip IRS21091PBF 8-lead soic irs21091spbf 8-lead soic tape & reel irs21091strpbf order information


▲Up To Search▲   

 
Price & Availability of IRS21091PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X