Part Number Hot Search : 
A3422 C1507 MSZ5260 DG442 FF0750L SSL20 S2415 ARV241
Product Description
Full Text Search
 

To Download HPR210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 hpr2xx rev e mps 12/08 mechanical right side view front view bottom view top view 1 2 3 5 6 7 9 10 14 15 16 18 19 20 all dimensions are in inches (millimeters). grid: 0.100 inches (2.54 millimeters) pin placement tolerance: 0.015" marked with: speci?c model ordered, date code, and job code. 0.155+.015 (3.94) 0.030+.010 (0.76) 2.210+.010 (56.13) 0.340+.010 (8.64) 0.400+.010 (10.16) 0.010+.002 (0.25) 0.140+.020 (0.25) features four channels of isolated power high output power density: > 9. 4 watts/inch 3 extended temperature range: -25c to +85c high ef?ciency: to 84% low cost product data sheet high isolation voltage: 750v continuous input-to-output and channel-to-channel single in-line package (sip) internal input and output filtering non-conductive case the hpr2xx series is designed for multiple channel applications that require small size and could bene?t from a complete one- package solution. the hpr2xx series offers four isolated channels of output power in a footprint less than the size of many singular devices. this unregulated series of dc/dc converters provides three watts of total output power. each isolated channel can supply up to 750mw. the hpr2xx series uses advanced circuit design and packaging technology to realize superior reliability and performance. with only one switching converter on the board, the hpr2xx eliminates the possibility of separate converters creating beat frequencies, or "aliasing" in multiple channel applications. the high ef?ciency of the hpr2xx series means less internal power dissipation than comparable solutions. with reduced heat to dissipate, the hpr2xx series can operate at higher temperatures with no degradation in reliablility. in addition, the high ef?ciency of the hpr2xx series provides greater than 9 watts/inch 3 output power density. the hpr2xx series offers the user low cost without sacri?cing reliability. the use of surface mounted devices and manufacturing technologies make it possible to offer premium performance and low cost. 3.0 w att m iniature sip dc/dc c onverter hpr2xx 0.020+.002 (0.51) 0.340+.010 (8.64) pin connections 1. -vout1 5.-vout2 9. +vin 14. -vout3 18. -vout4 2. com 1 6. com2 10.-vin 15. com3 19. com 4 3 +vout1 7.+vout2 16. +vout3 20. +vout4 0.050+.015 (1.27)
page 2 hpr2xx rev e mps 12/08 device family hpr indicates dc/dc converter model number selected from table above screening option ordering information electrical specifications hpr 2xx /h nominal rated rated input current reflected input output output ripple voltage voltage current no load rated load current ef- ficiency model (vdc) (vdc) (ma) (ma) (ma) (map-p) (%) hpr203 5 5.2 73 70 820 35 74 hpr204 5 12 30 75 750 35 80 hpr205 5 15 25 75 750 35 80 HPR210 12 12 30 30 305 15 82 hpr211 12 15 25 30 300 15 84 hpr216 15 12 30 20 240 15 83 hpr217 15 15 25 20 240 20 84 hpr221 24 5.0 75 20 170 20 74 hpr223 24 15 25 20 155 20 81 note: other input to output voltage options may be available. please consult factory. common specifications parameter conditions min typ max units input voltage range 4.5 5 5.5 vdc 10.8 12 13.2 vdc 13.5 15 16.5 vdc 21.6 24 26.4 vdc voltage rise time 1 v/sec in rush current at startup amps isolation rated voltage input to output, channel to channel 750 vdc test voltage 60 hz, 10 seconds 750 vpk resistance 10 g 7 capacitance 30 pf leakage current v iso = 240vac, 60hz 4 arms output total rated power 3 w rated power each channel 750 mw voltage setpoint accuracy rated load, nominal v in 5 % ripple & noise bw = dc to 10mhz 40 mvp-p bw =10hz to 2mhz 7 mvrms voltage i l =1ma, v out = 5v 8 vdc i l =1ma, v out = 12v 17 vdc i l =1ma, v out = 15v 20 vdc temperature coef?cent .05 %/deg c regulation line regulation high line to low line 1 %/%v in load regulation (5v out only) rated load to 1ma load 10 % load regulation (all other models) rated load to 1ma load 3 % general switching frequency 300 khz package weight 7 g frequency change rated load to 1ma load 5 % high line to low line 20 % mttf per mil-hdbk-217, rev. e circuit stress method ground benign t a = +25c 1.8 mhr fixed ground t a = +35c 450 khr naval sheltered t a = +35c 270 khr airborne uninhabited fighter t a = +35c 45 khr temperature speci?cation -25 +25 +85 c operation -40 +100 c storage -40 +110 c absolute maximum ratings internal power dissipation............................................................................1.2w short circuit protection.......................................................................< 1 second speci?cations typical at t a = +25c, nominal input voltage, rated output current unless otherwise speci?ed.
page 3 hpr2xx rev e mps 12/08 the information provided herein is believed to be reliable; however, murata power solutions assumes no responsibility for inacc uracies or omissions. murata power solutions assumes no responsibility for the use of this information, and all use of such information shall be entirely at the users own risk. pr ices and speci?cations are subject to change without notice. no patent rights or licenses to any of the circuits described herein are implied or granted to any third party. murata power solutions does not authorize or warrant any murata power solutions product for use in life support devices/systems or in aircraft control applications. frequency (khz) frequency (khz) 400 375 350 325 300 420 390 360 330 300 31.0 30.5 30.0 29.5 29.0 6.6 6.2 5.8 5.4 5.0 14.0 13.4 12.8 12.2 11.6 50.0 37.5 25.0 12.5 0 90.0 67.5 45.0 22.5 0 12 6 0 -6 -12 +v out (vdc) v out (vdc) v out (vdc) v out (vdc) re?ected ripple current (ma p-p) ef?ciency (pout/pin) change from nom vout (%) -10 -5 0 5 10 0 .85 1.7 2.6 3.5 0 0.8 1.7 2.6 3.4 -0 6.25 12.50 18.75 25 0 8 16 24 32 0 20 40 60 80 0 6 12 18 26 0 .75 1.5 2.25 3.0 4.5 4.75 5.0 5.25 5.5 vin (vdc) pout (watts) input channel 1 (ma) iout (ma sum of all outputs) iout (ma sum of all outputs) iout (ma sum of all outputs) pout (watts) pout (watts) pout (watts) reflected ripple current vs. pout efficiency vs output power line regulation load regulation load regulation load regulation cross regulation hpr205 high line nominal line low line channel 2-4 channel 1 +15vout +12vout +5vout typical performance curves murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained her ein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. speci?cations are subject to chan ge without notice. ? 2008 murata power solutions, inc. usa: mans?eld (ma), tel: (508) 339 3000, email: sales@murata-ps.com canada: toronto, tel: (866) 740 1232, email: toronto@murata-ps.com uk: milton keynes, tel: +44 (0)1908 615232, email: mk@murata-ps.com france: montigny le bretonneux, tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com germany: mnchen, tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com japan: tokyo, tel: 3-3779-1031, email: sales_tokyo@murata-ps.com osaka, tel: 6-6354-2025, email: sales_osaka@murata-ps.com china: shanghai, tel: +86 215 027 3678, email: shanghai@murata-ps.com guangzhou, tel: +86 208 221 8066, email: guangzhou@murata-ps.com singapore: parkway centre, tel: +65 6348 9096, email: singapore@murata-ps.com murata power solutions, inc. 11 cabot boulevard, mans?eld, ma 02048-1151 u.s.a. tel: (508) 339-3000 (800) 233-2765 fax: (508) 339-6356 www.murata-ps.com email: sales@murata-ps.com iso 9001 & iso 14001 registered


▲Up To Search▲   

 
Price & Availability of HPR210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X