Part Number Hot Search : 
H2920 82XX11 UVTOP310 H2920 F0919 DS6501E 200MMT SB130
Product Description
Full Text Search
 

To Download HDSP-A103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? low power consumption ? industry standard size ? industry standard pinout ? choice of character size 7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in), 14.2 mm (0.56 in), 20 mm (0.80 in) ? choice of colors algaas red, high efficiency red (her), yellow, green ? excellent appearance evenly lighted segments 50 viewing angle ? design flexibility common anode or common cathode single and dual digit left and right hand decimal points 1. overflow character ? categorized for luminous intensity yellow and green categorized for color use of like categories yields a uniform display ? excellent for long digit string multiplexing description these low current seven segment displays are designed for applica- tions requiring low power consumption. they are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. drive currents as low as 1 ma per segment are available. pin for pin equivalent displays are also available in a standard current or high light ambient design. the standard current displays are available in all colors and are ideal for most applica- tions. the high light ambient displays are ideal for sunlight ambients or long string lengths. for additional information see the 7.6 mm micro bright seven segment displays, 10 mm seven segment displays, 7.6 mm/10.9 mm seven segment displays, 14.2 mm seven segment displays, 20 mm seven segment displays, or high light ambient seven segment displays data sheets. low current seven segment displays technical data hdsp-335x series hdsp-555x series hdsp-751x series hdsp-a10x series hdsp-a80x series hdsp-a90x series hdsp-e10x series hdsp-f10x series hdsp-g10x series hdsp-h10x series hdsp-k12x, k70x series hdsp-n10x series
2 devices algaas her yellow green package hdsp- hdsp- hdsp- hdsp- description drawing a101 7511 a801 a901 7.6 mm common anode right hand decimal a a103 7513 a803 a903 7.6 mm common cathode right hand decimal b a107 7517 a807 a907 7.6 mm common anode 1. overflow c a108 7518 a808 a908 7.6 mm common cathode 1. overflow d f101 10 mm common anode right hand decimal e f103 10 mm common cathode right hand decimal f f107 10 mm common anode 1. overflow g f108 10 mm common cathode 1. overflow h g101 10 mm two digit common anode right hand decimal x g103 10 mm two digit common cathode right hand decimal y e100 3350 10.9 mm common anode left hand decimal i e101 3351 10.9 mm common anode right hand decimal j e103 3353 10.9 mm common cathode right hand decimal k e106 3356 10.9 mm universal 1. overflow [1] l h101 5551 14.2 mm common anode right hand decimal m h103 5553 14.2 mm common cathode right hand decimal n h107 5557 14.2 mm common anode 1. overflow o h108 5558 14.2 mm common cathode 1. overflow p k121 k701 14.2 mm two digit common anode right hand decimal r k123 k703 14.2 mm two digit common cathode right hand decimal s n100 20 mm common anode left hand decimal q n101 20 mm common anode right hand decimal t n103 20 mm common cathode right hand decimal u n105 20 mm common cathode left hand decimal v n106 20 mm universal 1. overflow [1] w note: 1. universal pinout brings the anode and cathode of each segments led out to separate pins. see internal diagrams l or w.
3 part numbering system 5082 - x xx x - x x x xx hlmp - x xx x - x x x xx mechanical options 00: no mechanical option 33: special shear color bin options [1,2] 0: no color bin limitation c: color bins 3 & 4 only (applicable for green devices only) maximum intensity bin [1,2] 0: no maximum intensity bin limitation minimum intensity bin [1,2] 0: no minimum intensity bin limitation device configuration/color 0: common anode 6: overflow universal 1: common anode 7: overflow common anode 3: common cathode 8: overflow common cathode device specific configuration refer to respective datasheet package [1] a: 7.6 mm (0.3 inch) single digit seven segment display e: 10.9 mm (0.43 inch) single digit seven segment display f: 10 mm (0.4 inch) single digit seven segment display g: 10 mm (0.4 inch) dual digit seven segment display h: 14.2 mm (0.56 inch) single digit seven segment display k: 14.2 mm (0.56 inch) dual digit seven segment display n: 20 mm (0.8 inch) single digit seven segment display notes: 1. for codes not listed in the figure above, please refer to the respective datasheet or contact your nearest agilent representative for details. 2. bin options refer to shippable bins for a part-number. color and intensity bins are typically restricted to 1 bin per tube (excep- tions may apply). please refer to respective datasheet for specific bin limit information.
4 package dimensions
5 package dimensions (cont.)
6 package dimensions (cont.) *the side view of package indicates country of origin.
7 package dimensions (cont.)
8 package dimensions (cont.)
9 package dimensions (cont.)
10 internal circuit diagram
11 internal circuit diagram (cont.) absolute maximum ratings algaas red her hdsp-a10x/e10x/ hdsp-751x/ yellow green h10x/k12x/n10x/ 335x/555x/ hdsp-a80x hdsp-a90x description f10x, g10x series k70x series series series units average power per segment or dp 37 52 64 mw peak forward current per 45 ma segment or dp dc forward current per 15 [1] 15 [2] ma segment or dp operating temperature range -20 to +100 -40 to +100 c storage temperature range -55 to +100 c reverse voltage per segment 3.0 v or dp lead solder temperature for 3 seconds (1.60 mm [0.063 in.] below 260 c seating plane) notes: 1. derate above 91 c at 0.53 ma/ c. 2. derate her/yellow above 80 c at 0.38 ma/ c and green above 71 c at 0.31 ma/ c.
12 electrical/optical characteristics at t a = 25 c device series hdsp- parameter symbol min. typ. max. units test conditions 315 600 i f = 1 ma a10x 3600 i f = 5 ma 330 650 i f = 1 ma f10x, g10x 3900 i f = 5 ma 390 650 i f = 1 ma e10x luminous intensity/segment [1,2] i v m cd (digit average) 3900 i f = 5 ma 400 700 i f = 1 ma h10x, k12x 4200 i f = 5 ma 270 590 i f = 1 ma n10x 3500 i f = 5 ma 1.6 i f = 1 ma forward voltage/segment or dp v f 1.7 v i f = 5 ma 1.8 2.2 i f = 20 ma pk all devices peak wavelength l peak 645 nm dominant wavelength [3] l d 637 nm reverse voltage/segment or dp [4] v r 3.0 15 v i r = 100 m a temperature coefficient of d v f / c -2 mv mv/ c v f /segment or dp a10x 255 f10x, g10x 320 e10x 340 thermal resistance led r q j-pin c/w/seg h10x, k12x junction-to-pin 400 n10x 430 algaas red
13 device series hdsp- parameter symbol min. typ. max. units test conditions 160 270 i f = 2 ma 751x 1050 i f = 5 ma 200 300 i f = 2 ma luminous intensity/segment [1,2] i v mcd (digit average) 1200 i f = 5 ma 335x, 555x, k70x 270 370 i f = 2 ma 1480 i f = 5 ma 1.6 i f = 2 ma forward voltage/segment or dp v f 1.7 v i f = 5 ma 2.1 2.5 i f = 20 ma pk all devices peak wavelength l peak 635 nm dominant wavelength [3] l d 626 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp 751x 200 335x thermal resistance led r q j-pin 280 c/w junction-to-pin 555x, k70x 345 high efficiency red
14 device series hdsp- parameter symbol min. typ. max. units test conditions luminous intensity/segment [1,2] 250 420 i f = 4 ma (digit average) i v mcd 1300 i f = 10 ma 1.7 i f = 4 ma forward voltage/segment or dp v f 1.8 v i f = 5 ma a80x 2.1 2.5 i f = 20 ma pk peak wavelength l peak 583 nm dominant wavelength [3,5] l d 581.5 585 592.5 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led r q j-pin 200 c/w junction-to-pin yellow device series hdsp- parameter symbol min. typ. max. units test conditions luminous intensity/segment [1,2] 250 475 i f = 4 ma (digit average) i v mcd 1500 i f = 10 ma 1.9 i f = 4 ma forward voltage/segment or dp v f 2.0 v i f = 10 ma a90x 2.1 2.5 i f = 20 ma pk peak wavelength l peak 566 nm dominant wavelength [3,5] l d 571 577 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp thermal resistance led r q j-pin 200 c/w junction-to-pin green notes: 1. device case temperature is 25 c prior to the intensity measurement. 2. the digits are categorized for luminous intensity. the intensity category is designated by a letter on the side of the package. 3. the dominant wavelength, l d , is derived from the cie chromaticity diagram and is the single wavelength which defines the color of the device. 4. typical specification for reference only. do not exceed absolute maximum ratings. 5. the yellow (hdsp-a800) and green (hdsp-a900) displays are categorized for dominant wavelength. the category is designated by a number adjacent to the luminous intensity category letter.
15 figure 1. maximum allowable average or dc current vs. ambient temperature. figure 2. forward current vs. forward voltage. algaas red figure 4. relative efficiency (luminous intensity per unit current) vs. peak current. figure 3. relative luminous intensity vs. dc forward current.
16 figure 5. maximum allowable average or dc current vs. ambient temperature. figure 6. forward current vs. forward voltage. her, yellow, green figure 7. relative luminous intensity vs. dc forward current. figure 8. relative efficiency (luminous intensity per unit current) vs. peak current.
17 hdsp-a10x iv bin category min. max. e 0.315 0.520 f 0.428 0.759 g 0.621 1.16 h 0.945 1.71 i 1.40 2.56 j 2.10 3.84 k 3.14 5.75 l 4.70 8.55 intensity bin limits (mcd) algaas red hdsp-e10x/f10x/g10x iv bin category min. max. d 0.391 0.650 e 0.532 0.923 f 0.755 1.39 g 1.13 2.08 h 1.70 3.14 hdsp-h10x/k12x iv bin category min. max. c 0.415 0.690 d 0.565 0.990 e 0.810 1.50 f 1.20 2.20 g 1.80 3.30 h 2.73 5.00 i 4.09 7.50 hdsp-n10x iv bin category min. max. a 0.270 0.400 b 0.325 0.500 c 0.415 0.690 d 0.565 0.990 e 0.810 1.50 f 1.20 2.20 g 1.80 3.30 h 2.73 5.00 i 4.09 7.50
18 hdsp-751x iv bin category min. max. b 0.160 0.240 c 0.200 0.300 d 0.250 0.385 e 0.315 0.520 f 0.428 0.759 g 0.621 1.16 intensity bin limits (mcd), continued her hdsp-751x iv bin category min. max. b 0.240 0.366 c 0.300 0.477 d 0.391 0.650 e 0.532 0.923 f 0.755 1.39 g 1.13 2.08 h 1.70 3.14 hdsp-555x/k70x iv bin category min. max. a 0.270 0.400 b 0.325 0.500 c 0.415 0.690 d 0.565 0.990 e 0.810 1.50 f 1.20 2.20 g 1.80 3.30 h 2.73 5.00 i 4.09 7.50
19 hdsp-a80x iv bin category min. max. d 0.250 0.385 e 0.315 0.520 f 0.425 0.760 g 0.625 1.14 h 0.940 1.70 i 1.40 2.56 j 2.10 3.84 k 3.14 5.76 l 4.71 8.64 m 7.07 13.00 n 10.60 19.40 o 15.90 29.20 p 23.90 43.80 q 35.80 65.60 intensity bin limits (mcd), continued yellow hdsp-a90x iv bin category min. max. e 0.315 0.520 f 0.425 0.760 g 0.625 1.14 h 0.940 1.70 i 1.40 2.56 j 2.10 3.84 k 3.14 5.76 l 4.71 8.64 m 7.07 13.00 n 10.60 19.40 o 15.90 29.20 p 23.90 43.80 q 35.80 65.60 green
electrical/optical for more information on electrical/optical characteristics, please see application note 1005. contrast enhancement for information on contrast enhancement, please see application note 1015. soldering/cleaning cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chorinated hydrocarbon family (methylene chloride, trichloro- ethylene, carbon tetrachloride, etc.) are not recommended for cleaning led parts. all of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic led parts. for information on soldering leds, please refer to application note 1027. dominant wavelength (nm) color bin min. max. yellow 1 581.50 585.00 3 584.00 587.50 2 586.50 590.00 4 589.00 592.50 green 2 573.00 577.00 3 570.00 574.00 4 567.00 571.00 5 564.00 568.00 note: all categories are established for classification of products. products may not be available in all categories. please contact your local agilent representatives for further clarification/information. color categories www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (408) 654-8675 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6271 2451 india, australia, new zealand: (+65) 6271 2394 japan: (+81 3) 3335-8152(domestic/interna- tional), or 0120-61-1280(domestic only) korea: (+65) 6271 2194 malaysia, singapore: (+65) 6271 2054 taiwan: (+65) 6271 2654 data subject to change. copyright ? 2003 agilent technologies, inc. obsoletes 5988-2225en march 11, 2003 5988-8412en


▲Up To Search▲   

 
Price & Availability of HDSP-A103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X