Part Number Hot Search : 
24632 MZT3326 014014 RF202 USB50812 URF0620 M4003 N3341
Product Description
Full Text Search
 

To Download FTR-H1AA012V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n features l working class: b (for imq)/ c (for vde) l type of service: continuous duty l low profle (height 16.5 mm)/ cadmium free contacts l 1 form a/ 1 form c 10 a, tv-5 rating available l ul class b (130c) insulation l high isolation in small package (between coil and con - tacts) insulation distance : 8 mm dielectric strength : 5,000 vac surge strength :10,000 v l plastic materials ul94 fame class v-0 ul cti level class 2 l plastic sealed relay l pin confguration compatible to vs/ fbr610 series l ul, csa, bsi, vde, semko recognized l conforms to fimko, demko l environmentally friendly cadmium free contacts type are available l rohs compliant since date code: 0434r please see page 7 for more information ftr-h1 series power relay 1 pole10 a low profile type 1 (a) series name ftr-h1: ftr-h1 series (b) contact arrangement a : 1 form a (spst-no) c : 1 form c (spdt) (c) coil type a : standard type (0.53 w) d : high sensitive type (0.4w) (d) nominal voltage 005 : 5 vdc 012 : 12 vdc 006 : 6 vdc 024 : 24 vdc 009 : 9 vdc 048 : 48 vdc (e) contact material/tv type v : gold plate silver alloy (standard type) t : gold plate silver alloy (tv-5 rating type, 1 form a standard type only) (f) custom designation custom specifcationto be assigned n ordering information ftr-h1 a a 005 v C ** [example] (a) (b) (c) (d) (e) (f ) ordering code ftr-h1aa005v actual marking h1aa005v rohs compliant
2 ftr-h1 series n safety standard and file numbers ul508, 873 (file no. e63614) c22.2 no. 14 (file no. lr40304-30/lr107822) vde 0435, 0631, 0700, 0860 (file no. 11039-4940-1019) nominal voltage contact rating tv-rating 5 ~ 48 vdc tv-5 120 vac 1/2 hp 250 vac 1/3 hp 125 vac 10 a 30 vdc/250 vac resistive pilot duty b 300, q 300 general 1/2 hp 250 vac 1/3 hp 125 vac 10 a 30 vdc/250 vac resistive 3a 250 vac inductive (pf=0.4) pilot duty b 300, q 300
3 ftr-h1 series item standard type sensitive tv-5 rating type contact arrangement 1 form a (spst-no), 1 form c (spdt) 1 form a (spst-no) material gold plate silver alloy style single resistance (initial) maximum 100 m (at 1 a 6 vdc) rating (resistive) 10 a 250 vac/30 vdc maximum carrying current 14 a maximum switching rating 2,500 va/300 w maximum switching voltage 400 vac 300 vdc maximum switching current 10 a minimum switching load* 1 10 ma 5 vdc maximum inrush current 78 a 120 vac (at lamp load) coil operating range 80 to 110 % v nominal nominal power (at 20c) 0.53 w 0.4w 0.53 w operate power (at 20c) 0.26 w 0.225w 0.26w operating temperature C40c to +75c (no frost) (refer to the characteristic data) time value operate (at nominal voltage) maximum 10 ms release (at nominal voltage) maximum 5 ms insulation resistance (at 500 vdc) minimum 1,000 m dielectric between open contacts 1,000 vac 1 minute strength between coil and contacts * 2 5,000 vac 1 minute surge strength* 3 10,000 v (at 1.2 x 50 s) life mechanical 2 10 7 operations minimum electrical contact rating 1 10 5 operations minimum lamp load other vibration misoperation 10 to 55 hz (double amplitude of 1.65 mm) resistance endurance 10 to 55 hz (double amplitude of 3.3 mm) shock misoperation 100 m/s 2 (11 1 ms) resistance endurance 1,000 m/s 2 (6 1 ms) weight approximately 12 g * 1 minimum switching loads mentioned above are reference values. please perform the confrmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and ex - pected reliability levels. * 2 imq * 3 imq n specifications ? ? 2.5 x 10 4 ops. minimum
4 ftr-h1 series model nominal coil resistance must operate must release voltage (10%) voltage voltage standard type ftr-h1 (c, a) d005 v 5 vdc 62 ? 3.75 vdc 0.5 vdc ftr-h1 (c, a) d006 v 6 vdc 90 ? 4.5 vdc 0.6 vdc ftr-h1 (c, a) d009v 9 vdc 202 ? 6.75 vdc 0.9 vdc ftr-h1 (c, a) d012 v 12 vdc 360 ? 9.0 vdc 1.2 vdc ftr-h1 (c, a) d024 v 24 vdc 1,440 ? 18.0 vdc 2.4 vdc ftr-h1 (c, a) d048 v 48 vdc 5,760 ? 36.0 vdc 4.8 vdc n coil data chart note: all values in the table are measured at 20c. model nominal coil resistance must operate must release voltage (10%) voltage voltage standard type tv-5 rating type ftr-h1 (c, a) a005 v ftr-h1aa005 t 5 vdc 47 ? 3.5 vdc 0.5 vdc ftr-h1 (c, a) a006v ftr-h1aa006 t 6 vdc 68 ? 4.2 vdc 0.6 vdc ftr-h1 (c, a) a009 v ftr-h1aa009 t 9 vdc 155 ? 6.3 vdc 0.9 vdc ftr-h1 (c, a) a012 v ftr-h1aa012 t 12 vdc 270 ? 8.4 vdc 1.2 vdc ftr-h1 (c, a) a024 v ftr-h1aa024 t 24 vdc 1,100 ? 16.8 vdc 2.4 vdc ftr-h1 (c, a) a048 v ftr-h1aa048 t 48 vdc 4,400 ? 33.6 vdc 4.8 vdc sensitive type note: all values in the table are measured at 20c.
5 ftr-h1 series n characteristic data 20 12 8 4 0 0.2 0.4 0.6 0.8 1.0 operate release coil power (w) 1.2 time (ms) timing 16 0 20 40 60 80 100 2.4 2.2 2.0 1.8 1.6 1.4 1.2 0.6 1.0 0.8 0 a 10 a ambient temperature (c) nominal voltage muitiplying factor operating range must operate voltage (cool coil) must operate voltage (hot coil) ftr- ( ) a 20 15 10 5 0 0.2 0.4 0.6 0.8 1.0 operate release coil power (w) 1.2 time (ms) timing 0 20 40 60 80 100 2.4 2.2 2.0 1.8 1.6 1.4 1.2 0.6 1.0 0.8 0 a 10 a ambient temperature (c) nominal voltage muitiplying factor operating range must operate voltage (cool coil) must operate voltage (hot coil) ftr- ( ) d 10 20 50 100 200 500 20 10 5 1 2 0.5 0.2 maximum switching power contact voltage (v) contact current (a) dc resistive ac resistive ftr-h1 50 20 10 5 0 2 4 6 8 contact load current (a) 10 service life (x10 4 operations) ftr-h1 100 ac250 v dc30 v ac250v cos ?=0.7 dc30 v t=7ms life curve ac250v cos ?=0.4 dc30 v t=15ms 12 100 80 60 40 20 0 0.2 0.4 0.6 0.8 1.0 1.2 coil power (w) 0a 10a 14a temperature rise (c) coil temperature rise
6 ftr-h1 series n dimensions 28.0 +0.3 0.2 0.9 0.4 3.5 20.0 (2.1) 0.4 3.3 16.5 + 0.3 (2.65) 7.5 0.3 1.0 12.8 +0.3 com no 1 2 5 3 4-?1.3 3.5 20.0 (2.1) 7.5 (2.65) 28.0 +0.3 0.2 0.2 0.9 0.4 3.5 3.5 20.0 (2.1) 0.4 3.3 16.5 + 0.3 (2.65) 7.5 0.3 1.0 12.8 +0.3 com no nc 1 2 5 4 3 5-?1.3 3.5 3.5 20.0 (2.1) 7.5 (2.65) l dimensions ftr-h1a type l schematics (bottom view) n pc board mounting hole layout (bottom view) ftr-h1c type unit: mm 200 100 50 20 10 5 2 200 500 1000 2000 500 break make 100 10 8 6 4 2 0 operate operation (x10 4 ) operation (x10 4 ) operation (x10 4 ) release mechanical life test electrical life test electrical life test 200 100 50 20 10 5 2 500 10 8 6 4 2 0 10 initial 10 initial 500 200 100 50 20 10 5 2 10 8 6 4 2 0 ftr-hica012v n=10 1200 op./min. ftr-hica012v n=10 10 operations/minute dc30v, 0 a (resistive) ftr-hica012v n=10 10 op./min. ac250 v, 10a (resistive) break make break make contact resistance (m?) voltage (v) contact resistance (m?) voltage (v) contact resistance (m?) voltage (v) operate release operate release 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 n reference data 100 80 60 40 20 0 10 20 30 40 50 60 70 nominal voltage multiplying factor (%) operate release 80 distribution of operate and release voltage distribution (%) 0 1 2 3 4 5 6 7 time (ms) 100 80 60 40 20 operate release 8 distribution (%) distribution of operate and release time 0 2 4 6 8 10 12 14 100 80 60 40 20 contact resistance (m ) make break distribution (%) distribution of contact resistance ?
7 ftr-h1 series 1. general information l relays produced after the specifc date code that is indicated on each data sheet are lead-free now. most of our signal and power relays are lead-free. please refer to lead-free status info. (http://www.fujitsu.com/us/downloads/micro/fcai/relays/lead-free-letter.pdf) l lead free solder paste currently used in relays is sn-3.0ag-0.5cu. l all signal and most power relays also comply with rohs. please refer to individual data sheets. relays that are rohs compliant do not contain the 5 hazardous materials that are restricted by rohs directive (lead, mercury, chromium iv, pbb, pbde). l it has been verifed that using lead-free relays in leaded assembly process will not cause any problems (compatible). l lf is marked on each outer and inner carton. (no marking on individual relays). l to avoid leaded relays (for lead-free sample, etc.) please consult with area sales offce. l we will ship leaded relays as long as the leaded relay inventory exists. note: cadmium was exempted from rohs on october 21, 2005. (amendment to directive 2002/95/ec) 2. recommended lead free solder profle l recommended solder paste sn-3.0ag-0.5cu. rohs compliance and lead free relay information refow solder condtion 3. moisture sensitivity moisture sensitivity level standard is not applicable to electromechanical realys. 4. tin whisker l dipped snagcu solder is known as low risk tin whisker. no considerable length whisker was found by our in house test. we highly recommend that you confrm your actual solder conditions flow solder condtion: pre-heating: maximum 120?c soldering: dip within 5 sec. at 260?c soler bath solder by soldering iron: soldering iron temperature: maximum 360?c duration: maximum 3 sec.
 ftr-h1 series japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: marcom@fcai.fujitsu.com web: http://www.fujitsu.com/us/services/edevices/components/ europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: http://www.fujitsu.com/emea/services/components/ asia pacifc fujitsu components asia ltd. 102e pasir panjang road #04-01 citilink warehouse complex singapore 118529 tel: (65) 6375-8560 fax: (65) 6273-3021 email: fcal@fcal.fujitsu.com web: http://www.fujitsu.com/sg/services/micro/components/ fujitsu components international headquarter offces ?2005 fujitsu components america, inc. all rights reserved. all trademarks or registered trademarks are the property off their respective owners. fujitsu components america does not warrant that the content of datasheet is error free. in a continuing effort to improve our products fujitsu components america, inc. reserves the right to change specifcations/datasheets without prior notice. rev. 11/18/2005.


▲Up To Search▲   

 
Price & Availability of FTR-H1AA012V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X