Part Number Hot Search : 
ATS03 DS250 AJN2145 MC680 5269BUR GP1002 00060 20500
Product Description
Full Text Search
 

To Download ESD5V0S2U-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-12-07 1 esd5v0s... silicon tvs diodes ? esd / transient protection of data and power lines in 3.3 v / 5 v applications according to: iec61000-4-2 (esd): 30 kv (contact) iec61000-4-4 (eft): 80 a (5/50 ns) iec61000-4-5 (surge): 40 a/600 w (8/20 s) ? max. working voltage: 5 v ? low clamping voltage ? low reverse current ? pb-free (rohs compliant) package ? qualified according aec q101 applications ? uni or bi-directional operation possible (see application example page 5) ? mobile communication ? consumer products (stb, mp3, dvd, dsc...) ? lcd displays, camera ? notebooks and desktop computers, peripherals esd5v0s1u-03w ESD5V0S2U-06 3 1 d2 2 d1 1 2 type package configuration marking esd5v0s1u-03w ESD5V0S2U-06 sod323 sot23 1 line, uni-directional 2 lines, uni-directional e/yellow e5
2007-12-07 2 esd5v0s... maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit esd contact discharge 1) v esd 30 kv peak pulse current ( t p = 8 / 20 s) 2) i pp 40 a peak pulse power ( t p = 8 / 20 s) 2) p p k 600 w operating temperature range t o p -55...125 c storage temperature t st g -65...150 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. characteristics reverse working voltage v rwm - - 5 v breakdown voltage i (br) = 1 ma v (br) 5.5 6.7 8 reverse current v r = 3.3 v v r = 5 v i r - - - - 5 20 a clamping voltage (positive transient) i pp = 5 a, t p = 8/20 s 2) i pp = 24 a, t p = 8/20 s 2) i pp = 40 a, t p = 8/20 s 2) v cl - - - 7.5 9 11 9.5 12 14 v forward clamping voltage (negative transients) i pp = 5 a, t p = 8/20 s 2) i pp = 24 a, t p = 8/20 s 2) i pp = 40 a, t p = 8/20 s 2) v fc - - - 1.5 3 4 3 5 6 diode capacitance v r = 0 v, f = 1 mhz c t - 430 500 pf 1 v esd according to iec61000-4-2 2 i pp according to iec61000-4-5
2007-12-07 3 esd5v0s... power derating curve p pk = ? ( t a ) 0 25 50 75 100 c 150 t a 0 10 20 30 40 50 60 70 80 90 % 110 p pk or i pp clamping voltage v cl = ? ( i pp ) t p = 8 / 20 s (positive transients) 0 5 10 15 20 25 30 a 40 i pp 0 1 2 3 4 5 6 7 8 9 10 11 12 v 14 v cl forward clamping voltage v fc = ? ( i pp ) t p = 8 / 20 s (negative transient) 0 5 10 15 20 25 30 a 40 i pp 0 1 2 3 4 5 6 7 8 9 10 11 12 v 14 v fc reverse current i r = ? ( v r ) t a = parameter 0 1 2 3 v 5 v r -10 10 -9 10 -8 10 -7 10 -6 10 -5 10 a i r ta = 125c 85c 25c -40c
2007-12-07 4 esd5v0s... diode capacitance c t = ? (v r ) f = 1mhz 0 1 2 3 v 5 v r 150 200 250 300 350 pf 450 c t
2007-12-07 5 esd5v0s... application example esd5v01u-03w single channel, uni-directional 1 2 the protection diode should be placed very close to the location where the esd can occur to keep loops and inductances as small as possible. connector esd sensitive device i/o protected signal line application example ESD5V0S2U-06 dual channel, uni-directional 2 1 3 protected signal line protected signal line the protection diode should be placed very close to the location where the esd or other transients can occur to keep loops and inductances as small as possible. pin 3 should be connected directly to a ground plane on the board. connector esd sensitive device i/o i/o application example ESD5V0S2U-06 single channel, bi-directional connector esd sensitive device i/o protected signal line 2 1 3 pin 2 should be connected directly to a ground plane on the board. pin 3 is not connected.
2007-12-07 6 esd5v0s... package sod323 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel bar63-03w type code cathode marking laser marking 0.8 0.8 0.6 1.7 marking cathode 0.2 2.5 0.25 0.3 1 -0.05 m a +0.1 +0.2 2 1.25 -0.1 +0.05 -0.2 1.7 0.3 0.15 -0.06 +0.1 0 0.05 +0.2 -0.1 a 0.9 +0.2 -0.1 0.15 0.45 0.2 4 8 2.9 1 2 1.35 0.65 cathode marking
2007-12-07 7 esd5v0s... package sot23 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel eh s bcw66 type code pin 1 0.8 0.9 0.9 1.3 0.8 1.2 0.25 m bc 1.9 -0.05 +0.1 0.4 0.1 2.9 0.95 c b 0...8? 0.2 a 0.1 max. 10? max. 0.08...0.15 1.3 0.1 10? max. m 2.4 0.15 0.1 1 a 0.15 min. 1) 1) lead width can be 0.6 max. in dambar area 12 3 3.15 4 2.65 2.13 0.9 8 0.2 1.15 pin 1 manufacturer 2005, june date code (ym)
2007-12-07 8 esd5v0s... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of ESD5V0S2U-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X