Part Number Hot Search : 
2SK996 BF800 AT54C TP200 20030 BF800 20030 K2520
Product Description
Full Text Search
 

To Download EPA120E-CP083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EPA120E-CP083 updated 02/15/2005 high efficiency heterojunction power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 1 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised february 2005 all dimensions in mil tolerance: 3 mil features ? non-hermetic surface mount 160mil metal ceramic package ? +29 dbm output power at 1db compression ? 19.5 db gain at 2 ghz ? 0.3x1200 micron rece ssed ?mushroom? gate ? si 3 n 4 passivation ? advanced epitaxial doping profile provides high power efficiency, li nearity and reliability electrical characteristics (t a = 25 c) caution! esd sensitive device. symbol parameter/test conditions min typ max units p 1db output power at 1db compression f = 2.0 ghz vds = 8 v, ids=50% idss f = 12.0 ghz 27.5 29.0 29.0 dbm g 1db gain at 1db compression f = 2.0 ghz vds = 8 v, ids=50% idss f = 12.0 ghz 18.0 19.5 7.0 db pae power added efficiency at 1db compression vds = 8 v, ids=50% idss f = 2.0 ghz 43 % i dss saturated drain current v ds = 3 v, v gs = 0 v 210 360 510 ma g m transconductance v ds = 3 v, v gs = 0 v 240 380 ms v p pinch-off voltage v ds = 3 v, i ds = 3.5 ma -1.0 -2.5 v bv gd drain breakdown voltage i gd = 1.2 ma -13 -15 v bv gs source breakdown voltage i gs = 1.2 ma -7 -14 v r th * thermal resistance 40 o c/w notes: * overall rth depends on case mounting. absolute maximum ratings for continuous operation 1,2 symbol characteristic value v ds drain to source voltage 8 v v gs gate to source voltage -3 v i ds drain current 405 ma i gsf forward gate current 10 ma p in input power @ 3db compression p t total power dissipation 3.8 w t ch channel temperature 150c t stg storage temperature -65/+150c note: 1. exceeding any of the above ra tings may result in permanent damage. 2. exceeding any of the above ratings may reduce mttf below design goals.


▲Up To Search▲   

 
Price & Availability of EPA120E-CP083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X