Part Number Hot Search : 
ML2008 MSA0185 10A100FC D16NF BD788 CPC1976Y 16HAFA MC10195
Product Description
Full Text Search
 

To Download BSS82B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 pnp silicon planar switching transistors issue 2 ? september 95 j partmarking details - BSS82B - cl bss82c - cm absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -60 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v peak pulse current i cm -800 ma power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. collector-base breakdown voltage v (br)cbo -60 v i c =-10 m a collector-emitter breakdown voltage v (br)ceo -60 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 i e =-10 m a collector cut-off current i cbo -10 -10 na m a v cb =-50v, v cb =-50v, t amb =150 c emitter cut-off current i ebo -10 na v be =-3v collector-emitter saturation voltage v ce(sat) -0.4 -1.6 v v i c =-150ma,i b =-15ma* i c =-500ma,i b =50ma* static forward current transfer ratio bss80b bss80c h fe 40 100 120 300 i c =150ma,v ce =10v i c =150ma,v ce =10v transition frequency f t 200 mhz v ce =-20v,i c =-50ma f=100mhz output capacitance c obo 8pfv cb =-10v,f=1mhz delay time t d 10 ns v cc =-30v, i c =-150ma i b1 =-i b2 =-15ma rise time t r 40 ns storage time t s 80 ns fall time t f 30 ns * measured under pulsed conditions. pulse width = 300 m s. duty cycle 2% BSS82B bss82c c b e page number


▲Up To Search▲   

 
Price & Availability of BSS82B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X