Part Number Hot Search : 
IRLS540A B39A1 STBB2 NTV1209M G23AS2 120M1T 7B3641 FC15539
Product Description
Full Text Search
 

To Download ATMEGA103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? utilizes the avr ? risc architecture  avr ? high-performance and low-power risc architecture ? 121 powerful instructions ? most single clock cycle execution ? 32 x 8 general purpose working registers + peripheral control registers ? up to 6 mips throughput at 6 mhz  data and nonvolatile program memory ? 128k bytes of in-system programmable flash endurance: 1,000 write/erase cycles ? 4k bytes internal sram ? 4k bytes of in-system programmable eeprom endurance: 100,000 write/erase cycles ? programming lock for flash program and eeprom data security ? spi interface for in-system programming  peripheral features ? on-chip analog comparator ? programmable watchdog timer with on-chip oscillator ? programmable serial uart ? master/slave spi serial interface ? real time counter (rtc) with separate oscillator ? two 8-bit timer/counters with separate prescaler and pwm ? expanded 16-bit timer/counter system, with separate prescaler, compare, capture modes and dual 8-, 9-, or 10-bit pwm ? programmable watchdog timer with on-chip oscillator ? 8-channel, 10-bit adc  special microcontroller features ? low-power idle, power save and power-down modes ? software selectable clock frequency ? external and internal interrupt sources  specifications ? low-power, high-speed cmos process technology ? fully static operation  power consumption at 4 mhz, 3v, 25 c ? active: 5.5 ma ? idle mode: 1.6 ma ? power-down mode: < 1 a  i/o and packages ? 32 programmable i/o lines, 8 output lines, 8 input lines ? 64-lead tqfp  operating voltages ? 2.7 - 3.6v (ATMEGA103l) ? 4.0 - 5.5v (ATMEGA103)  speed grades ? 0 - 4 mhz (ATMEGA103l) ? 0 - 6 mhz (ATMEGA103) rev. 0945es ? 01/00 8-bit microcontroller with 128k bytes in-system programmable flash ATMEGA103 ATMEGA103l preliminary note: this is a summary document. for the complete 126-page document, please visit our web site at www.atmel.com or e-mail at literature@atmel.com and request literature #0945e.
ATMEGA103/103l 2 pin configuration tqfp description the ATMEGA103(l) is a low-power cmos 8-bit microcontroller based on the avr risc architecture. by executing power- ful instructions in a single clock cycle, the ATMEGA103(l) achieves throughputs approaching 1 mips per mhz allowing the system designer to optimize power consumption versus processing speed. the avr core is based on an enhanced risc architecture that combines a rich instruction set with 32 general purpose working registers. all the 32 registers are directly connected to the arithmetic logic unit (alu), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. the resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional cisc microcontrollers. the ATMEGA103(l) provides the following features: 128k bytes of in-system programmable flash, 4k bytes eeprom, 4k bytes sram, 32 general purpose i/o lines, 8 input lines, 8 output lines, 32 general purpose working registers, real time counter (rtc), 4 flexible timer/counters with compare modes and pwm, uart, programmable watchdog timer with inter- nal oscillator, an spi serial port and three software selectable power saving modes. the idle mode stops the cpu while allowing the sram, timer/counters, spi port and interrupt system to continue functioning. the power-down mode saves the register contents but freezes the oscillator, disabling all other chip functions until the next interrupt or hardware reset . in power save mode, the timer oscillator continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. the device is manufactured using atmel ? s high-density nonvolatile memory technology. the on-chip isp flash allows the program memory to be reprogrammed in-system through a serial interface or by a conventional nonvolatile memory programmer. by combining an 8-bit risc cpu with a large array of isp flash on a monolithic chip, the atmel ATMEGA103(l) is a powerful microcontroller that provides a highly flexible and cost-effective solution to many embedded control applications. the ATMEGA103(l) avr is supported with a full suite of program and system development tools including: c compilers, macro assemblers, program debugger/simulators, in-circuit emulators, and evaluation kits. pc0 (a8) vcc gnd (adc0) pf0 (adc7) pf7 (adc1) pf1 (adc2) pf2 (adc3) pf3 (adc4) pf4 (adc5) pf5 (adc6) pf6 aref agnd avcc 32 52 53 31 54 29 55 30 28 56 27 57 26 58 25 59 24 60 61 23 61 62 22 62 63 20 21 63 64 64 1 51 2 50 3 49 4 48 5 47 6 46 7 45 8 44 9 43 10 42 11 41 12 40 13 39 14 38 15 37 16 36 17 35 18 34 19 33 (pdi/rxd) pe0 (pdo/txd) pe1 pen (ac+) pe2 (ac-) pe3 (int4) pe4 (int5) pe5 (int6) pe6 (int7) pe7 (ss) pb0 (sck) pb1 (mosi) pb2 (miso) pb3 (oc0/pwm0) pb4 pb7 (oc2/pwm2) tosc2 (oc1b/pwm1b) pb6 tosc1 (oc1a/pwm1a) pb5 pc1 (a9) wr pd7 (t2) pc2 (a10) pc3 (a11) pc4 (a12) pc5 (a13) pc6 (a14) pc7 (a15) pa7 (ad7) ale pa6 (ad6) pa5 (ad5) pa4 (ad4) pa3 (ad3) (ad0) pa0 (ad1) pa1 (ad2) pa2 rd pd6 (t1) pd5 pd4 (ic1) pd3 (int3) pd2 (int2) pd1 (int1) pd0 (int0) xtal1 xtal2 reset gnd vcc ATMEGA103/103l index corner
ATMEGA103/103l 3 block diagram figure 1. the ATMEGA103(l) block diagram program counter internal oscillator watchdog timer stack pointer program flash mcu control register sram general purpose registers instruction register timer/ counters instruction decoder data dir. reg. portb data dir. reg. porte data dir. reg. porta data dir. reg. portd data register portb data register porte data register porta data register portc data register portd programming logic timing and control oscillator oscillator interrupt unit eeprom spi uart status register z y x alu portb driver/buffers porte driver/buffers porta driver/buffers portf buffers analog mux adc portd driver/buffers portc drivers pb0 - pb7 pe0 - pe7 pa0 - pa7 pf0 - pf7 reset vcc vcc agnd gnd gnd aref tosc2 tosc1 xtal1 xtal1 control lines + - analog comp ara tor pd0 - pd7 pc0 - pc7 pen ale wr rd 8-bit data bus avcc
ATMEGA103/103l 4 pin descriptions vcc supply voltage gnd ground port a (pa7..pa0) port a is an 8-bit bi-directional i/o port. port pins can provide internal pull-up resistors (selected for each bit). the port a output buffers can sink 20 ma and can drive led displays directly. when pins pa0 to pa7 are used as inputs and are externally pulled low, they will source current if the internal pull-up resistors are activated. port a serves as multiplexed address/data bus when using external sram. the port a pins are tri-stated when a reset condition becomes active, even if the clock is not running. port b (pb7..pb0) port b is an 8-bit bi-directional i/o port with internal pull-up resistors. the port b output buffers can sink 20 ma. as inputs , port b pins that are externally pulled low, will source current if the pull-up resistors are activated. port b also serves the functions of various special features. the port b pins are tri-stated when a reset condition becomes active, even if the clock is not running. port c (pc7..pc0) port c is an 8-bit output port. the port c output buffers can sink 20 ma. port c also serves as address output when using external sram. since port c is an output only port, the port c pins are not tri-stated when a reset condition becomes active. port d (pd7..pd0) port d is an 8-bit bi-directional i/o port with internal pull-up resistors. the port d output buffers can sink 20 ma. as inputs , port d pins that are externally pulled low will source current if the pull-up resistors are activated. port d also serves the functions of various special features. the port d pins are tri-stated when a reset condition becomes active, even if the clock is not running. port e (pe7..pe0) port e is an 8-bit bi-directional i/o port with internal pull-up resistors. the port e output buffers can sink 20 ma. as inputs , port e pins that are externally pulled low will source current if the pull-up resistors are activated. port e also serves the functions of various special features. the port e pins are tri-stated when a reset condition becomes active, even if the clock is not running port f (pf7..pf0) port f is an 8-bit input port. port f also serves as the analog inputs for the adc. reset reset input. an external reset is generated by a low level on the reset pin. reset pulses longer than 50 ns will generate a reset, even if the clock is not running. shorter pulses are not guaranteed to generate a reset. xtal1 input to the inverting oscillator amplifier and input to the internal clock operating circuit.
ATMEGA103/103l 5 xtal2 output from the inverting oscillator amplifier. tosc1 input to the inverting timer/counter oscillator amplifier. tosc2 output from the inverting timer/counter oscillator amplifier. wr external sram write strobe rd external sram read strobe ale ale is the address latch enable used when the external memory is enabled. the ale strobe is used to latch the low- order address (8 bits) into an address latch during the first access cycle, and the ad0-7 pins are used for data during the second access cycle. avcc supply voltage for port f, including adc. the pin must be connected to vcc when not used for the adc. see ? adc noise canceling techniques ? on page 71 for details when using the adc. aref this is the analog reference input for the adc converter. for adc operations, a voltage in the range agnd to avcc must be applied to this pin. agnd if the board has a separate analog ground plane, this pin should be connected to this ground plane. otherwise, connect to gnd. pen this is a programming enable pin for the serial programming mode. by holding this pin low during a power-on reset, the device will enter the serial programming mode. pen has no function during normal operation.
ATMEGA103/103l 6 architectural overview figure 2. the ATMEGA103(l) avr risc architecture the avr uses a harvard architecture concept ? with separate memories and buses for program and data. the program memory is accesses with a single level pipeline. while one instruction is being executed, the next instruction is pre-fetched from the program memory. this concept enables instructions to be executed in every clock cycle. the program memory is in-system programmable flash memory. with a few exceptions, avr instructions have a single 16-bit word format, meaning that every program memory address contains a single 16-bit instruction. during interrupts and subroutine calls, the return address program counter (pc) is stored on the stack. the stack is effectively allocated in the general data sram, and consequently the stack size is only limited by the total sram size and the usage of the sram. all user programs must initialize the sp in the reset routine (before subroutines or interrupts are executed). the 16-bit stack pointer sp is read/write accessible in the i/o space. the 4000 bytes data sram can be easily accessed through the five different addressing modes supported in the avr architecture. 64k x 16 program memory instruction register instruction decoder program counter control lines 32 x 8 general purpose registers alu status and test 4k x 8 eeprom peripherals data bus 8-bit avr ATMEGA103(l) architecture 4k x 8 data sram direct addressing indirect addressing
ATMEGA103/103l 7 note: for compatibility with future devices, reserved bits should be written to zero if accessed. reserved i/o memory addresses should never be written. some of the status flags are cleared by writing a logical one to them. note that the cbi and sbi instr uc- tions will operate on all bits in the i/o register, writing a one back into any flag read as set, thus clearing the flag. the c bi and sbi instructions work with registers $00 to $1f only. register summary address name bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 page $3f ($5f) sreg i t h s v n z c page 21 $3e ($5e) sph sp15 sp14 sp13 sp12 sp11 sp10 sp9 sp8 page 21 $3d ($5d) spl sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0 page 21 $3c ($5c) xdiv xdiven xdiv6 xdiv5 xdiv4 xdiv3 xdiv2 xdiv1 xdiv0 page 23 $3b ($5b) rampz ? ? ? ? ? ? ? rampz0 page 22 $3a ($5a) eicr isc71 isc70 isc61 isc60 isc51 isc50 isc41 isc40 page 31 $39 ($59) eimsk int7 int6 int5 int4 int3 int2 int1 int0 page 30 $38 ($58) eifr intf7 intf6 intf5 intf4 ? ? ? ? page 30 $37 ($57) timsk ocie2 toie2 ticie1 ocie1a ocie1b toie1 ocie0 toie0 page 31 $36 ($56) tifr ocf2 tov2 icf1 ocf1a ocf1b tov1 ocf0 tov0 page 32 $35 ($55) mcucr sre srw se sm1 sm0 ? ? ? page 22 $34 ($54) mcusr ? ? ? ? ? ? extrf porf page 29 $33 ($53) tccr0 ? pwm0 com01 com00 ctc0 cs02 cs01 cs00 page 38 $32 ($52) tcnt0 timer/counter0 (8-bit) page 39 $31 ($51) ocr0 timer/counter0 output compare register page 40 $30 ($50) assr ? ? ? ? as0 tcn0ub ocr0ub tcr0ub page 41 $2f ($4f) tccr1a com1a1 com1a0 com1b1 com1b0 ? ? pwm11 pwm10 page 45 $2e ($4e) tccr1b icnc1 ices1 ? ? ctc1 cs12 cs11 cs10 page 46 $2d ($4d) tcnt1h timer/counter1 ? counter register high byte page 47 $2c ($4c) tcnt1l timer/counter1 ? counter register low byte page 47 $2b ($4b) ocr1ah timer/counter1 ? output compare register a high byte page 48 $2a ($4a) ocr1al timer/counter1 ? output compare register a low byte page 48 $29 ($49) ocr1bh timer/counter1 ? output compare register b high byte page 48 $28 ($48) ocr1bl timer/counter1 ? output compare register b low byte page 48 $27 ($47) icr1h timer/counter1 ? input capture register high byte page 48 $26 ($46) icr1l timer/counter1 ? input capture register low byte page 48 $25 ($45) tccr2 ? pwm2 com21 com20 ctc2 cs22 cs21 cs20 page 38 $24 ($44) tcnt2 timer/counter2 (8-bit) page 39 $23 ($43) ocr2 timer/counter2 output compare register page 40 $21 ($47) wdtcr ? ? ? wdtoe wde wdp2 wdp1 wdp0 page 51 $1f ($3f) eearh ? ? ? ? eear11 eear10 eear9 eear8 page 52 $1e ($3e) eearl eeprom address register l page 52 $1d ($3d) eedr eeprom data register page 53 $1c ($3c) eecr ? ? ? ? eerie eemwe eewe eere page 53 $1 b ($ 3 b ) p o rta p o rta 7 p o rta 6 p orta 5 p orta 4 p o rta 3 p o rta 2 p o rta 1 p o rta 0 p a ge 7 5 $1a ($3a) ddra dda7 dda6 dda5 dda4 dda3 dda2 dda1 dda0 page 75 $19 ($39) pina pina7 pina6 pina5 pina4 pina3 pina2 pina1 pina0 page 75 $18 ($38) portb portb7 portb6 portb5 portb4 portb3 portb2 portb1 portb0 page 77 $17 ($37) ddrb ddb7 ddb6 ddb5 ddb4 ddb3 ddb2 ddb1 ddb0 page 77 $16 ($36) pinb pinb7 pinb6 pinb5 pinb4 pinb3 pinb2 pinb1 pinb0 page 77 $15 ($35) portc portc7 portc6 portc5 portc4 portc3 portc2 portc1 portc0 page 82 $12 ($32) portd portd7 portd6 portd5 portd4 portd3 portd2 portd1 portd0 page 83 $11 ($31) ddrd ddd7 ddd6 ddd5 ddd4 ddd3 ddd2 ddd1 ddd0 page 84 $10 ($30) pind pind7 pind6 pind5 pind4 pind3 pind2 pind1 pind0 page 84 $0f ($2f) spdr spi data register page 58 $0e ($2e) spsr spif wcol ? ? ? ? ? ? page 58 $0d ($2d) spcr spie spe dord mstr cpol cpha spr1 spr0 page 57 $0c ($2c) udr uart i/o data register page 62 $0b ($2b) usr rxc txc udre fe or ? ? ? page 62 $0a ($2a) ucr rxcie txcie udrie rxen txen chr9 rxb8 txb8 page 63 $09 ($29) ubrr uart baud rate register page 65 $08 ($28) acsr acd ? aco aci acie acic acis1 acis0 page 65 $07 ($27) admux ? ? ? ? ? mux2 mux1 mux0 page 69 $06 ($26) adcsr aden adsc ? adif adie adps2 adps1 adps0 page 70 $05 ($25) adch ? ? ? ? ? ? adc9 adc8 page 71 $04 ($24) adcl adc7 adc6 adc5 adc4 adc3 adc2 adc1 adc0 page 71 $03 ($23) porte porte7 porte6 porte5 porte4 porte3 porte2 porte1 porte0 page 87 $02 ($22) ddre dde7 dde6 dde5 dde4 dde3 dde2 dde1 dde0 page 87 $01 ($21) pine pine7 pine6 pine5 pine4 pine3 pine2 pine1 pine0 page 87 $00 ($20) pinf pinf7 pinf6 pinf5 pinf4 pinf3 pinf2 pinf1 pinf0 page 91
ATMEGA103/103l 8 instruction set summary mnemonics operands description operation flags #clocks arithmetic and logic instructions add rd, rr add two registers rd rd + rr z,c,n,v,h 1 adc rd, rr add with carry two registers rd rd + rr + c z,c,n,v,h 1 adiw rdl, k add immediate to word rdh:rdl rdh:rdl + k z,c,n,v,s 2 sub rd, rr subtract two registers rd rd - rr z,c,n,v,h 1 subi rd, k subtract constant from register rd rd - k z,c,n,v,h 1 sbc rd, rr subtract with carry two registers rd rd - rr - c z,c,n,v,h 1 sbci rd, k subtract with carry constant from reg. rd rd - k - c z,c,n,v,h 1 sbiw rdl, k subtract immediate from word rdh:rdl rdh:rdl - k z,c,n,v,s 2 and rd, rr logical and registers rd rd ? rr z,n,v 1 andi rd, k logical and register and constant rd rd ? k z,n,v 1 or rd, rr logical or registers rd rd v rr z,n,v 1 ori rd, k logical or register and constant rd rd v k z,n,v 1 eor rd, rr exclusive or registers rd rd rr z,n,v 1 com rd one ? s complement rd $ff - rd z,c,n,v 1 neg rd two ? s complement rd $00 - rd z,c,n,v,h 1 sbr rd, k set bit(s) in register rd rd v k z,n,v 1 cbr rd, k clear bit(s) in register rd rd ? ($ff - k) z,n,v 1 inc rd increment rd rd + 1 z,n,v 1 dec rd decrement rd rd - 1 z,n,v 1 tst rd test for zero or minus rd rd ? rd z,n,v 1 clr rd clear register rd rd rd z,n,v 1 ser rd set register rd $ff none 1 branch instructions rjmp k relative jump pc pc + k + 1 none 2 ijmp indirect jump to (z) pc z none 2 jmp k direct jump pc knone3 rcall k relative subroutine call pc pc + k + 1 none 3 icall indirect call to (z) pc znone3 call k direct subroutine call pc knone4 ret subroutine return pc stack none 4 reti interrupt return pc stack i 4 cpse rd, rr compare, skip if equal if (rd = rr) pc pc + 2 or 3 none 1/2/3 cp rd, rr compare rd - rr z,n,v,c,h 1 cpc rd, rr compare with carry rd - rr - c z,n,v,c,h 1 cpi rd, k compare register with immediate rd - k z,n,v,c,h 1 sbrc rr, b skip if bit in register cleared if (rr(b) = 0) pc pc + 2 or 3 none 1/2/3 sbrs rr, b skip if bit in register is set if (rr(b) = 1) pc pc + 2 or 3 none 1/2/3 sbic p, b skip if bit in i/o register cleared if (p(b) = 0) pc pc + 2 or 3 none 1/2/3 sbis p, b skip if bit in i/o register is set if (p(b) = 1) pc pc + 2 or 3 none 1/2/3 brbs s, k branch if status flag set if (sreg(s) = 1) then pc pc + k + 1 none 1/2 brbc s, k branch if status flag cleared if (sreg(s) = 0) then pc pc + k + 1 none 1/2 breq k branch if equal if (z = 1) then pc pc + k + 1 none 1/2 brne k branch if not equal if (z = 0) then pc pc + k + 1 none 1/2 brcs k branch if carry set if (c = 1) then pc pc + k + 1 none 1/2 brcc k branch if carry cleared if (c = 0) then pc pc + k + 1 none 1/2 brsh k branch if same or higher if (c = 0) then pc pc + k + 1 none 1/2 brlo k branch if lower if (c = 1) then pc pc + k + 1 none 1/2 brmi k branch if minus if (n = 1) then pc pc + k + 1 none 1/2 brpl k branch if plus if (n = 0) then pc pc + k + 1 none 1/2 brge k branch if greater or equal, signed if (n v = 0) then pc pc + k + 1 none 1/2 brlt k branch if less than zero, signed if (n v = 1) then pc pc + k + 1 none 1/2 brhs k branch if half carry flag set if (h = 1) then pc pc + k + 1 none 1/2 brhc k branch if half carry flag cleared if (h = 0) then pc pc + k + 1 none 1/2 brts k branch if t flag set if (t = 1) then pc pc + k + 1 none 1/2 brtc k branch if t flag cleared if (t = 0) then pc pc + k + 1 none 1/2 brvs k branch if overflow flag is set if (v = 1) then pc pc + k + 1 none 1/2 brvc k branch if overflow flag is cleared if (v = 0) then pc pc + k + 1 none 1/2 brie k branch if interrupt enabled if (i = 1) then pc pc + k + 1 none 1/2 brid k branch if interrupt disabled if (i = 0) then pc pc + k + 1 none 1/2 data transfer instructions elpm extended load program memory r0 (z+rampz) none 3 mov rd, rr move between registers rd rr none 1 ldi rd, k load immediate rd knone1
ATMEGA103/103l 9 ld rd, x load indirect rd (x) none 2 ld rd, x+ load indirect and post-increment rd (x), x x + 1 none 2 ld rd, -x load indirect and pre-decrement x x - 1, rd (x) none 2 ld rd, y load indirect rd (y) none 2 ld rd, y+ load indirect and post-increment rd (y), y y + 1 none 2 ld rd, -y load indirect and pre-decrement y y - 1, rd (y) none 2 ldd rd, y+q load indirect with displacement rd (y + q) none 2 ld rd, z load indirect rd (z) none 2 ld rd, z+ load indirect and post-increment rd (z), z z+1 none 2 ld rd, -z load indirect and pre-decrement z z - 1, rd (z) none 2 ldd rd, z+q load indirect with displacement rd (z + q) none 2 lds rd, k load direct from sram rd (k) none 2 st x, rr store indirect (x) rr none 2 st x+, rr store indirect and post-increment (x) rr, x x + 1 none 2 st -x, rr store indirect and pre-decrement x x - 1, (x) rr none 2 st y, rr store indirect (y) rr none 2 st y+, rr store indirect and post-increment (y) rr, y y + 1 none 2 st -y, rr store indirect and pre-decrement y y - 1, (y) rr none 2 std y+q, rr store indirect with displacement (y + q) rr none 2 st z, rr store indirect (z) rr none 2 st z+, rr store indirect and post-increment (z) rr, z z + 1 none 2 st -z, rr store indirect and pre-decrement z z - 1, (z) rr none 2 std z+q, rr store indirect with displacement (z + q) rr none 2 sts k, rr store direct to sram (k) rr none 2 lpm load program memory r0 (z) none 3 in rd, p in port rd pnone1 out p, rr out port p rr none 1 push rr push register on stack stack rr none 2 pop rd pop register from stack rd stack none 2 bit and bit-test instructions sbi p, b set bit in i/o register i/o(p,b) 1none2 cbi p, b clear bit in i/o register i/o(p,b) 0none2 lsl rd logical shift left rd(n+1) rd(n), rd(0) 0 z,c,n,v 1 lsr rd logical shift right rd(n) rd(n+1), rd(7) 0 z,c,n,v 1 rol rd rotate left through carry rd(0) c, rd(n+1) rd(n), c rd(7) z,c,n,v 1 ror rd rotate right through carry rd(7) c, rd(n) rd(n+1), c rd(0) z,c,n,v 1 asr rd arithmetic shift right rd(n) rd(n+1), n = 0..6 z,c,n,v 1 swap rd swap nibbles rd(3..0) rd(7..4), rd(7..4) rd(3..0) none 1 bset s flag set sreg(s) 1 sreg(s) 1 bclr s flag clear sreg(s) 0 sreg(s) 1 bst rr, b bit store from register to t t rr(b) t 1 bld rd, b bit load from t to register rd(b) tnone1 sec set carry c 1c1 clc clear carry c 0 c 1 sen set negative flag n 1n1 cln clear negative flag n 0 n 1 sez set zero flag z 1z1 clz clear zero flag z 0 z 1 sei global interrupt enable i 1i1 cli global interrupt disable i 0 i 1 ses set signed test flag s 1s1 cls clear signed test flag s 0 s 1 sev set twos complement overflow v 1v1 clv clear twos complement overflow v 0 v 1 set set t in sreg t 1t1 clt clear t in sreg t 0 t 1 seh set half carry flag in sreg h 1h1 clh clear half carry flag in sreg h 0 h 1 nop no operation none 1 sleep sleep (see specific descr. for sleep function) none 3 wdr watchdog reset (see specific descr. for wd timer) none 1 instruction set summary (continued) mnemonics operands description operation flags #clocks
ATMEGA103/103l 10 ordering information speed (mhz) power supply ordering code package operation range 4 2.7 - 3.6v ATMEGA103l-4ac 64a commercial (0 c to 70 c) ATMEGA103l-4ai 64a industrial (-40 c to 85 c) 6 4.0 - 5.5v ATMEGA103-6ac 64a commercial (0 c to 70 c) ATMEGA103-6ai 64a industrial (-40 c to 85 c) package type 64a 64-lead, thin (1.0 mm) plastic gull wing quad flat package (tqfp)
ATMEGA103/103l 11 packaging information *controlling dimension: millimeters pin 1 id 0.80(0.031) bsc 16.25(0.640) sq sq 15.75(0.620) 0.45(0.018) 0.30(0.012) 14.10(0.555) 13.90(0.547) 1.20 (.047) max 0.15(0.006) 0.05(0.002 ) 0.75(0.030) 0.45(0.018) 0-7 0.20(0.008) 0.10(0.004) 64a , 64-lead, thin (1.0 mm) plastic gull wing quad flat package (tqfp) dimensions in millimeters and (inches)*
? atmel corporation 2000. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company ? s standard war- ranty which is detailed in atmel ? s terms and conditions located on the company ? s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any tim e without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectu al prop- erty of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel ? s products are not authorized for use as critical components in life support devices or systems. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel (408) 441-0311 fax (408) 487-2600 europe atmel u.k., ltd. coliseum business centre riverside way camberley, surrey gu15 3yl england tel (44) 1276-686-677 fax (44) 1276-686-697 asia atmel asia, ltd. room 1219 chinachem golden plaza 77 mody road tsimhatsui east kowloon hong kong tel (852) 2721-9778 fax (852) 2722-1369 japan atmel japan k.k. 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 atmel colorado springs 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 tel (719) 576-3300 fax (719) 540-1759 atmel rousset zone industrielle 13106 rousset cedex france tel (33) 4-4253-6000 fax (33) 4-4253-6001 fax-on-demand north america: 1-(800) 292-8635 international: 1-(408) 441-0732 e-mail literature@atmel.com web site http://www.atmel.com bbs 1-(408) 436-4309 printed on recycled paper. 0945es ? 01/00/xm marks bearing ? and/or ? are registered trademarks and trademarks of atmel corporation. terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of ATMEGA103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X