Part Number Hot Search : 
CM906 49H313 LTM8045 CD214B 5333V1 AS431AR 00211 MC33493
Product Description
Full Text Search
 

To Download 856331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet part number 856331 836.5/881.5 mhz saw duplexer features ? for amps, cdma and tdma appli c ations ? usable ban dwidth 25 mhz (each ba nd) ? high tx-rx isolation ? low insertio n loss ? high attenuation ? single-ende d operation ? no matching required f o r operation at 50 ? ? ceramic surface mount package (smp) ? hermetic ? rohs comp liant (2002/9 5 /ec), pb-free ? packag e pin configuration surface mount 3.80 x 3.80 x 1.47 mm bottom vie w 12 10 11 9 4 5 6 7 8 1 3 2 pin no. description 5 t x 8 a n t e n n a 1 1 r x 1 , 2 , 3 , 4 , 6 c a s e g r o u n d 7 , 9 , 1 0 , 1 2 c a s e g r o u n d 0. 1 5 x 45 chamfer 0.9 0 0.41 sq. 0.4 5 3.80 0. 60 1.4 7 no m. 1.6 5 m a x. 0. 80 1.60 3.8 0 0.8 6 dimens io ns sh o w n ar e nomi n al in mil limet ers all toler ances are 0.1 5 mm e x ce pt overa ll len g th an d w i dt h 0.10mm body : al 2 o 3 ceramic lid: kovar , ni plate d t e rminations: au plati ng 0.5 - 1.0 m, over a 2 - 6 m ni plati n g pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v e 12-sep - 2 0 0 5 pag e 1 o f 6
data sheet part number 856331 836.5/881.5 mhz saw duplexer electrical specifications (1) operating temperature: (2) + 2 5 o c parameter (3) minimum t y pical maximum unit tx-ant specification center fre quenc y - 8 3 6 . 5 - m h z maximum insertion loss (4) 824 - 849 mhz - 1.8 2.3 db amplitude ripple 824 - 849 mhz - 0.4 0.9 db absolute attenuation 869 - 894 mhz 1050 - 1100 mhz 1250 - 1325 mhz 45 18 12 49 22 16 - - - db db db second harmonic attenuation 1648 - 1698 mhz 7 9 - db third harm onic attenuation 2472 - 2547 mhz 8 10 - db return los s at tx terminal (4) 824 - 849 mhz 10 13 - db ant-rx sp ecification center fre quenc y - 8 8 1 . 5 - m h z maximum insertion loss (4) 869 - 894 mhz - 2.5 3.0 db amplitude ripple 869 - 894 mhz - 1.0 1.4 db absolute attenuation 779 - 804 mhz 824 - 849 mhz 1039 - 1065 mhz 1100 - 1270 mhz 1648 - 1698 mhz 2472 - 2547 mhz 35 51 35 38 30 15 40 55 40 45 41 20 - - - - - - db db db db db db return los s at rx terminal (4) 869 - 894 mhz 10 13 - db tx-rx specification tx to rx isolation 824 - 849 mhz 869 - 894 mhz 55 45 59 48 - - db db notes : 1. all spec ificatio ns are bas ed o n the test circui t sho w n on pag e 5 2. t h is specificati on is val i d for room temper atu r e onl y. t he specific ati on over the full temper atur e ran ge(s) i s avail abl e on t he ne xt pag e(s) 3. electrical m a rg in has b e e n bui lt into the des ig n to accou n t for the variatio ns due to man u fa cturing tol e ran c es 4. excl ud ing l o ss es due to pcb subj ect to cha nge or o b so les c ence w i t h o u t notice re v e 12-sep - 2 0 0 5 pag e 2 o f 6
data sheet part number 856331 836.5/881.5 mhz saw duplexer electrical specifications (1) operating temperature range: (2) -30 to +85 o c parameter (3) minimum t y pical maximum unit tx-ant specification center fre quenc y - 8 3 6 . 5 - m h z maximum insertion loss (4) 824 - 849 mhz - 1.8 2.5 db amplitude ripple 824 - 849 mhz - 0.4 1.1 db absolute attenuation 869 - 894 mhz 1050 - 1100 mhz 1250 - 1325 mhz 45 18 12 48 22 16 - - - db db db second harmonic attenuation 1648 - 1698 mhz 7 9 - db third harm onic attenuation 2472 - 2547 mhz 8 10 - db return los s at tx terminal (4) 824 - 849 mhz 10 13 - db ant-rx sp ecification center fre quenc y - 8 8 1 . 5 - m h z maximum insertion loss (4) 869 - 894 mhz - 2.5 3.5 db amplitude ripple 869 - 894 mhz - 1.0 2.2 db absolute attenuation 779 - 804 mhz 824 - 849 mhz 1039 - 1065 mhz 1100 - 1270 mhz 1648 - 1698 mhz 2472 - 2547 mhz 35 50 35 38 30 15 40 54 40 45 41 20 - - - - - - db db db db db db return los s at rx terminal (4) 869 - 894 mhz 9 12 - db tx-rx specification tx to rx isolation 824 - 849 mhz 869 - 894 mhz 54 44 58 48 - - db db notes : 1. all spec ificatio ns are bas ed o n the test circui t sho w n on pag e 5 2. in producti on, devic es w i l l be tested at room temperatur e to a guar db and ed specific ati on to ensur e el ectrical com p li anc e ove r temperatur e 3. electrical m a rg in has b e e n bui lt into the des ig n to accou n t for the variatio ns due to temper ature drift an d manufactur i ng to lera nces 4. excl ud ing l o ss es due to pcb subj ect to cha nge or o b so les c ence w i t h o u t notice re v e 12-sep - 2 0 0 5 pag e 3 o f 6
data sheet part number 856331 836.5/881.5 mhz saw duplexer typical performance subj ect to cha nge or o b so les c ence w i t h o u t notice re v e 12-sep - 2 0 0 5 pag e 4 o f 6
data sheet part number 856331 836.5/881.5 mhz saw duplexer test circuits 50 ? sing le-e nd ed 1, 2, 3, 4, 6 7, 9, 10, 12 85 11 an t 50 ? ? 50 50 ? no imp eda nce matchin g requ ired 50 ? sing le-e nd ed 1, 2, 3, 4, 6 7, 9, 10, 12 85 11 an t 50 ? ? 50 50 ? no imp eda nce matchin g requ ired marking pcb footprint id do t sa wt e k l ogo date code jjjym w c ode mark ing 1.1 1 4.01 0.65 0.14 0.80 1.60 0.15x45 chamfer t he date code consists of: jjj = julian da y , y = last digit of y e ar, m = man u facturin g site code t h is footprint repres ent s a re commen datio n onl y dimens io ns sh o w n ar e nomi n al in mil limet ers tape and reel ?1 . 5 2.0 0. 3 8.0 4.0 4. 1 4.1 1.8 1. 75 5.5 12.0 ?1.5 a a section a-a direc t i on of travel ?102 ?1 3.0 ?20.2 ?330 2.7 12.8 2.0 logo sawte k id dot dimens io ns sh o w n ar e nomi n al in mil limet ers packag i ng qua ntit y : 40 00 u n it s/reel subj ect to cha nge or o b so les c ence w i t h o u t notice re v e 12-sep - 2 0 0 5 pag e 5 o f 6
data sheet part number 856331 836.5/881.5 mhz saw duplexer maximum ratings parameter sy m bol minimum maximum unit operating temperature range t -30 +85 o c storage temperature range t stg - 4 0 + 8 5 o c rf power p in - + 3 1 d b m important note s warnings ? electrostatic sensitive device (esd) ? avoid ultrasonic exposu r e rohs co mpliance ? this product complies with eu directive 2002/95/ec (rohs) solderability ? compatible with jedec j-std-020c pb -free process, 260 c peak reflo w temperatu r e ( see solde r ing p r ofile ) links to additional technical information pcb layout tips qualification flowcha r t soldering profile s-parameters ro hs inform ation other te ch ni cal inform atio n saw t ek?s liability is lim ited only to t he surface acou stic wave (saw) component(s) d e scribed in this d a ta sheet. sa w t ek does n ot accept any liability for applications, processes, circuits o r asse mblies, w h ich are implement ed using an y sa w t ek compo nent described in this data sheet. contact information po box 6095 01 orlan do, fl 3 2860 -95 01 usa phone: +1 (4 07) 88 6-886 0 fax: +1 (40 7 ) 886-7 061 email: cust se rv ice @ sa wt e k . c o m web: www.s awtek . c o m or conta c t on e of our wo rld w ide network of sales offices , rep r e s entativ es or di stri but ors pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v e 12-sep - 2 0 0 5 pag e 6 o f 6


▲Up To Search▲   

 
Price & Availability of 856331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X